công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FDZ208P bảng dữ liệu(PDF) 2 Page - Fairchild Semiconductor

tên linh kiện FDZ208P
Giải thích chi tiết về linh kiện  P-Channel 30 Volt PowerTrench BGA MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDZ208P bảng dữ liệu(HTML) 2 Page - Fairchild Semiconductor

  FDZ208P Datasheet HTML 1Page - Fairchild Semiconductor FDZ208P Datasheet HTML 2Page - Fairchild Semiconductor FDZ208P Datasheet HTML 3Page - Fairchild Semiconductor FDZ208P Datasheet HTML 4Page - Fairchild Semiconductor FDZ208P Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FDZ208P Rev D (W)
Electrical Characteristics
T
A = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min Typ Max Units
Off Characteristics
BVDSS
Drain–Source Breakdown Voltage
VGS = 0 V,
ID = –250
µA
–30
V
∆BVDSS
∆TJ
Breakdown Voltage Temperature
Coefficient
ID = –250 µA, Referenced to 25°C
–20
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = –24 V,
VGS = 0 V
–1
µA
IGSSF
Gate–Body Leakage Current,
Forward
VGS = –25 V,
VDS = 0 V
–100
nA
IGSSR
Gate–Body Leakage Current,
Reverse
VGS = 25 V,
VDS = 0 V
100
nA
On Characteristics
(Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS,
ID = –250 µA
–1
–1.5
–3
V
∆VGS(th)
∆TJ
Gate Threshold Voltage
Temperature Coefficient
ID = –250 µA, Referenced to 25°C
5
mV/
°C
RDS(on)
Static Drain–Source
On–Resistance
VGS = –10 V,
ID = –12.5 A
VGS = –4.5 V, ID = –9.5 A
VGS = –10 V,ID = –12.5A,TJ=125°C
9
13
11.7
10.5
16.5
15
m
gFS
Forward Transconductance
VDS = –10 V,
ID = –12.5 A
40
S
Dynamic Characteristics
Ciss
Input Capacitance
2409
pF
Coss
Output Capacitance
614
pF
Crss
Reverse Transfer Capacitance
VDS = –15 V,
V GS = 0 V,
f = 1.0 MHz
300
pF
Switching Characteristics (Note 2)
td(on)
Turn–On Delay Time
13
24
ns
tr
Turn–On Rise Time
11
21
ns
td(off)
Turn–Off Delay Time
74
119
ns
tf
Turn–Off Fall Time
VDD = –15 V,
ID = –1 A,
VGS = –10 V,
RGEN = 6 Ω
42
68
ns
Qg
Total Gate Charge
25
35
nC
Qgs
Gate–Source Charge
5
nC
Qgd
Gate–Drain Charge
VDS = –15 V,
ID = –12.5 A,
VGS = –5 V
10
nC
Drain–Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain–Source Diode Forward Current
–1.8
A
VSD
Drain–Source Diode Forward
Voltage
VGS = 0 V,
IS = –1.8 A (Note 2)
–0.7
–1.2
V
trr
Diode Reverse Recovery Time
29.5
ns
Qrr
Diode Reverse Recovery Charge
IF = -12.5 A,
di/dt = 100 A/µs
30.2
nC
Notes: 1.
RθJA is determined with the device mounted on a 1 in² 2 oz. copper pad on a 1.5 x 1.5 in. board of FR-4 material. The thermal resistance from the
junction to the circuit board side of the solder ball, RθJB, is defined for reference. For RθJC, the thermal reference point for the case is defined as the top surface of
the copper chip carrier. RθJC and RθJB are guaranteed by design while RθJA is determined by the user's board design.
a)
56°C/W when
mounted on a 1in2 pad
of 2 oz copper
b)
119°C/W when mounted
on a minimum pad of 2 oz
copper
Scale 1 : 1 on letter size paper
2. Pulse Test: Pulse Width < 300µs, Duty Cycle < 2.0%


Số phần tương tự - FDZ208P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
First Silicon Co., Ltd
FDZ20 FS-FDZ20 Datasheet
259Kb / 3P
   Zener Diode
logo
Fairchild Semiconductor
FDZ201N FAIRCHILD-FDZ201N Datasheet
37Kb / 4P
   N-Channel 2.5V Specified PowerTrenchTM BGA MOSFET
FDZ201N FAIRCHILD-FDZ201N Datasheet
177Kb / 6P
   N-Channel 2.5V Specified PowerTrench BGA MOSFET
FDZ201N FAIRCHILD-FDZ201N_04 Datasheet
177Kb / 6P
   N-Channel 2.5V Specified PowerTrench BGA MOSFET
FDZ202P FAIRCHILD-FDZ202P Datasheet
35Kb / 4P
   P-Channel 2.5V Specified PowerTrenchTM BGA MOSFET
More results

Mô tả tương tự - FDZ208P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FDS6679 FAIRCHILD-FDS6679 Datasheet
69Kb / 5P
   30 Volt P-Channel PowerTrench MOSFET
FDS6681Z FAIRCHILD-FDS6681Z Datasheet
108Kb / 6P
   30 Volt P-Channel PowerTrench MOSFET
FDS7779Z FAIRCHILD-FDS7779Z Datasheet
318Kb / 5P
   30 Volt P-Channel PowerTrench MOSFET
FDS7079ZN3 FAIRCHILD-FDS7079ZN3 Datasheet
183Kb / 6P
   30 Volt P-Channel PowerTrench MOSFET
FDS6679Z FAIRCHILD-FDS6679Z Datasheet
66Kb / 5P
   30 Volt P-Channel PowerTrench MOSFET
FDS4435BZ FAIRCHILD-FDS4435BZ Datasheet
94Kb / 4P
   30 Volt P-Channel PowerTrench MOSFET
FDS6673AZ FAIRCHILD-FDS6673AZ Datasheet
130Kb / 5P
   30 Volt P-Channel PowerTrench MOSFET
FDS4935BZ FAIRCHILD-FDS4935BZ Datasheet
154Kb / 5P
   Dual 30 Volt P-Channel PowerTrench MOSFET
FDZ204P FAIRCHILD-FDZ204P_04 Datasheet
169Kb / 6P
   P-Channel 2.5V Specified PowerTrench BGA MOSFET
FDZ202P FAIRCHILD-FDZ202P_04 Datasheet
169Kb / 6P
   P-Channel 2.5V Specified PowerTrench BGA MOSFET
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com