công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADM803 bảng dữ liệu(PDF) 8 Page - Analog Devices

tên linh kiện ADM803
Giải thích chi tiết về linh kiện  Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADM803 bảng dữ liệu(HTML) 8 Page - Analog Devices

Back Button ADM803_08 Datasheet HTML 4Page - Analog Devices ADM803_08 Datasheet HTML 5Page - Analog Devices ADM803_08 Datasheet HTML 6Page - Analog Devices ADM803_08 Datasheet HTML 7Page - Analog Devices ADM803_08 Datasheet HTML 8Page - Analog Devices ADM803_08 Datasheet HTML 9Page - Analog Devices ADM803_08 Datasheet HTML 10Page - Analog Devices ADM803_08 Datasheet HTML 11Page - Analog Devices ADM803_08 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADM803/ADM809/ADM810
Rev. H | Page 8 of 12
INTERFACING TO OTHER DEVICES
The ADM803/ADM809/ADM810 series is designed to integrate
with as many devices as possible and, therefore, has a standard
output dependent on VCC. This enables the parts to be used in
both 3 V and 5 V, or any nominal voltage within the minimum
and maximum specifications for VCC. This design simplifies
interfacing the ADM803/ADM809/ADM810 to other devices.
ENSURING A VALID RESET OUTPUT DOWN TO
VCC = 0 V
When VCC falls below 0.8 V, the ADM803/ADM809 RESET no
longer sinks current. A high impedance CMOS logic input
connected to RESET may, therefore, drift to undetermined logic
levels. To eliminate this problem, a 100 kΩ resistor should be
connected from RESET to ground.
GND
ADM809
VCC
VCC
RESET
Figure 12. Ensuring a Valid Reset Output Down to VCC = 0 V
BENEFITS OF AN ACCURATE RESET THRESHOLD
In other microprocessors, tolerances in supply voltages lead
to an overall increase in reset tolerance levels due to the
deterioration of the reset circuit’s power supply. In the
ADM803/ADM809/ADM810, the possibility of a malfunction
during a power failure is greatly reduced because the devices
can operate effectively even when there are large degradations
of the supply voltages. Another advantage is the very accurate
internal voltage reference circuit of the ADM803/ADM809/
ADM810. These benefits combine to produce an exceptionally
reliable voltage monitor circuit.
INTERFACING TO MICROPROCESSORS WITH
MULTIPLE INTERRUPTS
In a number of cases, it is necessary to interface many interrupts
from different devices (for example, thermal, altitude, and
velocity sensors). The ADM803/ADM809/ADM810 can easily
be integrated into existing interrupt-handling circuits, as shown
in Figure 13, or can be used as standalone devices.
4-LINE BCD TO
MICROPROCESSOR
ADM809
GND
VCC
VCC
RESET
OTHER SENSING
DEVICES
PRIORITY ENCODER
74LS147
Figure 13. Interfacing to Microprocessors with Multiple Interrupts


Số phần tương tự - ADM803_08

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADM803LAKS-REEL AD-ADM803LAKS-REEL Datasheet
132Kb / 12P
   Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
REV. C
ADM803LAKS-REEL-7 AD-ADM803LAKS-REEL-7 Datasheet
132Kb / 12P
   Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
REV. C
ADM803LAKSZ-REEL AD-ADM803LAKSZ-REEL Datasheet
212Kb / 11P
   Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. I
ADM803LAKSZ-REEL7 AD-ADM803LAKSZ-REEL7 Datasheet
212Kb / 11P
   Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. I
ADM803MAKS-REEL AD-ADM803MAKS-REEL Datasheet
132Kb / 12P
   Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
REV. C
More results

Mô tả tương tự - ADM803_08

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADM810 AD-ADM810_15 Datasheet
212Kb / 11P
   Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. I
ADM809 AD-ADM809_15 Datasheet
212Kb / 11P
   Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. I
ADM803 AD-ADM803_15 Datasheet
212Kb / 11P
   Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. I
ADM803 AD-ADM803 Datasheet
132Kb / 12P
   Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
REV. C
ADM809LAKSZ-REEL7 AD-ADM809LAKSZ-REEL7 Datasheet
309Kb / 12P
   Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. H
ADM823 AD-ADM823_15 Datasheet
206Kb / 12P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
REV. D
ADM823 AD-ADM823 Datasheet
180Kb / 10P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
Rev.PrB
ADM825TYRJ-R7 AD-ADM825TYRJ-R7 Datasheet
206Kb / 12P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
Rev. D
ADM824 AD-ADM824_15 Datasheet
206Kb / 12P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
REV. D
ADM825 AD-ADM825_15 Datasheet
206Kb / 12P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com