công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADG3304WBRUZ-REEL bảng dữ liệu(PDF) 5 Page - Analog Devices

tên linh kiện ADG3304WBRUZ-REEL
Giải thích chi tiết về linh kiện  Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADG3304WBRUZ-REEL bảng dữ liệu(HTML) 5 Page - Analog Devices

  ADG3304WBRUZ-REEL Datasheet HTML 1Page - Analog Devices ADG3304WBRUZ-REEL Datasheet HTML 2Page - Analog Devices ADG3304WBRUZ-REEL Datasheet HTML 3Page - Analog Devices ADG3304WBRUZ-REEL Datasheet HTML 4Page - Analog Devices ADG3304WBRUZ-REEL Datasheet HTML 5Page - Analog Devices ADG3304WBRUZ-REEL Datasheet HTML 6Page - Analog Devices ADG3304WBRUZ-REEL Datasheet HTML 7Page - Analog Devices ADG3304WBRUZ-REEL Datasheet HTML 8Page - Analog Devices ADG3304WBRUZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet
ADG3304
Rev. D | Page 5 of 20
B Version1
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
1.15 V to 1.3 V ≤ VCCA ≤ VCCY, VCCY = 1.8 V ± 0.3 V
A
→Y Translation
RS = RT = 50 Ω, CL = 50 pF, see
Figure 37
Propagation Delay
tP, A→Y
12
25
ns
Rise Time
tR, A→Y
7
12
ns
Fall Time
tF, A→Y
3
5
ns
Maximum Data Rate
DMAX, A→Y
25
Mbps
Channel-to-Channel Skew
tSKEW, A→Y
2
5
ns
Part-to-Part Skew
tPPSKEW, A→Y
15
ns
Y
→A Translation
RS = RT = 50 Ω, CL = 15 pF, see
Figure 38
Propagation Delay
tP, Y→A
14
35
ns
Rise Time
tR, Y→A
5
16
ns
Fall Time
tF, Y→A
2.5
6.5
ns
Maximum Data Rate
DMAX, Y→A
25
Mbps
Channel-to-Channel Skew
tSKEW, Y→A
3
6.5
ns
Part-to-Part Skew
tPPSKEW, Y→A
23.5
ns
2.5 V ± 0.2 V ≤ VCCA ≤ VCCY, VCCY = 3.3 V ± 0.3 V
A
→Y Translation
RS = RT = 50 Ω, CL = 50 pF, see
Figure 37
Propagation Delay
tP, A→Y
7
10
ns
Rise Time
tR, A→Y
2.5
4
ns
Fall Time
tF, A→Y
2
5
ns
Maximum Data Rate
DMAX, A→Y
60
Mbps
Channel-to-Channel Skew
tSKEW, A→Y
1.5
2
ns
Part-to-Part Skew
tPPSKEW, A→Y
4
ns
Y
→A Translation
RS = RT = 50 Ω, CL = 15 pF, see
Figure 38
Propagation Delay
tP, Y→A
5
8
ns
Rise Time
tR, Y→A
1
4
ns
Fall Time
tF, Y→A
3
5
ns
Maximum Data Rate
DMAX, Y→A
60
Mbps
Channel-to-Channel Skew
tSKEW, Y→A
2
3
ns
Part-to-Part Skew
tPPSKEW, Y→A
3
ns
POWER REQUIREMENTS
Power Supply Voltages
VCCA
VCCA ≤ VCCY
1.15
5.5
V
VCCY
1.65
5.5
V
Quiescent Power Supply Current
ICCA
VA = 0 V/VCCA, VY = 0 V/VCCY,
VCCA = VCCY = 5.5 V, EN = 1
0.17
5
µA
ICCY
VA = 0 V/VCCA, VY = 0 V/VCCY,
VCCA = VCCY = 5.5 V, EN = 1
0.27
5
µA
Three-State Mode Power Supply Current
IHi-Z, A
VCCA = VCCY = 5.5 V, EN = 0
0.1
5
µA
IHi-Z, Y
VCCA = VCCY = 5.5 V, EN = 0
0.1
5
µA
1
TA for typical specifications is 25°C.
2
Guaranteed by design, not production tested.


Số phần tương tự - ADG3304WBRUZ-REEL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG3304WBRUZ-REEL AD-ADG3304WBRUZ-REEL Datasheet
637Kb / 21P
   Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator
Rev. E
More results

Mô tả tương tự - ADG3304WBRUZ-REEL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG3304 AD-ADG3304_V01 Datasheet
637Kb / 21P
   Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator
Rev. E
ADG3304 AD-ADG3304_15 Datasheet
618Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator
REV. D
ADG3300 AD-ADG3300 Datasheet
615Kb / 20P
   Low Voltage 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translator
REV. 0
ADG3301 AD-ADG3301_15 Datasheet
627Kb / 20P
   Low Voltage 1.15 V to 5.5 V, Single-Channel Bidirectional Logic Level Translator
REV. 0
ADG3300BRUZ AD-ADG3300BRUZ Datasheet
616Kb / 20P
   Low Voltage 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translator
REV. 0
ADG3301 AD-ADG3301 Datasheet
627Kb / 20P
   Low Voltage 1.15 V to 5.5 V, Single-Channel Bidirectional Logic Level Translator
REV. 0
ADG3308 AD-ADG3308_15 Datasheet
501Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. D
ADG3308BRUZ AD-ADG3308BRUZ Datasheet
622Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. C
ADG3308 AD-ADG3308_V01 Datasheet
398Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
Rev. E
ADG3308-1 AD-ADG3308-1_15 Datasheet
501Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com