công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADG3304BCBZ-REEL bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện ADG3304BCBZ-REEL
Giải thích chi tiết về linh kiện  Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADG3304BCBZ-REEL bảng dữ liệu(HTML) 1 Page - Analog Devices

  ADG3304BCBZ-REEL Datasheet HTML 1Page - Analog Devices ADG3304BCBZ-REEL Datasheet HTML 2Page - Analog Devices ADG3304BCBZ-REEL Datasheet HTML 3Page - Analog Devices ADG3304BCBZ-REEL Datasheet HTML 4Page - Analog Devices ADG3304BCBZ-REEL Datasheet HTML 5Page - Analog Devices ADG3304BCBZ-REEL Datasheet HTML 6Page - Analog Devices ADG3304BCBZ-REEL Datasheet HTML 7Page - Analog Devices ADG3304BCBZ-REEL Datasheet HTML 8Page - Analog Devices ADG3304BCBZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Low Voltage, 1.15 V to 5.5 V, 4-Channel,
Bidirectional Logic Level Translator
Data Sheet
ADG3304
Rev. D
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2005–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Bidirectional level translation
Operates from 1.15 V to 5.5 V
Low quiescent current < 5 µA
No direction pin
Qualified for automotive applications
APPLICATIONS
SPI®, MICROWIRE™ level translation
Low voltage ASIC level translation
Smart card readers
Cell phones and cell phone cradles
Portable communications devices
Telecommunications equipment
Network switches and routers
Storage systems (SAN/NAS)
Computing/server applications
GPS
Portable POS systems
Low cost serial interfaces
FUNCTIONAL BLOCK DIAGRAM
A1
Y1
GND
VCCY
VCCA
EN
A4
Y4
A3
Y3
A2
Y2
Figure 1.
GENERAL DESCRIPTION
The ADG3304 is a bidirectional logic level translator that con-
tains four bidirectional channels. It can be used in multivoltage
digital system applications, such as data transfer, between a low
voltage digital signal processing controller and a higher voltage
device using SPI and MICROWIRE interfaces. The internal
architecture allows the device to perform bidirectional logic
level translation without an additional signal to set the direction
in which the translation takes place.
The voltage applied to VCCA sets the logic levels on the A side of
the device, while VCCY sets the levels on the Y side. For proper
operation, VCCA must always be less than VCCY. The VCCA-com-
patible logic signals applied to the A side of the device appear as
VCCY-compatible levels on the Y side. Similarly, VCCY-compatible
logic levels applied to the Y side of the device appear as VCCA-
compatible logic levels on the A side.
The enable pin (EN) provides three-state operation on both the
A side and the Y side pins. When the EN pin is pulled low, the
terminals on both sides of the device are in the high impedance
state. The EN pin is referred to the VCCA supply voltage and
driven high for normal operation.
The ADG3304 is available in compact 14-lead TSSOP, 12-ball
WLCSP, and 20-lead LFCSP. It is guaranteed to operate over
the 1.15 V to 5.5 V supply voltage range.
PRODUCT HIGHLIGHTS
1. Bidirectional level translation.
2. Fully guaranteed over the 1.15 V to 5.5 V supply range.
3. No direction pin.
4. Available in 14-lead TSSOP, 12-ball WLCSP, and 20-lead
LFCSP.


Số phần tương tự - ADG3304BCBZ-REEL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG3304BCBZ-REEL AD-ADG3304BCBZ-REEL Datasheet
637Kb / 21P
   Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator
Rev. E
ADG3304BCBZ-REEL7 AD-ADG3304BCBZ-REEL7 Datasheet
637Kb / 21P
   Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator
Rev. E
More results

Mô tả tương tự - ADG3304BCBZ-REEL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG3304 AD-ADG3304_V01 Datasheet
637Kb / 21P
   Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator
Rev. E
ADG3304 AD-ADG3304_15 Datasheet
618Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator
REV. D
ADG3300 AD-ADG3300 Datasheet
615Kb / 20P
   Low Voltage 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translator
REV. 0
ADG3301 AD-ADG3301_15 Datasheet
627Kb / 20P
   Low Voltage 1.15 V to 5.5 V, Single-Channel Bidirectional Logic Level Translator
REV. 0
ADG3300BRUZ AD-ADG3300BRUZ Datasheet
616Kb / 20P
   Low Voltage 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translator
REV. 0
ADG3301 AD-ADG3301 Datasheet
627Kb / 20P
   Low Voltage 1.15 V to 5.5 V, Single-Channel Bidirectional Logic Level Translator
REV. 0
ADG3308 AD-ADG3308_15 Datasheet
501Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. D
ADG3308BRUZ AD-ADG3308BRUZ Datasheet
622Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. C
ADG3308 AD-ADG3308_V01 Datasheet
398Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
Rev. E
ADG3308-1 AD-ADG3308-1_15 Datasheet
501Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com