công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP1318MT bảng dữ liệu(PDF) 30 Page - Microchip Technology

tên linh kiện MCP1318MT
Giải thích chi tiết về linh kiện  Voltage Supervisor
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1318MT bảng dữ liệu(HTML) 30 Page - Microchip Technology

Back Button MCP1318MT Datasheet HTML 26Page - Microchip Technology MCP1318MT Datasheet HTML 27Page - Microchip Technology MCP1318MT Datasheet HTML 28Page - Microchip Technology MCP1318MT Datasheet HTML 29Page - Microchip Technology MCP1318MT Datasheet HTML 30Page - Microchip Technology MCP1318MT Datasheet HTML 31Page - Microchip Technology MCP1318MT Datasheet HTML 32Page - Microchip Technology MCP1318MT Datasheet HTML 33Page - Microchip Technology MCP1318MT Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
MCP131X/2X
DS21985D-page 30
 2005-2012 Microchip Technology Inc.
4.1
Reset Voltage Trip Point (V
TRIP)
Operation
The device’s Reset voltage trip point (V
TRIP) is selected
when the device is ordered. As the voltage on the
device’s VDD pin is above or below this selected trip
point, the output of the Reset pin (RST/RST) will be
forced to either the inactive or active state.
For the voltage trip point, there is a minimum trip voltage
(VTRIPMIN) and a maximum trip voltage (VTRIPMAX). The
voltage that the device “actually” trips at will be referred
to as VTRIP. The trip voltage is specified for the falling of
the device VDD.
There is also a hysteresis (VHYS) on the trip point. This
is so that noise on the device voltage (VDD) does not
cause the Reset pin (RST/RST) to “jitter” (change
between driving an active and inactive state).
The Reset pin (RST or RST) will be forced active if any
of the following occur:
• The Manual Reset input (MR) goes low
• The Watchdog Timer times out
•VDD goes below the threshold
• During device power-up
After the device exits the Reset condition, the delay
circuitry will hold the RST and RST pins active until the
appropriate Reset delay time (tRST) has elapsed.
TABLE 4-1:
RESET PIN STATES
Device
State of RST Pin when:
State of RST (3) Pin when:
Output Driver
VDD <
VTRIP
VDD > VTRIP +
VHYS
VDD <
VTRIP
VDD > VTRIP +
VHYS
MCP1316
L
H
Push-pull
MCP1316M
LH (2)
Open-drain (2)
MCP1317
H
L
Push-pull
MCP1318
L
H
H
L
Push-pull
MCP1318M
LH (2)
H
L
Open-drain (2)
MCP1319
L
H
H
L
Push-pull
MCP1319M
LH (2)
H
L
Open-drain (2)
MCP1320
LH (1)
Open-drain (1)
MCP1321
LH (1)
H
L
Open-drain (1)
MCP1322
LH (1)
H
L
Open-drain (1)
Note 1:
Requires External Pull-up resistor.
2:
Has Internal Pull-up resistor.
3:
The RST pin output is always push-pull.


Số phần tương tự - MCP1318MT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP1318MT MICROCHIP-MCP1318MT Datasheet
1Mb / 44P
   Voltage Supervisor
2005
MCP1318MT-29LE/OT MICROCHIP-MCP1318MT-29LE/OT Datasheet
1Mb / 44P
   Voltage Supervisor
2005
MCP1318MT-46LE/OT MICROCHIP-MCP1318MT-46LE/OT Datasheet
1Mb / 44P
   Voltage Supervisor
2005
More results

Mô tả tương tự - MCP1318MT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP131X MICROCHIP-MCP131X Datasheet
1Mb / 44P
   Voltage Supervisor
2005
MCP1320T-25LE MICROCHIP-MCP1320T-25LE Datasheet
509Kb / 44P
   Voltage Supervisor
10/05/07
MCP1320T-46KE MICROCHIP-MCP1320T-46KE Datasheet
509Kb / 44P
   Voltage Supervisor
10/05/07
logo
STMicroelectronics
STM1066 STMICROELECTRONICS-STM1066 Datasheet
218Kb / 20P
   Smart voltage supervisor
logo
Aeroflex Circuit Techno...
UT01VS50L AEROFLEX-UT01VS50L Datasheet
173Kb / 15P
   UT01VS50L Voltage Supervisor
logo
Micrel Semiconductor
MIC2772 MICREL-MIC2772_05 Datasheet
233Kb / 9P
   Dual Voltage Supervisor
logo
STMicroelectronics
STM1068 STMICROELECTRONICS-STM1068 Datasheet
213Kb / 22P
   Smart voltage supervisor
logo
Texas Instruments
TL7700 TI1-TL7700_16 Datasheet
1Mb / 23P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
logo
Toshiba Semiconductor
TA8505P TOSHIBA-TA8505P Datasheet
213Kb / 6P
   SUPPLY VOLTAGE SUPERVISOR
logo
Texas Instruments
TL7700 TI-TL7700_06 Datasheet
266Kb / 15P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com