công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADG3304BRUZ bảng dữ liệu(PDF) 3 Page - Analog Devices

tên linh kiện ADG3304BRUZ
Giải thích chi tiết về linh kiện  Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADG3304BRUZ bảng dữ liệu(HTML) 3 Page - Analog Devices

  ADG3304BRUZ Datasheet HTML 1Page - Analog Devices ADG3304BRUZ Datasheet HTML 2Page - Analog Devices ADG3304BRUZ Datasheet HTML 3Page - Analog Devices ADG3304BRUZ Datasheet HTML 4Page - Analog Devices ADG3304BRUZ Datasheet HTML 5Page - Analog Devices ADG3304BRUZ Datasheet HTML 6Page - Analog Devices ADG3304BRUZ Datasheet HTML 7Page - Analog Devices ADG3304BRUZ Datasheet HTML 8Page - Analog Devices ADG3304BRUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet
ADG3304
Rev. D | Page 3 of 20
SPECIFICATIONS
VCCY = 1.65 V to 5.5 V, VCCA = 1.15 V to VCCY, GND = 0 V, TA = 25°C. All specifications TMIN to TMAX, unless otherwise noted.
Table 1.
B Version1
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
LOGIC INPUTS/OUTPUTS
A Side
Input High Voltage2
VIHA
VCCA = 1.2 V + 0.1 V/−0.05 V
VCCA × 0.88
V
VCCA = 1.8 V ± 0.15 V
VCCA × 0.72
V
VCCA = 2.5 V ± 0.2 V
1.7
V
VCCA = 3.3 V ± 0.3 V
2.2
V
VCCA = 5 V ± 0.5 V
VCCA × 0.7
V
Input Low Voltage2
VILA
VCCA = 1.2 V + 0.1 V/−0.05 V
VCCA × 0.35
V
VCCA = 1.8 V ± 0.15 V
VCCA × 0.35
V
VCCA = 2.5 V ± 0.2 V
0.7
V
VCCA = 3.3 V ± 0.3 V
0.8
V
VCCA = 5 V ± 0.5 V
VCCA × 0.3
V
Output High Voltage
VOHA
VY = VCCY, IOH = 20 µA, see
Figure 29
VCCA − 0.4
V
Output Low Voltage
VOLA
VY = 0 V, IOL = 20 µA, see
Figure 29
0.4
V
Capacitance2
CA
f = 1 MHz, EN = 0, see
Figure 34
9
pF
Leakage Current
ILA, Hi-Z
VA = 0 V/VCCA, EN = 0, see
Figure 31
±1
µA
Y Side
Input High Voltage2
VIHY
VCCY = 1.8 V ± 0.15 V
VCCY × 0.67
V
VCCY = 2.5 V ± 0.2 V
1.7
V
VCCY = 3.3 V ± 0.3 V
2
V
VCCY = 5 V ± 0.5 V
VCCY × 0.7
V
Input Low Voltage2
VILY
VCCY = 1.8 V ± 0.15 V
VCCY × 0.35
V
VCCY = 2.5 V ± 0.2 V
0.7
V
VCCY = 3.3 V ± 0.3 V
0.8
V
VCCY = 5 V ± 0.5 V
VCCY × 0.25
V
Output High Voltage
VOHY
VA = VCCA, IOH = 20 µA, see
Figure 30
VCCY − 0.4
V
Output Low Voltage
VOLY
VA = 0 V, IOL = 20 µA, see
Figure 30
0.4
V
Capacitance2
CY
f = 1 MHz, EN = 0, see
Figure 35
6
pF
Leakage Current
ILY, Hi-Z
VY = 0 V/VCCY, EN = 0, see
Figure 32
±1
µA
Enable (EN)
Input High Voltage2
VIHEN
VCCA = 1.2 V + 0.1 V/−0.05 V
VCCA × 0.88
V
VCCA = 1.8 V ± 0.15 V
VCCA × 0.72
V
VCCA = 2.5 V ± 0.2 V
1.7
V
VCCA = 3.3 V ± 0.3 V
2.2
V
VCCA = 5 V ± 0.5 V
VCCA × 0.7
V
Input Low Voltage2
VILEN
VCCA = 1.2 V + 0.1 V/−0.05 V
VCCA × 0.35
V
VCCA = 1.8 V ± 0.15 V
VCCA × 0.35
V
VCCA = 2.5 V ± 0.2 V
0.7
V
VCCA = 3.3 V ± 0.3 V
0.8
V
VCCA = 5 V ± 0.5 V
VCCA × 0.3
V
Leakage Current
ILEN
VEN = 0 V/VCCA, VA = 0 V, see
Figure 33
±1
µA
Capacitance2
CEN
3
pF
Enable Time2
tEN
RS = RT = 50 Ω, VA = 0 V/VCCA (A
→Y),
VY = 0 V/VCCY (Y
→A), see Figure 36
1
1.8
µs


Số phần tương tự - ADG3304BRUZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG3304BRUZ AD-ADG3304BRUZ Datasheet
637Kb / 21P
   Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator
Rev. E
ADG3304BRUZ-REEL AD-ADG3304BRUZ-REEL Datasheet
637Kb / 21P
   Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator
Rev. E
ADG3304BRUZ-REEL7 AD-ADG3304BRUZ-REEL7 Datasheet
637Kb / 21P
   Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator
Rev. E
More results

Mô tả tương tự - ADG3304BRUZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG3304 AD-ADG3304_V01 Datasheet
637Kb / 21P
   Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator
Rev. E
ADG3304 AD-ADG3304_15 Datasheet
618Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator
REV. D
ADG3300 AD-ADG3300 Datasheet
615Kb / 20P
   Low Voltage 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translator
REV. 0
ADG3301 AD-ADG3301_15 Datasheet
627Kb / 20P
   Low Voltage 1.15 V to 5.5 V, Single-Channel Bidirectional Logic Level Translator
REV. 0
ADG3300BRUZ AD-ADG3300BRUZ Datasheet
616Kb / 20P
   Low Voltage 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translator
REV. 0
ADG3301 AD-ADG3301 Datasheet
627Kb / 20P
   Low Voltage 1.15 V to 5.5 V, Single-Channel Bidirectional Logic Level Translator
REV. 0
ADG3308 AD-ADG3308_15 Datasheet
501Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. D
ADG3308BRUZ AD-ADG3308BRUZ Datasheet
622Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. C
ADG3308 AD-ADG3308_V01 Datasheet
398Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
Rev. E
ADG3308-1 AD-ADG3308-1_15 Datasheet
501Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com