công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP1317T bảng dữ liệu(PDF) 1 Page - Microchip Technology

tên linh kiện MCP1317T
Giải thích chi tiết về linh kiện  Voltage Supervisor
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1317T bảng dữ liệu(HTML) 1 Page - Microchip Technology

  MCP1317T Datasheet HTML 1Page - Microchip Technology MCP1317T Datasheet HTML 2Page - Microchip Technology MCP1317T Datasheet HTML 3Page - Microchip Technology MCP1317T Datasheet HTML 4Page - Microchip Technology MCP1317T Datasheet HTML 5Page - Microchip Technology MCP1317T Datasheet HTML 6Page - Microchip Technology MCP1317T Datasheet HTML 7Page - Microchip Technology MCP1317T Datasheet HTML 8Page - Microchip Technology MCP1317T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
 2005-2012 Microchip Technology Inc.
DS21985D-page 1
MCP131X/2X
Features:
• Low Supply Current: 1 µA (Typical),10 µA (Max.)
• Precision Monitoring Trip Point Options:
- 2.9V and 4.6V (Standard Offerings)
- 2.0V to 4.7V in 100 mV Increments,
(Contact the local Microchip Sales Office)
• Resets Microcontroller in a Power-loss Event
• Reset Delay Time-Out Option:
- 1.4 ms, 30 ms, 200 ms, or 1.6s (Typical)
• Watchdog Timer Input Time-Out Options:
- 6.3 ms, 102 ms, 1.6s, or 25.6s (Typical)
• Manual Reset (MR) Input (Active-low)
• Single and Complementary Reset Output(s)
• Reset Output Options:
- Push-Pull (Active-high or Active-low)
- Open-Drain (Internal or External Pull-up)
• Temperature Range:
- -40°C to +85°C for Trip Points 2.0 to 2.4V and,
- -40°C to + 125°C for Trip Points > 2.5V
• Voltage Range: 1.0V to 5.5V
• Lead Free Packaging
Description:
The MCP131X/2X are voltage supervisor devices
designed to keep a microcontroller in Reset until the
system voltage has reached and stabilized at the
proper level for reliable system operation. The table
below shows the available features for these devices.
Package Types
Block Diagram
Device Features
1
2
3
5
4
MCP1317
1
2
3
5
4
MCP1318/18M/21
1
2
3
5
4
MCP1319/19M/22
1
2
3
5
4
MCP1316/16M/20
SOT-23-5
RST
RST
VSS
MR
WDI
VDD
VDD
RST
VSS
MR
WDI
VSS
RST
WDI
VDD
RST
VSS
RST
MR
VDD
VDD
Comparator
+
Output
Driver
RST
Reference
VSS
RST
Noise Filter
Watchdog
MR
WDI
Note: Features available depend on the device.
Voltage
Device
Reset Output A
Reset Output B
WDI Input
MR Input
Type
Pull-up
Resistor
Active
Level
Type
Pull-up
Resistor
Active
Level
MCP1316
Push-Pull
Low
Yes
Yes
MCP1316M
Open-Drain
Internal
Low
Yes
Yes
MCP1317
Push-Pull
High
Yes
Yes
MCP1318
Push-Pull
Low
Push-Pull
High
Yes
No
MCP1318M
Open-Drain
Internal
Low
Push-Pull
High
Yes
No
MCP1319
Push-Pull
Low
Push-Pull
High
No
Yes
MCP1319M
Open-Drain
Internal
Low
Push-Pull
High
No
Yes
MCP1320
Open-Drain
External
Low
Yes
Yes
MCP1321
Open-Drain
External
Low
Push-Pull
High
Yes
No
MCP1322
Open-Drain
External
Low
Push-Pull
High
No
Yes
Voltage Supervisor


Số phần tương tự - MCP1317T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP1317T MICROCHIP-MCP1317T Datasheet
1Mb / 44P
   Voltage Supervisor
2005
MCP1317T-29LE/OT MICROCHIP-MCP1317T-29LE/OT Datasheet
1Mb / 44P
   Voltage Supervisor
2005
MCP1317T-46LE/OT MICROCHIP-MCP1317T-46LE/OT Datasheet
1Mb / 44P
   Voltage Supervisor
2005
More results

Mô tả tương tự - MCP1317T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP131X MICROCHIP-MCP131X Datasheet
1Mb / 44P
   Voltage Supervisor
2005
MCP1320T-25LE MICROCHIP-MCP1320T-25LE Datasheet
509Kb / 44P
   Voltage Supervisor
10/05/07
MCP1320T-46KE MICROCHIP-MCP1320T-46KE Datasheet
509Kb / 44P
   Voltage Supervisor
10/05/07
logo
STMicroelectronics
STM1066 STMICROELECTRONICS-STM1066 Datasheet
218Kb / 20P
   Smart voltage supervisor
logo
Aeroflex Circuit Techno...
UT01VS50L AEROFLEX-UT01VS50L Datasheet
173Kb / 15P
   UT01VS50L Voltage Supervisor
logo
Micrel Semiconductor
MIC2772 MICREL-MIC2772_05 Datasheet
233Kb / 9P
   Dual Voltage Supervisor
logo
STMicroelectronics
STM1068 STMICROELECTRONICS-STM1068 Datasheet
213Kb / 22P
   Smart voltage supervisor
logo
Texas Instruments
TL7700 TI1-TL7700_16 Datasheet
1Mb / 23P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
logo
Toshiba Semiconductor
TA8505P TOSHIBA-TA8505P Datasheet
213Kb / 6P
   SUPPLY VOLTAGE SUPERVISOR
logo
Texas Instruments
TL7700 TI-TL7700_06 Datasheet
266Kb / 15P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com