công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP1316MT bảng dữ liệu(PDF) 5 Page - Microchip Technology

tên linh kiện MCP1316MT
Giải thích chi tiết về linh kiện  Voltage Supervisor
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1316MT bảng dữ liệu(HTML) 5 Page - Microchip Technology

  MCP1316MT Datasheet HTML 1Page - Microchip Technology MCP1316MT Datasheet HTML 2Page - Microchip Technology MCP1316MT Datasheet HTML 3Page - Microchip Technology MCP1316MT Datasheet HTML 4Page - Microchip Technology MCP1316MT Datasheet HTML 5Page - Microchip Technology MCP1316MT Datasheet HTML 6Page - Microchip Technology MCP1316MT Datasheet HTML 7Page - Microchip Technology MCP1316MT Datasheet HTML 8Page - Microchip Technology MCP1316MT Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
 2005-2012 Microchip Technology Inc.
DS21985D-page 5
MCP131X/2X
VDD Trip Point (Con’t) MCP13XX-34
VTRIP
3.349
3.40
3.451
V
TA = +25°C (Note 1)
(Note 6)
3.315
3.40
3.385
V
TA = -40°C to +125°C (Note 2)
MCP13XX-35
3.448
3.50
3.553
V
TA = +25°C (Note 1)
(Note 6)
3.413
3.50
3.588
V
TA = -40°C to +125°C (Note 2)
MCP13XX-36
3.546
3.60
3.654
V
TA = +25°C (Note 1)
(Note 6)
3.510
3.60
3.690
V
TA = -40°C to +125°C (Note 2)
MCP13XX-37
3.645
3.70
3.756
V
TA = +25°C (Note 1)
(Note 6)
3.608
3.70
3.793
V
TA = -40°C to +125°C (Note 2)
MCP13XX-38
3.743
3.80
3.857
V
TA = +25°C (Note 1)
(Note 6)
3.705
3.80
3.895
V
TA = -40°C to +125°C (Note 2)
MCP13XX-39
3.842
3.90
3.959
V
TA = +25°C (Note 1)
(Note 6)
3.803
3.90
3.998
V
TA = -40°C to +125°C (Note 2)
MCP13XX-40
3.940
4.00
4.060
V
TA = +25°C (Note 1)
(Note 6)
3.900
4.00
4.100
V
TA = -40°C to +125°C (Note 2)
MCP13XX-41
4.039
4.10
4.162
V
TA = +25°C (Note 1)
(Note 6)
3.998
4.10
4.203
V
TA = -40°C to +125°C (Note 2)
MCP13XX-42
4.137
4.20
4.263
V
TA = +25°C (Note 1)
(Note 6)
4.095
4.20
4.305
V
TA = -40°C to +125°C (Note 2)
MCP13XX-43
4.236
4.30
4.365
V
TA = +25°C (Note 1)
(Note 6)
4.193
4.30
4.408
V
TA = -40°C to +125°C (Note 2)
MCP13XX-44
4.334
4.40
4.466
V
TA = +25°C (Note 1)
(Note 6)
4.290
4.40
4.510
V
TA = -40°C to +125°C (Note 2)
MCP13XX-45
4.433
4.50
4.568
V
TA = +25°C (Note 1)
(Note 6)
4.388
4.50
4.613
V
TA = -40°C to +125°C (Note 2)
MCP13XX-46
4.531
4.60
4.669
V
TA = +25°C (Note 1)
4.485
4.60
4.715
V
TA = -40°C to +125°C (Note 2)
MCP13XX-47
4.630
4.70
4.771
V
TA = +25°C (Note 1)
(Note 6)
4.583
4.70
4.818
V
TA = -40°C to +125°C (Note 2)
VDD Trip Point Tempco
TTPCO
±40
ppm/°C
DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise indicated, all limits are specified for VDD = 1V to 5.5V, RPU = 100 k
(only MCP1320, MCP1321 and MCP1322), TA = -40°C to +125°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1:
Trip point is ±1.5% from typical value.
2:
Trip point is ±2.5% from typical value.
3:
Hysteresis is minimum = 1%, maximum = 6% at +25°C.
4:
This specification allows this device to be used in PIC® microcontroller applications that require the In-
Circuit Serial Programming™ (ICSP™) feature (see device-specific programming specifications for
voltage requirements). The total time that the RST pin can be above the maximum device operational
voltage (5.5V) is 100s. Current into the RST pin should be limited to 2 mA. It is recommended that the
device operational temperature be maintained between 0°C to +70°C (+25°C preferred). For additional
information, refer to Figure 2-35.
5:
This parameter is established by characterization and is not 100% tested.
6:
Custom ordered voltage trip point; minimum order volume requirement. Information available upon request.


Số phần tương tự - MCP1316MT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP1316MT MICROCHIP-MCP1316MT Datasheet
1Mb / 44P
   Voltage Supervisor
2005
MCP1316MT-29LE/OT MICROCHIP-MCP1316MT-29LE/OT Datasheet
1Mb / 44P
   Voltage Supervisor
2005
MCP1316MT-46LE/OT MICROCHIP-MCP1316MT-46LE/OT Datasheet
1Mb / 44P
   Voltage Supervisor
2005
More results

Mô tả tương tự - MCP1316MT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP131X MICROCHIP-MCP131X Datasheet
1Mb / 44P
   Voltage Supervisor
2005
MCP1320T-25LE MICROCHIP-MCP1320T-25LE Datasheet
509Kb / 44P
   Voltage Supervisor
10/05/07
MCP1320T-46KE MICROCHIP-MCP1320T-46KE Datasheet
509Kb / 44P
   Voltage Supervisor
10/05/07
logo
STMicroelectronics
STM1066 STMICROELECTRONICS-STM1066 Datasheet
218Kb / 20P
   Smart voltage supervisor
logo
Aeroflex Circuit Techno...
UT01VS50L AEROFLEX-UT01VS50L Datasheet
173Kb / 15P
   UT01VS50L Voltage Supervisor
logo
Micrel Semiconductor
MIC2772 MICREL-MIC2772_05 Datasheet
233Kb / 9P
   Dual Voltage Supervisor
logo
STMicroelectronics
STM1068 STMICROELECTRONICS-STM1068 Datasheet
213Kb / 22P
   Smart voltage supervisor
logo
Texas Instruments
TL7700 TI1-TL7700_16 Datasheet
1Mb / 23P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
logo
Toshiba Semiconductor
TA8505P TOSHIBA-TA8505P Datasheet
213Kb / 6P
   SUPPLY VOLTAGE SUPERVISOR
logo
Texas Instruments
TL7700 TI-TL7700_06 Datasheet
266Kb / 15P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com