công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADG659YRQ bảng dữ liệu(PDF) 11 Page - Analog Devices

tên linh kiện ADG659YRQ
Giải thích chi tiết về linh kiện  3 V/5 V/짹5 V CMOS 4- and 8-Channel Analog Multiplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADG659YRQ bảng dữ liệu(HTML) 11 Page - Analog Devices

Back Button ADG659YRQ Datasheet HTML 7Page - Analog Devices ADG659YRQ Datasheet HTML 8Page - Analog Devices ADG659YRQ Datasheet HTML 9Page - Analog Devices ADG659YRQ Datasheet HTML 10Page - Analog Devices ADG659YRQ Datasheet HTML 11Page - Analog Devices ADG659YRQ Datasheet HTML 12Page - Analog Devices ADG659YRQ Datasheet HTML 13Page - Analog Devices ADG659YRQ Datasheet HTML 14Page - Analog Devices ADG659YRQ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADG658/ADG659
Rev. B | Page 11 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
ADG659
TOP VIEW
(Not to Scale)
ADG658
TOP VIEW
(Not to Scale)
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
16
15
14
13
12
11
10
9
VDD
S3
S2
S1
S4
A0
A1
A2
V
DD
S3A
S2A
DA
S1A
S4A
A0
A1
S1B
S3B
DB
S4B
S2B
V
SS
GND
S5
S7
D
S8
S6
VSS
GND
EN
EN
Figure 2. 16-Lead TSSOP/QSOP Pin Configuration
12
11
10
9
1
2
3
4
16 15 14 13
5
6
7
8
D
S8
S6
S2
S1
S4
A0
ADG659
TOP VIEW
(Not to Scale)
12
11
10
9
1
2
3
4
16 15 14 13
5
6
7
8
DB
S4B
S2B
S2A
DA
S1A
S4A
ADG658
TOP VIEW
(Not to Scale)
EN
EN
EXPOSED PAD FLOATING
Figure 3. 16-Lead, 4 mm × 4 mm LFCSP Pin Configuration
Table 7. Pin Function Descriptions
Parameter
Description
VDD
Most Positive Power Supply Potential.
VSS
Most Negative Power Supply Potential.
IDD
Positive Supply Current.
ISS
Negative Supply Current.
GND
Ground (0 V) Reference.
S
Source Terminal. May be an input or output.
D
Drain Terminal. May be an input or output.
AX
Logic Control Input.
EN
Active Low Digital Input. When high, device is disabled and all switches are OFF. When low, AX logic inputs determine ON
switch.
VD (VS)
Analog Voltage on Terminals D, S.
RON
Ohmic Resistance between D and S.
∆RON
On Resistance Match between Any Two Channels, i.e., RONmax − RONmin.
RFLAT(ON)
Flatness is defined as the difference between the maximum and minimum value of ON Resistance as measured over the
specified analog signal range.
IS (OFF)
Source Leakage Current with the Switch OFF.
ID (OFF)
Drain Leakage Current with the Switch OFF.
ID, IS (ON)
Channel Leakage Current with the Switch ON.
VINL
Maximum Input Voltage for Logic 0.
VINH
Minimum Input Voltage for Logic 1.
IINL (IINH)
Input Current of the Digital Input.
CS (OFF)
OFF Switch Source Capacitance. Measured with reference to ground.
CD (OFF)
OFF Switch Drain Capacitance. Measured with reference to ground.
CD, CS (ON)
ON Switch Capacitance. Measured with reference to ground.
CIN
Digital Input Capacitance.


Số phần tương tự - ADG659YRQ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG659YRQ AD-ADG659YRQ Datasheet
395Kb / 20P
   3 V/5 V/짹5 V CMOS 4- and 8-Channel Analog Multiplexers
Rev. A
ADG659YRQ-REEL AD-ADG659YRQ-REEL Datasheet
395Kb / 20P
   3 V/5 V/짹5 V CMOS 4- and 8-Channel Analog Multiplexers
Rev. A
ADG659YRQ-REEL7 AD-ADG659YRQ-REEL7 Datasheet
395Kb / 20P
   3 V/5 V/짹5 V CMOS 4- and 8-Channel Analog Multiplexers
Rev. A
More results

Mô tả tương tự - ADG659YRQ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG658 AD-ADG658 Datasheet
395Kb / 20P
   3 V/5 V/짹5 V CMOS 4- and 8-Channel Analog Multiplexers
Rev. A
ADG1608 AD-ADG1608 Datasheet
526Kb / 20P
   4.5 廓 RON, 4-/8-Channel 짹5 V,12 V, 5 V, and 3.3 V Multiplexers
REV. 0
ADG608BRZ-REEL AD-ADG608BRZ-REEL Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608TRUZ AD-ADG608TRUZ Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609BNZ AD-ADG609BNZ Datasheet
109Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608TRUZ AD-ADG608TRUZ Datasheet
109Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608BNZ AD-ADG608BNZ Datasheet
109Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609BRZ AD-ADG609BRZ Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608 AD-ADG608 Datasheet
158Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609 AD-ADG609_15 Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com