công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADG633YRU bảng dữ liệu(PDF) 3 Page - Analog Devices

tên linh kiện ADG633YRU
Giải thích chi tiết về linh kiện  CMOS, 짹5 V/5 V/3 V, Triple SPDT Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADG633YRU bảng dữ liệu(HTML) 3 Page - Analog Devices

  ADG633YRU Datasheet HTML 1Page - Analog Devices ADG633YRU Datasheet HTML 2Page - Analog Devices ADG633YRU Datasheet HTML 3Page - Analog Devices ADG633YRU Datasheet HTML 4Page - Analog Devices ADG633YRU Datasheet HTML 5Page - Analog Devices ADG633YRU Datasheet HTML 6Page - Analog Devices ADG633YRU Datasheet HTML 7Page - Analog Devices ADG633YRU Datasheet HTML 8Page - Analog Devices ADG633YRU Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADG633
Rev. A | Page 3 of
16
SPECIFICATIONS
DUAL-SUPPLY OPERATION
VDD = +5 V, VSS = −5 V, GND = 0 V, TA = −40°C to +125°C, unless otherwise noted.
Table 1.
B Version
Y Version
Parameter
+25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
VSS to VDD
V
VDD = +4.5 V, VSS = −4.5 V
On Resistance, RON
52
Ω typ
VS = ±4.5 V, IS = 1 mA; see Figure 20
75
90
100
Ω max
VS = ±4.5 V, IS = 1 mA; see Figure 20
On-Resistance Match
Between Channels, ΔRON
0.8
Ω typ
VS = +3.5 V, IS = 1 mA
1.3
1.8
2
Ω max
VS = +3.5 V, IS = 1 mA
On-Resistance Flatness, RFLAT(ON)
9
Ω typ
VDD = +5 V, VSS = −5 V, VS = ±3 V, IS = 1 mA
12
13
14
Ω max
VDD = +5 V, VSS = −5 V, VS = ±3 V, IS = 1 mA
LEAKAGE CURRENTS
VDD = +5.5 V, VSS = −5.5 V
Source Off Leakage, IS(OFF)
±0.005
nA typ
VD = ±4.5 V, VS = +4.5 V; see Figure 21
±0.2
±5
nA max
VD = ±4.5 V, VS = +4.5 V; see Figure 21
Drain Off Leakage, ID(OFF)
±0.005
nA typ
VD = ±4.5 V, VS = + 4.5 V; see Figure 22
±0.2
±5
nA max
VD = ±4.5 V, VS = + 4.5 V; see Figure 22
Channel On Leakage, ID(ON), IS(ON)
±0.005
nA typ
VD = VS = ±4.5 V; see Figure 23
±0.2
±5
nA max
VD = VS = ±4.5 V; see Figure 23
DIGITAL INPUTS
Input High Voltage, VINH
2.4
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINL or IINH
0.005
μA typ
VIN = VINL or VINH
±1
μA max
VIN = VINL or VINH
Digital Input Capacitance, CIN
2
pF typ
DYNAMIC CHARACTERISTICS1
tTRANSITION
60
ns typ
RL = 300 Ω, CL = 35 pF, VS = 3 V; see Figure 24
90
110
130
ns max
RL = 300 Ω, CL = 35 pF, VS = 3 V; see Figure 24
tON (EN)
70
ns typ
RL = 300 Ω, CL = 35 pF, VS = 3 V; see Figure 26
95
120
135
ns max
RL = 300 Ω, CL = 35 pF, VS = 3 V; see Figure 26
tOFF (EN)
25
ns typ
RL = 300 Ω, CL = 35 pF, VS = 3 V; see Figure 26
40
45
50
ns max
RL = 300 Ω, CL = 35 pF, VS = 3 V; see Figure 26
Break-Before-Make Time Delay, tBBM
40
ns typ
RL = 300 Ω, CL = 35 pF, VS1 = VS2 = 3 V; see Figure 25
10
ns min
RL = 300 Ω, CL = 35 pF, VS1 = VS2 = 3 V; see Figure 25
Charge Injection
2
pC typ
VS = 0 V, RS = 0 Ω, CL = 1 nF; see Figure 27
4
pC max
VS = 0 V, RS = 0 Ω, CL = 1 nF; see Figure 27
Off Isolation
−90
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure 28
Total Harmonic Distortion, THD + N
0.025
% typ
RL = 600 Ω, 2 V p-p, f = 20 Hz to 20 kHz
Channel-to-Channel Crosstalk
−90
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure 30
−3 dB Bandwidth
580
MHz typ
RL = 50 Ω, CL = 5 pF; see Figure 29
CS(OFF)
4
pF typ
f = 1 MHz
CD(OFF)
7
pF typ
f = 1 MHz
CD(ON), CS(ON)
12
pF typ
f = 1 MHz
POWER REQUIREMENTS
VDD = +5.5 V, VSS = −5.5 V
IDD
0.01
μA typ
Digital inputs = 0 V or 5.5 V
1
μA max
Digital inputs = 0 V or 5.5 V
ISS
0.01
μA typ
Digital inputs = 0 V or 5.5 V
1
μA max
Digital inputs = 0 V or 5.5 V
1 Guaranteed by design; not subject to production test.


Số phần tương tự - ADG633YRU

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG633YRU AD-ADG633YRU Datasheet
546Kb / 12P
   CMOS V/5 V/3 V Triple SPDT Switch
REV. 0
More results

Mô tả tương tự - ADG633YRU

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG633 AD-ADG633 Datasheet
546Kb / 12P
   CMOS V/5 V/3 V Triple SPDT Switch
REV. 0
ADG619 AD-ADG619_07 Datasheet
365Kb / 16P
   CMOS, 짹5 V/5 V, 4 廓, Single SPDT Switches
REV. C
ADG636YRU-REEL AD-ADG636YRU-REEL Datasheet
498Kb / 16P
   1 pC Charge Injection, 100 pA Leakage, CMOS, 짹5 V/5 V/3 V Dual SPDT Switch
REV. B
ADG1633 AD-ADG1633 Datasheet
539Kb / 20P
   4.5 廓 RON, Triple/Quad SPDT 짹5 V, 12 V, 5 V, and 3.3 V Switches
REV. 0
logo
Vishay Siliconix
DG9454E VISHAY-DG9454E_V01 Datasheet
222Kb / 13P
   Low Capacitance, 12 V / 5 V / 3 V, Triple SPDT (Triple 2:1) Analog Switch / Multiplexer
08-Feb-17
logo
Analog Devices
ADG658 AD-ADG658_09 Datasheet
452Kb / 20P
   3 V/5 V/짹5 V CMOS 4- and 8-Channel Analog Multiplexers
REV. B
ADG658 AD-ADG658 Datasheet
395Kb / 20P
   3 V/5 V/짹5 V CMOS 4- and 8-Channel Analog Multiplexers
Rev. A
ADG636 AD-ADG636 Datasheet
147Kb / 12P
   1 pC Charge Injection, 100 pA Leakage CMOS 5 V/5 V/3 V Dual SPDT Switch
REV. 0
ADG1419 AD-ADG1419 Datasheet
512Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPDT Switch
REV. 0
ADG1436-EP AD-ADG1436-EP Datasheet
251Kb / 10P
   1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com