công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADG619 bảng dữ liệu(PDF) 5 Page - Analog Devices

tên linh kiện ADG619
Giải thích chi tiết về linh kiện  CMOS, 짹5 V/5 V, 4 廓, Single SPDT Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADG619 bảng dữ liệu(HTML) 5 Page - Analog Devices

  ADG619_07 Datasheet HTML 1Page - Analog Devices ADG619_07 Datasheet HTML 2Page - Analog Devices ADG619_07 Datasheet HTML 3Page - Analog Devices ADG619_07 Datasheet HTML 4Page - Analog Devices ADG619_07 Datasheet HTML 5Page - Analog Devices ADG619_07 Datasheet HTML 6Page - Analog Devices ADG619_07 Datasheet HTML 7Page - Analog Devices ADG619_07 Datasheet HTML 8Page - Analog Devices ADG619_07 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADG619/ADG620
Rev. C | Page 5 of 16
SINGLE SUPPLY
VDD = 5 V ± 10%, VSS = 0 V, GND = 0 V. All specifications −40°C to +85°C, unless otherwise noted.
Table 3.
B Version1
Parameter
+25°C
−40°C to +85°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD
V
VDD = 4.5 V, VSS = 0 V
On Resistance (RON)
7
Ω typ
VS = 0 V to 4.5 V, IDS = −10 mA; see Figure 15
10
12.5
Ω max
RON Match Between Channels (ΔRON)
0.8
Ω typ
VS = 0 V to 4.5 V, IDS = −10mA
1.1
1.3
Ω max
On-Resistance Flatness (RFLAT (ON))
0.5
0.5
Ω typ
VS = 1.5 V to 3.3 V, IDS = −10 mA
1.2
Ω max
LEAKAGE CURRENTS
VDD = 5.5 V
Source Off Leakage, IS (Off )
±0.01
nA typ
VS = 1 V/4.5 V, VD = 4.5 V/1 V; see Figure 16
±0.25
±1
nA max
Channel On Leakage, ID, IS (On)
±0.01
nA typ
VS = VD = 1 V/4.5 V; see Figure 17
±0.25
±1
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.4
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINL or IINH
0.005
μA typ
VIN = VINL or VINH
±0.1
μA max
Digital Input Capacitance, CIN
2
pF typ
DYNAMIC CHARACTERISTICS2
ADG619
tON
120
ns typ
RL = 300 Ω, CL = 35 pF
220
280
ns max
VS = 3.3 V; see Figure 18
tOFF
50
ns typ
RL = 300 Ω, CL = 35 pF
75
110
ns max
VS = 3.3 V; see Figure 18
Break-Before-Make Time Delay, tBBM
70
ns typ
RL = 300 Ω, CL = 35 pF
10
ns min
VS1 = VS2 = 3.3 V; see Figure 19
ADG620
tON
50
ns typ
RL = 300 Ω, CL = 35 pF
85
110
ns max
VS = 3.3 V; see Figure 18
tOFF
210
ns typ
RL = 300 Ω, CL = 35 pF
340
420
ns max
VS = 3.3 V; see Figure 18
Make-Before-Break Time Delay, tMBB
170
ns typ
RL = 300 Ω, CL = 35 pF
10
ns min
VS = 3.3 V; see Figure 20
Charge Injection
6
pC typ
VS = 0 V, RS = 0 Ω, CL = 1 nF; see Figure 21
Off Isolation
−67
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure
22
Channel-to-Channel Crosstalk
−67
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure
23
Bandwidth −3 dB
190
MHz typ
RL = 50 Ω, CL = 5 pF; see Figure 24
CS (OFF)
25
pF typ
f = 1 MHz
CD, CS (ON)
95
pF typ
f = 1 MHz
POWER REQUIREMENTS
VDD = 5.5 V
IDD
0.001
μA typ
Digital inputs = 0 V or 5.5 V
1.0
μA max
1 Temperature range for B version is −40°C to +85°C.
2 Guaranteed by design, not subject to production test.


Số phần tương tự - ADG619_07

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG619BRM AD-ADG619BRM Datasheet
145Kb / 8P
   CMOS -5 V/ 5V 4 OHM SINGLE SPDT SWITCHES
REV. 0
ADG619BRT AD-ADG619BRT Datasheet
145Kb / 8P
   CMOS -5 V/ 5V 4 OHM SINGLE SPDT SWITCHES
REV. 0
ADG619 AD-ADG619_15 Datasheet
365Kb / 16P
   Single SPDT Switches
REV. C
More results

Mô tả tương tự - ADG619_07

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG623BRMZ AD-ADG623BRMZ Datasheet
378Kb / 12P
   CMOS 짹5 V/5 V, 4 廓 Dual SPST Switches
REV. B
ADG633 AD-ADG633_09 Datasheet
384Kb / 16P
   CMOS, 짹5 V/5 V/3 V, Triple SPDT Switch
REV. A
ADG1633 AD-ADG1633 Datasheet
539Kb / 20P
   4.5 廓 RON, Triple/Quad SPDT 짹5 V, 12 V, 5 V, and 3.3 V Switches
REV. 0
ADG619 AD-ADG619 Datasheet
145Kb / 8P
   CMOS -5 V/ 5V 4 OHM SINGLE SPDT SWITCHES
REV. 0
ADG1636 AD-ADG1636 Datasheet
526Kb / 16P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Dual SPDT Switches
REV. A
ADG1611 AD-ADG1611 Datasheet
436Kb / 16P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Quad SPST Switches
REV. B
ADG622BRMZ AD-ADG622BRMZ Datasheet
378Kb / 12P
   CMOS 5 V/5 V, 4 Dual SPST Switches
REV. B
ADG1419 AD-ADG1419 Datasheet
512Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPDT Switch
REV. 0
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG4612 AD-ADG4612 Datasheet
393Kb / 24P
   Power-Off Protection 짹5 V, 12 V, Quad SPST Switches with 5 廓 On Resistance
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com