công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADAU1461 bảng dữ liệu(PDF) 3 Page - Analog Devices

tên linh kiện ADAU1461
Giải thích chi tiết về linh kiện  SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADAU1461 bảng dữ liệu(HTML) 3 Page - Analog Devices

  ADAU1461 Datasheet HTML 1Page - Analog Devices ADAU1461 Datasheet HTML 2Page - Analog Devices ADAU1461 Datasheet HTML 3Page - Analog Devices ADAU1461 Datasheet HTML 4Page - Analog Devices ADAU1461 Datasheet HTML 5Page - Analog Devices ADAU1461 Datasheet HTML 6Page - Analog Devices ADAU1461 Datasheet HTML 7Page - Analog Devices ADAU1461 Datasheet HTML 8Page - Analog Devices ADAU1461 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 88 page
background image
ADAU1461
Rev. 0 | Page 3 of 88
SPECIFICATIONS
Supply voltage (AVDD) = 3.3 V, TA = 25°C, master clock = 12.288 MHz (48 kHz fS, 256 × fS mode), input sample rate = 48 kHz, measurement
bandwidth = 20 Hz to 20 kHz, word width = 24 bits, CLOAD (digital output) = 20 pF, ILOAD (digital output) = 2 mA, VIH = 2 V, VIL = 0.8 V,
unless otherwise noted. Performance of all channels is identical, exclusive of the interchannel gain mismatch and interchannel phase
deviation specifications.
ANALOG PERFORMANCE SPECIFICATIONS, TA = 25°C
IOVDD = 3.3 V ± 10%.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
ANALOG-TO-DIGITAL CONVERTERS
ADC performance excludes mixers
and PGA
ADC Resolution
All ADCs
24
Bits
Digital Attenuation Step
0.375
dB
Digital Attenuation Range
95
dB
INPUT RESISTANCE
Single-Ended Line Input
−12 dB gain
80.4
0 dB gain
21
6 dB gain
10.5
PGA Inverting Inputs
−12 dB gain
84.5
0 dB gain
53
35.25 dB gain
1.7
PGA Noninverting Inputs
All gains
105
SINGLE-ENDED LINE INPUT
Full-Scale Input Voltage (0 dB)
1.0 (2.83)
V rms (V p-p)
Dynamic Range
20 Hz to 20 kHz, −60 dB input
With A-Weighted Filter (RMS)
83.5
99
dB
No Filter (RMS)
83
96
dB
Total Harmonic Distortion + Noise
−1 dBFS
−90
−71
dB
Signal-to-Noise Ratio
With A-Weighted Filter (RMS)
99
dB
No Filter (RMS)
96
dB
Input Mixer Gain per Step
−12 dB to +6 dB range
2.89
3
3.07
dB
Mute Attenuation
LINPG[2:0], LINNG[2:0] = 000,
RINPG[2:0], RINNG[2:0] = 000,
MX1AUXG[2:0], MX2AUXG[2:0] = 000
−85.5
−77
dB
Interchannel Gain Mismatch
−0.3
+0.032
+0.3
dB
Offset Error
−5
0
+5
mV
Gain Error
−17
−12
−8
%
Interchannel Isolation
68
dB
Power Supply Rejection Ratio
CM capacitor = 20 μF, 100 mV p-p @ 1 kHz
67
dB
PSEUDO-DIFFERENTIAL PGA INPUT
Full-Scale Input Voltage (0 dB)
1.0 (2.83)
V rms (V p-p)
Dynamic Range
20 Hz to 20 kHz, −60 dB input
With A-Weighted Filter (RMS)
94
98
dB
No Filter (RMS)
91
95
dB
Total Harmonic Distortion + Noise
−1 dBFS
−89
−83
dB
Signal-to-Noise Ratio
With A-Weighted Filter (RMS)
98
dB
No Filter (RMS)
95
dB
PGA Boost Gain Error
20 dB gain setting (RDBOOST[1:0],
LDBOOST[1:0] = 10)
−8
+0.4
+8
dB


Số phần tương tự - ADAU1461

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADAU1461 AD-ADAU1461 Datasheet
1Mb / 89P
   SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
Rev. 0
ADAU1461WBCPZ AD-ADAU1461WBCPZ Datasheet
1Mb / 89P
   SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
Rev. 0
ADAU1461WBCPZ-R7 AD-ADAU1461WBCPZ-R7 Datasheet
1Mb / 89P
   SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
Rev. 0
ADAU1461WBCPZ-RL AD-ADAU1461WBCPZ-RL Datasheet
1Mb / 89P
   SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
Rev. 0
ADAU1461 AD-ADAU1461_17 Datasheet
1Mb / 89P
   SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
Rev. 0
More results

Mô tả tương tự - ADAU1461

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADAU1761 AD-ADAU1761 Datasheet
1Mb / 92P
   SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
REV. C
ADAU1361BCPZ AD-ADAU1361BCPZ Datasheet
863Kb / 80P
   Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
Rev. C
ADAU1961 AD-ADAU1961 Datasheet
985Kb / 76P
   Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
REV. A
logo
Texas Instruments
TLC320AD77 TI1-TLC320AD77 Datasheet
397Kb / 33P
[Old version datasheet]   24-Bit 96 kHz Stereo Audio Codec
TLC320AD77C TI-TLC320AD77C Datasheet
215Kb / 31P
[Old version datasheet]   24-BIT 96 kHz STEREO AUDIO CODEC
logo
Burr-Brown (TI)
PCM3060 BURR-BROWN-PCM3060 Datasheet
505Kb / 45P
   24-BIT, 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
logo
Texas Instruments
PCM3010DBRG4 TI1-PCM3010DBRG4 Datasheet
616Kb / 35P
[Old version datasheet]   24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC
logo
Analog Devices
ADAU1761 AD-ADAU1761_17 Datasheet
882Kb / 93P
   24-Bit Audio Codec with Integrated PLL
logo
Cirrus Logic
CS4272-DZZ CIRRUS-CS4272-DZZ Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270 Datasheet
730Kb / 48P
   24-Bit, 192 kHz Stereo Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com