công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

N_06P00472 bảng dữ liệu(PDF) 4 Page - AVX Corporation

tên linh kiện N_06P00472
Giải thích chi tiết về linh kiện  NTC Thermistors
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AVX [AVX Corporation]
Trang chủ  http://www.avx.com
Logo AVX - AVX Corporation

N_06P00472 bảng dữ liệu(HTML) 4 Page - AVX Corporation

  N_06P00472 Datasheet HTML 1Page - AVX Corporation N_06P00472 Datasheet HTML 2Page - AVX Corporation N_06P00472 Datasheet HTML 3Page - AVX Corporation N_06P00472 Datasheet HTML 4Page - AVX Corporation N_06P00472 Datasheet HTML 5Page - AVX Corporation N_06P00472 Datasheet HTML 6Page - AVX Corporation N_06P00472 Datasheet HTML 7Page - AVX Corporation N_06P00472 Datasheet HTML 8Page - AVX Corporation N_06P00472 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
3
NTC Thermistors
General Characteristics
2.1.5. Further approximation of R (T) curve
The description of the characteristic R (T) can be improved
by using a greater number of experimental points, and by
using the equation:
1 = A + B ( n R) + C ( n R)3
T
The parameters A, B and C are determined by solving the
set of equations obtained by using the measured resis-
tances at three temperatures.
The solution of the above equation gives the resistance at
any temperature:
The precision of this description is typically 0.2°C for the
range –50 to +150°C (A, B, C being determined with exper-
imental values at –20, +50 and 120°C) or even better if this
temperature range is reduced. The ratios R(T)/R(25°C) for
each of the different materials shown on pages 29 to 33
have been calculated using the above method.
2.1.6. Resistance tolerance and temperature
precision
An important characteristic of a thermistor is the tolerance
on the resistance value at a given temperature.
This uncertainty on the resistance (DR/R) may be related to
the corresponding uncertainty on the temperature (DT),
using the relationship:
T = 100 •
R
1
R
Example: consider the thermistor ND06M00152J —
• R (25°C) = 1500 ohms
• Made from M material
• R (T) characteristic shown on page 23 gives:
= - 4.4%/°C at 25°C
• Tolerance
R/R = ±5% is equivalent to:
T = 5%/4.4%/°C = ±1.14°C
2.1.7. Resistance tolerance at any temperature
Any material used for NTC manufacturing always displays a
dispersion for the R (T) characteristic.
This dispersion depends on the type of material used
and has been especially reduced for our accuracy series
thermistors.
Thus, the tolerance on the resistance ( R
2/R2) at a temper-
ature T
2 is the sum of two contributions as illustrated on
Figure 1:
– the tolerance
R
1/R1 at a temperature T1 used as a
reference.
– an additional contribution due to the dispersion on
the characteristic R (T) which may be called
“Manufacturing tolerance” (Tf).
Figure 1
Differentiating the equation R = A exp (B/T), the two contri-
butions on the tolerance at T can also be written:
R2
=
R1 +
⎪⎪ • B
R2
R1
The T(f) values given with the resistance – temperature
characteristics on pages 29 to 33 are based on a computer
simulation using this equation and experimental values.
2.1.8. Designing the resistance tolerances
Using the fact that the coefficient
decreases with temper-
ature (
α = –B/T2), it is generally useful to define the closest
tolerance of the thermistor at the maximum value of the
temperature range where an accuracy in °C is required.
For example, let us compare the two designs 1 and 2
hereafter:
Only the Design 2 is able to meet the requirement
ΔT
1°C
from 25°C to 100°C.
R
Ω
R
25
25
°C
T
Temperature (
°C)
Graph with B
Graph with B
±
ΔB
}
(
ΔR)
25
°C
}
} (ΔR)25°C
+
TF
} =(ΔR)
T
1 - 1
T
1
T
2
TR
α
Design 1
Design 2
(°C)
(Ω)
(%/°C)
R/R(%)
T(°C)
R/R(%)
T(°C)
0
3275
-5.2
3.5
0.7
5.0
1.0
25
1000
-4.4
3.0
0.7
4.5
1.1
55
300
-3.7
3.5
1.0
4.0
1.1
85
109
-3.1
4.1
1.3
3.4
1.1
100
69.4
-2.9
4.5
1.6
3.0
1.0
A- 1/T
C
()
A- 1/T
C
()
n R (T) =
]
[ -27
2
1
3
B
C
3
+
3
2
327
2
+ 4
3
()
- 3
+27
2
A- 1/T
C
()
()
()
+
3
2
327
2
+ 4
3
A- 1/T
C
()
B
C
()
()


Số phần tương tự - N_06P00472

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
AVX Corporation
ND06P00103K AVX-ND06P00103K Datasheet
224Kb / 10P
   NTC Disc Thermistors
More results

Mô tả tương tự - N_06P00472

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Murata Manufacturing Co...
NCP03WF333J05RL MURATA-NCP03WF333J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL104J05RL MURATA-NCP03WL104J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL224E05RL MURATA-NCP03WL224E05RL Datasheet
197Kb / 3P
   NTC Thermistors
NCP15WB333J03RC MURATA-NCP15WB333J03RC Datasheet
206Kb / 3P
   NTC Thermistors
NCP15WL223E03RC MURATA-NCP15WL223E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15WL683E03RC MURATA-NCP15WL683E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15XH103F03RC MURATA-NCP15XH103F03RC Datasheet
208Kb / 3P
   NTC Thermistors
NCP15XM472E03RC MURATA-NCP15XM472E03RC Datasheet
211Kb / 3P
   NTC Thermistors
NCP15XV103J03RC MURATA-NCP15XV103J03RC Datasheet
207Kb / 3P
   NTC Thermistors
NCP18WB333J03RB MURATA-NCP18WB333J03RB Datasheet
208Kb / 3P
   NTC Thermistors
NCP18WB473E03RB MURATA-NCP18WB473E03RB Datasheet
208Kb / 3P
   NTC Thermistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com