công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9057BRS-40 bảng dữ liệu(PDF) 2 Page - Analog Devices |
|
AD9057BRS-40 bảng dữ liệu(HTML) 2 Page - Analog Devices |
2 / 12 page REV. D –2– AD9057–SPECIFICATIONS (V D = 5 V, VDD = 3 V; external reference, unless otherwise noted.) Test AD9057BRS-40 AD9057BRS-60 AD9057BRS-80 Parameter Temp Level Min Typ Max Min Typ Max Min Typ Max Unit RESOLUTION 8 8 8 Bits DC ACCURACY Differential Nonlinearity 25 ∞CI 0.75 1.9 0.75 1.9 0.75 1.9 LSB Full VI 2.0 2.0 2.0 LSB Integral Nonlinearity 25 ∞CI 0.75 1.9 0.75 1.9 0.75 1.9 LSB Full VI 2.0 2.0 2.0 LSB No Missing Codes Full VI Guaranteed Guaranteed Guaranteed Gain Error 1 25 ∞CI –6 –2.5 +6 –6 –2.5 +6 –6 –2.5 +6 % FS Full VI –8 +8 –8 +8 –8 +8 % FS Gain Tempco 1 Full V ±70 ±70 ±70 ppm/ ∞C ANALOG INPUT Input Voltage Range (Centered at 2.5 V) 25 ∞CV 1.0 1.0 1.0 V p-p Input Offset Voltage 25 ∞CI –15 0 +15 –15 0 +15 –15 0 +15 mV Full VI –25 +25 –25 +25 –25 +25 mV Input Resistance 25 ∞CV 150 150 150 k W Input Capacitance 25 ∞CV 222 pF Input Bias Current 25 ∞CI 6 16 6 16 6 16 mA Full VI 25 25 25 mA Analog Bandwidth 25 ∞CV 120 120 120 MHz BAND GAP REFERENCE Output Voltage Full VI 2.4 2.5 2.6 2.4 2.5 2.6 2.4 2.5 2.6 V Temperature Coefficient Full V ±10 ±10 ±10 ppm/ ∞C SWITCHING PERFORMANCE Maximum Conversion Rate Full VI 40 60 80 MSPS Minimum Conversion Rate Full IV 5 5 5 MSPS Aperture Delay (tA)25 ∞CV 2.7 2.7 2.7 ns Aperture Uncertainty (Jitter) 25 ∞CV 555 ps rms Output Valid Time (tV) 2 Full IV 4.0 6.6 4.0 6.6 4.0 6.6 ns Output Propagation Delay (tPD) 2 Full IV 11.5 18.0 9.5 14.2 8.0 11.3 ns DYNAMIC PERFORMANCE 3 Transient Response 25 ∞CV 999 ns Overvoltage Recovery Time 25 ∞CV 999 ns Signal-to-Noise Ratio (SINAD) (With Harmonics) fIN = 10.3 MHz 25 ∞CI 42 45.5 42 45 41.5 45 dB fIN = 76 MHz 25 ∞CV 44.0 43.5 43.5 dB Effective Number of Bits (ENOB) fIN = 10.3 MHz 25 ∞CI 6.7 7.2 6.7 7.2 6.6 7.2 Bits fIN = 76 MHz 25 ∞CV 7.0 6.9 6.9 Bits Signal-to-Noise Ratio (SNR) (Without Harmonics) fIN = 10.3 MHz 25 ∞CI 43 46.5 43 46 42.5 46 dB fIN = 76 MHz 25 ∞CV 45.5 45 45 dB Second Harmonic Distortion fIN = 10.3 MHz 25 ∞CI –50 –62 –50 –62 –50 –62 dBc fIN = 76 MHz 25 ∞CV –54 –54 –54 dBc Third Harmonic Distortion fIN = 10.3 MHz 25 ∞CI –46 –60 –46 –60 –46 –60 dBc fIN = 76 MHz 25 ∞CV –54 –54 –54 dBc Two Tone Intermodulation Distortion (IMD) 25 ∞CV –52 –52 –52 dBc Differential Phase 25 ∞CV 0.8 0.8 0.8 Degrees Differential Gain 25 ∞CV 1.0 1.0 1.0 % DIGITAL INPUTS Logic 1 Voltage Full VI 2.0 2.0 2.0 V Logic 0 Voltage Full VI 0.8 0.8 0.8 V Logic 1 Current Full VI ±1 ±1 ±1 mA Logic 0 Current Full VI ±1 ±1 ±1 mA Input Capacitance 25 ∞CV 4.5 4.5 4.5 pF Encode Pulsewidth High (tEH)25 ∞CIV 9.0 166 6.7 166 5.5 166 ns Encode Pulsewidth Low (tEL)25 ∞CIV 9.0 166 6.7 166 5.5 166 ns |
Số phần tương tự - AD9057BRS-40 |
|
Mô tả tương tự - AD9057BRS-40 |