công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7705BRZ-REEL1 bảng dữ liệu(PDF) 7 Page - Analog Devices

tên linh kiện AD7705BRZ-REEL1
Giải thích chi tiết về linh kiện  3 V/5 V, 1 mW, 2-/3-Channel, 16-Bit, Sigma-Delta ADCs
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7705BRZ-REEL1 bảng dữ liệu(HTML) 7 Page - Analog Devices

Back Button AD7705BRZ-REEL1 Datasheet HTML 3Page - Analog Devices AD7705BRZ-REEL1 Datasheet HTML 4Page - Analog Devices AD7705BRZ-REEL1 Datasheet HTML 5Page - Analog Devices AD7705BRZ-REEL1 Datasheet HTML 6Page - Analog Devices AD7705BRZ-REEL1 Datasheet HTML 7Page - Analog Devices AD7705BRZ-REEL1 Datasheet HTML 8Page - Analog Devices AD7705BRZ-REEL1 Datasheet HTML 9Page - Analog Devices AD7705BRZ-REEL1 Datasheet HTML 10Page - Analog Devices AD7705BRZ-REEL1 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
AD7705/AD7706
Rev. C | Page 7 of 44
Parameter
B Version1
Unit
Conditions/Comments
POWER REQUIREMENTS
VDD Voltage
2.7 to 3.3
V min to V max
For specified performance
Power Supply Currents17
Digital I/Ps = 0 V or VDD, external MCLK IN and CLKDIS = 1
0.32
mA max
BUF bit = 0, fCLKIN = 1 MHz, gains of 1 to 128
0.6
mA max
BUF bit = 1, fCLKIN = 1 MHz, gains of 1 to 128
0.4
mA max
BUF bit = 0, fCLKIN = 2.4576 MHz, gains of 1 to 4
0.6
mA max
BUF bit = 0, fCLKIN = 2.4576 MHz, gains of 8 to 128
0.7
mA max
BUF bit = 1, fCLKIN = 2.4576 MHz, gains of 1 to 4
1.1
mA max
BUF bit = 1, fCLKIN = 2.4576 MHz, gains of 8 to 128
VDD Voltage
4.75 to 5.25
V min to V max
For specified performance
Power Supply Currents17
Digital I/Ps = 0 V or VDD, external MCLK IN and CLKDIS = 1
0.45
mA max
BUF bit = 0, fCLKIN = 1 MHz, gains of 1 to 128
0.7
mA max
BUF bit = 1, fCLKIN = 1 MHz, gains of 1 to 128
0.6
mA max
BUF bit = 0, fCLKIN = 2.4576 MHz, gains of 1 to 4
0.85
mA max
BUF bit = 0, fCLKIN = 2.4576 MHz, gains of 8 to 128
0.9
mA max
BUF bit = 1, fCLKIN = 2.4576 MHz, gains of 1 to 4
1.3
mA max
BUF bit = 1, fCLKIN = 2.4576 MHz, gains of 8 to 128
Standby (Power-Down) Current18
16
μA max
External MCLK IN = 0 V or VDD, VDD = 5 V, see Figure 12
8
μA max
External MCLK IN = 0 V or VDD, VDD = 3 V
Power Supply Rejection19, 20
dB typ
1 Temperature range is −40°C to +85°C.
2 These numbers are established from characterization or design data at initial product release.
3 A calibration is effectively a conversion; therefore, these errors are of the order of the conversion noise shown in Table 5 and Table 7. This applies after calibration at
the temperature of interest.
4 Recalibration at any temperature removes these drift errors.
5 Positive full-scale error includes zero-scale errors (unipolar offset error or bipolar zero error) and applies to both unipolar and bipolar input ranges.
6 Full-scale drift includes zero-scale drift (unipolar offset drift or bipolar zero drift) and applies to both unipolar and bipolar input ranges.
7 Gain error does not include zero-scale errors. It is calculated as (full-scale error – unipolar offset error) for unipolar ranges and (full-scale error - bipolar zero error) for
bipolar ranges.
8 Gain drift does not include unipolar offset drift or bipolar zero drift. It is effectively the drift of the part if only zero-scale calibrations are performed.
9 This common-mode voltage range is allowed, provided that the input voltage on analog inputs is not more positive than VDD + 30 mV or more negative than
GND − 100 mV. Parts are functional with voltages down to GND − 200 mV, but with increased leakage at high temperatures.
10 The AD7705/AD7706 can tolerate absolute analog input voltages down to GND − 200 mV, but the leakage current increases.
11 The analog input voltage range on AIN(+) is given with respect to the voltage on AIN(−) on the AD7705, and with respect to the voltage of the COMMON input on the
AD7706. The absolute voltage on the analog inputs should not be more positive than VDD + 30 mV, or more negative than GND − 100 mV for specified performance.
Input voltages of GND − 200 mV can be accommodated, but with increased leakage at high temperatures.
12 VREF = REFIN(+) − REFIN(−).
13 These logic output levels apply to the MCLK OUT only when it is loaded with one CMOS load.
14 Sample tested at 25°C to ensure compliance.
15 After calibration, if the analog input exceeds positive full scale, the converter outputs all 1s. If the analog input is less than negative full scale, the device outputs all 0s.
16 These calibration and span limits apply, provided that the absolute voltage on the analog inputs does not exceed VDD + 30 mV or go more negative than
GND
− 100 mV. The offset calibration limit applies to both the unipolar zero point and the bipolar zero point.
17 When using a crystal or ceramic resonator across the MCLK pins as the clock source for the device, the VDD current and power dissipation varies depending on the
crystal or resonator type (see Clocking and Oscillator Circuit section).
18 If the external master clock continues to run in standby mode, the standby current increases to 150 μA typical at 5 V and 75 μA at 3 V. When using a crystal or ceramic
resonator across the MCLK pins as the clock source for the device, the internal oscillator continues to run in standby mode, and the power dissipation depends on the
crystal or resonator type (see Standby Mode section).
19 Measured at dc and applies in the selected pass band. PSRR at 50 Hz exceeds 120 dB, with filter notches of 25 Hz or 50 Hz. PSRR at 60 Hz exceeds 120 dB, with filter
notches of 20 Hz or 60 Hz.
20 PSRR depends on both gain and VDD, as follows:
Gain
1
2
4
8 to 128
VDD = 3 V
86
78
85
93
VDD = 5 V
90
78
84
91


Số phần tương tự - AD7705BRZ-REEL1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7705BRZ-REEL1 AD-AD7705BRZ-REEL1 Datasheet
395Kb / 44P
   3 V/5 V, 1 mW, 2-/3-Channel
REV. C
More results

Mô tả tương tự - AD7705BRZ-REEL1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7705 AD-AD7705 Datasheet
264Kb / 32P
   3 V/5 V, 1 mW 2-/3-Channel 16-Bit, Sigma-Delta ADCs
REV. A
AD7707 AD-AD7707 Datasheet
316Kb / 40P
   3 V/5 V, -10 V Input Range, 1 mW 3-Channel 16-Bit, Sigma-Delta ADC
REV. A
AD7705 AD-AD7705_15 Datasheet
395Kb / 44P
   3 V/5 V, 1 mW, 2-/3-Channel
REV. C
AD7706 AD-AD7706_15 Datasheet
395Kb / 44P
   3 V/5 V, 1 mW, 2-/3-Channel
REV. C
AD7715AR5 AD-AD7715AR5 Datasheet
495Kb / 40P
   3 V/5 V, 450 muA 16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715 Datasheet
474Kb / 31P
   3 V/5 V, 450 uA 16-Bit, Sigma-Delta ADC
REV. C
AD7715 AD-AD7715_10 Datasheet
495Kb / 40P
   3 V/5 V, 450 關A 16-Bit, Sigma-Delta ADC
REV. D
logo
Maxim Integrated Produc...
MAX1415 MAXIM-MAX1415_05 Datasheet
574Kb / 36P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
Rev 1; 12/05
MAX1415 MAXIM-MAX1415_V01 Datasheet
1Mb / 35P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
2015
logo
Analog Devices
AD7707 AD-AD7707_15 Datasheet
693Kb / 52P
   3-Channel 16-Bit, Sigma-Delta ADC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com