công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD5516 bảng dữ liệu(PDF) 3 Page - Analog Devices

tên linh kiện AD5516
Giải thích chi tiết về linh kiện  16-Channel, 12-Bit Voltage-Output DAC with 14-Bit Increment Mode
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD5516 bảng dữ liệu(HTML) 3 Page - Analog Devices

  AD5516_03 Datasheet HTML 1Page - Analog Devices AD5516_03 Datasheet HTML 2Page - Analog Devices AD5516_03 Datasheet HTML 3Page - Analog Devices AD5516_03 Datasheet HTML 4Page - Analog Devices AD5516_03 Datasheet HTML 5Page - Analog Devices AD5516_03 Datasheet HTML 6Page - Analog Devices AD5516_03 Datasheet HTML 7Page - Analog Devices AD5516_03 Datasheet HTML 8Page - Analog Devices AD5516_03 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
REV. B
AD5516
–3–
AC CHARACTERISTICS
(VDD = +4.75 V to +13.2 V, VSS = –4.75 V to –13.2 V; AVCC = 4.75 V to 5.25 V; DVCC = 2.7 V to 5.25 V;
AGND = DGND = DACGND = 0 V; REF IN = 3 V. All outputs unloaded.
All specifications TMIN to TMAX, unless otherwise noted.)
Parameter
1, 2
A Version
3
Unit
Conditions/Comments
Output Voltage Settling Time (Mode 1)
4
100 pF, 5 k
W Load Full-Scale Change
AD5516–1
32
s max
AD5516–2
32
s max
AD5516–3
36
s max
Output Voltage Settling Time (Mode 2)
4
100 pF, 5 k
W Load, 127 Code Increment
AD5516–1
2.5
s max
AD5516–2
3.35
s max
AD5516–3
7
s max
Slew Rate
0.85
V/ s typ
Digital-to-Analog Glitch Impulse
1
nV-s typ
1 LSB Change around Major Carry
Digital Crosstalk
5
nV-s typ
Analog Crosstalk
AD5516–1
1
nV-s typ
AD5516–2
5
nV-s typ
AD5516–3
20
nV-s typ
Digital Feedthrough
1
nV-s typ
Output Noise Spectral Density @ 10 kHz
AD5516–1
150
nV/(Hz)
1/2 typ
AD5516–2
350
nV/(Hz)
1/2 typ
AD5516–3
700
nV/(Hz)
1/2 typ
NOTES
1See Terminology section.
2Guaranteed by design and characterization; not production tested.
3A version: Industrial temperature range –40
∞C to +85∞C.
4 Timed from the end of a write sequence and includes
BUSY low time.
Specifications subject to change without notice.
Limit at TMIN, TMAX
Parameter
1, 2, 3
(A Version)
Unit
Conditions/Comments
fUPDATE1
32
kHz max
DAC Update Rate (Mode 1)
fUPDATE2
750
kHz max
DAC Update Rate (Mode 2)
fCLKIN
20
MHz max
SCLK Frequency
t1
20
ns min
SCLK High Pulsewidth
t2
20
ns min
SCLK Low Pulsewidth
t3
15
ns min
SYNC Falling Edge to SCLK Falling Edge Setup Time
t4
5
ns min
DIN Setup Time
t5
5
ns min
DIN Hold Time
t6
0
ns min
SCLK Falling Edge to
SYNC Rising Edge
t7
10
ns min
Minimum
SYNC High Time (Standalone Mode)
t7MODE2
400
ns min
Minimum
SYNC High Time (Daisy-Chain Mode)
t8MODE1
10
ns min
BUSY Rising Edge to SYNC Falling Edge
t9MODE2
200
ns min
18th SCLK Falling Edge to
SYNC Falling Edge (Standalone Mode)
t10
10
ns min
SYNC Rising Edge to SCLK Rising Edge (Daisy-Chain Mode)
t11
4
20
ns max
SCLK Rising Edge to DOUT Valid (Daisy-Chain Mode)
t12
20
ns min
RESET Pulsewidth
NOTES
1See Timing Diagrams in Figures 1 and 2.
2Guaranteed by design and characterization; not production tested.
3All input signals are specified with tr = tf = 5 ns (10% to 90% of DV
CC) and timed from a voltage level of (V IL + VIH)/2.
4This is measured with the load circuit of Figure 3.
Specifications subject to change without notice.
TIMING CHARACTERISTICS
(VDD = +4.75 V to +13.2 V, VSS = – 4.75 V to –13.2 V; AVCC = 4.75 V to 5.25 V; DVCC = 2.7 V to 5.25 V;
AGND = DGND = DACGND = 0 V. All specifications TMIN to TMAX, unless otherwise noted.)


Số phần tương tự - AD5516_03

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5516-1 AD-AD5516-1 Datasheet
197Kb / 16P
   16-Channel, 12-Bit Voltage-Output DAC with 14-Bit Increment Mode
REV. 0
AD5516-2 AD-AD5516-2 Datasheet
197Kb / 16P
   16-Channel, 12-Bit Voltage-Output DAC with 14-Bit Increment Mode
REV. 0
AD5516-3 AD-AD5516-3 Datasheet
197Kb / 16P
   16-Channel, 12-Bit Voltage-Output DAC with 14-Bit Increment Mode
REV. 0
AD5516ABC-1 AD-AD5516ABC-1 Datasheet
197Kb / 16P
   16-Channel, 12-Bit Voltage-Output DAC with 14-Bit Increment Mode
REV. 0
AD5516ABC-2 AD-AD5516ABC-2 Datasheet
197Kb / 16P
   16-Channel, 12-Bit Voltage-Output DAC with 14-Bit Increment Mode
REV. 0
More results

Mô tả tương tự - AD5516_03

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5516 AD-AD5516 Datasheet
197Kb / 16P
   16-Channel, 12-Bit Voltage-Output DAC with 14-Bit Increment Mode
REV. 0
AD5516 AD-AD5516_15 Datasheet
228Kb / 16P
   16-Channel, 12-Bit Voltage-Output DAC with 14-Bit Increment Mode
REV. B
AD5360 AD-AD5360 Datasheet
284Kb / 25P
   16-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
Rev. PrF
AD5360 AD-AD5360_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5360 AD-AD5360_08 Datasheet
825Kb / 28P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5361 AD-AD5361_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
logo
Texas Instruments
DAC80508Z TI1-DAC80508Z Datasheet
2Mb / 53P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80508 TI1-DAC80508 Datasheet
217Kb / 8P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80508 TI1-DAC80508_18 Datasheet
2Mb / 55P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
logo
Analog Devices
AD5532 AD-AD5532 Datasheet
244Kb / 16P
   32-Channel, 14-Bit Voltage-Output DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com