công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD5302 bảng dữ liệu(PDF) 7 Page - Analog Devices

tên linh kiện AD5302
Giải thích chi tiết về linh kiện  2.5 V to 5.5 V, 230 關A, Dual Rail-to-Rail, Voltage Output 8-/10-/12-Bit DACs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD5302 bảng dữ liệu(HTML) 7 Page - Analog Devices

Back Button AD5302_11 Datasheet HTML 3Page - Analog Devices AD5302_11 Datasheet HTML 4Page - Analog Devices AD5302_11 Datasheet HTML 5Page - Analog Devices AD5302_11 Datasheet HTML 6Page - Analog Devices AD5302_11 Datasheet HTML 7Page - Analog Devices AD5302_11 Datasheet HTML 8Page - Analog Devices AD5302_11 Datasheet HTML 9Page - Analog Devices AD5302_11 Datasheet HTML 10Page - Analog Devices AD5302_11 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD5302/AD5312/AD5322
Rev. D | Page 7 of 24
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
1
Table 4.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Parameter
Rating
VDD to GND
–0.3 V to +7 V
Digital Input Voltage to GND
–0.3 V to VDD + 0.3 V
Reference Input Voltage to
GND
–0.3 V to VDD + 0.3 V
VOUTA, VOUTB to GND
–0.3 V to VDD + 0.3 V
Operating Temperature Range
Industrial (A, B Version)
–40°C to +105°C
Storage Temperature Range
–65°C to +150°C
Junction Temperature (TJ max)
+150°C
10-Lead MSOP
Power Dissipation
(TJ max – TA)/θJA
θJA Thermal Impedance
206°C/W
θJC Thermal Impedance
44°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
1 Transient currents of up to 100 mA do not cause SCR latch-up.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Số phần tương tự - AD5302_11

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5302 AD-AD5302_15 Datasheet
1Mb / 24P
   2.5 V to 5.5 V, 230 A, Dual Rail-to-Rail, Voltage Output 8-/10-/12-Bit DACs
REV. D
More results

Mô tả tương tự - AD5302_11

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5313ARUZ AD-AD5313ARUZ Datasheet
464Kb / 28P
   2.5 V to 5.5 V, 230 關A, Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs
REV. B
AD5302 AD-AD5302_15 Datasheet
1Mb / 24P
   2.5 V to 5.5 V, 230 A, Dual Rail-to-Rail, Voltage Output 8-/10-/12-Bit DACs
REV. D
AD5322 AD-AD5322_15 Datasheet
1Mb / 24P
   2.5 V to 5.5 V, 230 A, Dual Rail-to-Rail, Voltage Output 8-/10-/12-Bit DACs
REV. D
AD5312 AD-AD5312_15 Datasheet
1Mb / 24P
   2.5 V to 5.5 V, 230 A, Dual Rail-to-Rail, Voltage Output 8-/10-/12-Bit DACs
REV. D
AD5313 AD-AD5313_15 Datasheet
464Kb / 28P
   2.5 V to 5.5 V, 230 A, Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs
REV. B
AD5323 AD-AD5323_15 Datasheet
464Kb / 28P
   2.5 V to 5.5 V, 230 A, Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs
REV. B
AD5303 AD-AD5303_15 Datasheet
464Kb / 28P
   2.5 V to 5.5 V, 230 A, Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs
REV. B
AD5302 AD-AD5302 Datasheet
207Kb / 16P
   2.5 V to 5.5 V, 230 uA Dual Rail-to-Rail, Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5303 AD-AD5303 Datasheet
227Kb / 18P
   2.5 V to 5.5 V, 230 uA, Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5332 AD-AD5332_15 Datasheet
327Kb / 20P
   2.5 V to 5.5 V, 230 A, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com