công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD5241BRZ100-RL7 bảng dữ liệu(PDF) 4 Page - Analog Devices

tên linh kiện AD5241BRZ100-RL7
Giải thích chi tiết về linh kiện  I2C-Compatible, 256-Position Digital Potentiometers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD5241BRZ100-RL7 bảng dữ liệu(HTML) 4 Page - Analog Devices

  AD5241BRZ100-RL7 Datasheet HTML 1Page - Analog Devices AD5241BRZ100-RL7 Datasheet HTML 2Page - Analog Devices AD5241BRZ100-RL7 Datasheet HTML 3Page - Analog Devices AD5241BRZ100-RL7 Datasheet HTML 4Page - Analog Devices AD5241BRZ100-RL7 Datasheet HTML 5Page - Analog Devices AD5241BRZ100-RL7 Datasheet HTML 6Page - Analog Devices AD5241BRZ100-RL7 Datasheet HTML 7Page - Analog Devices AD5241BRZ100-RL7 Datasheet HTML 8Page - Analog Devices AD5241BRZ100-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD5241/AD5242
Rev. C | Page 4 of 20
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
DYNAMIC CHARACTERISTICS5, 7, 8
−3 dB Bandwidth
BW_10 kΩ
RAB = 10 kΩ, code = 0x80
650
kHz
BW_100 kΩ
RAB = 100 kΩ, code = 0x80
69
kHz
BW_1 MΩ
RAB = 1 MΩ, code = 0x80
6
kHz
Total Harmonic Distortion
THDW
VA = 1 V rms + 2 V dc,
VB = 2 V dc, f = 1 kHz
0.005
%
VW Settling Time
tS
VA = VDD, VB = 0 V, ± 1 LSB
error band, RAB = 10 kΩ
2
μs
Resistor Noise Voltage
eN_WB
RWB = 5 kΩ, f = 1 kHz
14
nV√Hz
INTERFACE TIMING CHARACTERISTICS
(APPLIES TO ALL PARTS5, 9)
SCL Clock Frequency
fSCL
0
400
kHz
Bus Free Time Between Stop and Start, tBUF
t1
1.3
μs
Hold Time (Repeated Start), tHD; STA
t2
After this period, the first
clock pulse is generated
600
ns
Low Period of SCL Clock, tLOW
t3
1.3
μs
High Period of SCL Clock, tHIGH
t4
0.6
50
μs
Setup Time for Repeated Start Condition, tSU;STA
t5
600
ns
Data Hold Time, tHD; DAT
t6
900
ns
Data Setup Time, tSU; DAT
t7
100
ns
Rise Time of Both SDA and SCL Signals, tR
t8
300
ns
Fall Time of Both SDA and SCL Signals, tF
t9
300
ns
Setup Time for Stop Condition, tSU; STO
t10
1 Typicals represent average readings at 25°C, VDD = 5 V.
2 Resistor position nonlinearity error R-INL is the deviation from an ideal value measured between the maximum resistance and the minimum resistance wiper
positions. R-DNL measures the relative step change from ideal between successive tap positions. Parts are guaranteed monotonic. See Test Circuits.
3 INL and DNL are measured at VW with the RDAC configured as a potentiometer divider similar to a voltage output D/A converter. VA = VDD and VB = 0 V. DNL
specification limits of ±1 LSB maximum are guaranteed monotonic operating conditions. See Figure 37.
4 Resistor Terminal A, Resistor Terminal B, and Resistor Terminal W have no limitations on polarity with respect to each other.
5 Guaranteed by design, not subject to production test.
6 PDISS is calculated from (IDD × VDD). CMOS logic level inputs result in minimum power dissipation.
7 Bandwidth, noise, and settling time are dependent on the terminal resistance value chosen. The lowest R value results in the fastest settling time and highest
bandwidth. The highest R value results in the minimum overall power consumption.
8 All dynamic characteristics use VDD = 5 V.
9 See timing diagram in Figure 3 for location of measured values.


Số phần tương tự - AD5241BRZ100-RL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5241BR10 AD-AD5241BR10 Datasheet
394Kb / 16P
   I2C Compatible 256-Position Digital Potentiometers
REV. B
AD5241BR10-REEL7 AD-AD5241BR10-REEL7 Datasheet
394Kb / 16P
   I2C Compatible 256-Position Digital Potentiometers
REV. B
AD5241BR100 AD-AD5241BR100 Datasheet
394Kb / 16P
   I2C Compatible 256-Position Digital Potentiometers
REV. B
AD5241BR100-REEL7 AD-AD5241BR100-REEL7 Datasheet
394Kb / 16P
   I2C Compatible 256-Position Digital Potentiometers
REV. B
AD5241BR1M AD-AD5241BR1M Datasheet
394Kb / 16P
   I2C Compatible 256-Position Digital Potentiometers
REV. B
More results

Mô tả tương tự - AD5241BRZ100-RL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5241BR10 AD-AD5241BR10 Datasheet
394Kb / 16P
   I2C Compatible 256-Position Digital Potentiometers
REV. B
AD5248 AD-AD5248_16 Datasheet
834Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
AD5243 AD-AD5243_16 Datasheet
834Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
AD5243BRMZ100 AD-AD5243BRMZ100 Datasheet
803Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
REV. B
AD5241 AD-AD5241_15 Datasheet
550Kb / 20P
   IC-Compatible, 256-Position Digital Potentiometers
REV. C
AD5242 AD-AD5242_15 Datasheet
550Kb / 20P
   IC-Compatible, 256-Position Digital Potentiometers
REV. C
logo
ON Semiconductor
CAT5171 ONSEMI-CAT5171 Datasheet
171Kb / 12P
   256-Position I2C Compatible Digital Potentiometer
August, 2009 ??Rev. 1
logo
Analog Devices
AD5245BRJ50 AD-AD5245BRJ50 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5245BRJ10 AD-AD5245BRJ10 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5245 AD-AD5245 Datasheet
995Kb / 16P
   256-Position I2C Compatible Digital Potentiometer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com