công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TC1263-2.8VOA bảng dữ liệu(PDF) 2 Page - Microchip Technology

tên linh kiện TC1263-2.8VOA
Giải thích chi tiết về linh kiện  500 mA, Fixed-Output, CMOS LDO with Shutdown
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1263-2.8VOA bảng dữ liệu(HTML) 2 Page - Microchip Technology

  TC1263-2.8VOA Datasheet HTML 1Page - Microchip Technology TC1263-2.8VOA Datasheet HTML 2Page - Microchip Technology TC1263-2.8VOA Datasheet HTML 3Page - Microchip Technology TC1263-2.8VOA Datasheet HTML 4Page - Microchip Technology TC1263-2.8VOA Datasheet HTML 5Page - Microchip Technology TC1263-2.8VOA Datasheet HTML 6Page - Microchip Technology TC1263-2.8VOA Datasheet HTML 7Page - Microchip Technology TC1263-2.8VOA Datasheet HTML 8Page - Microchip Technology TC1263-2.8VOA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
TC1263
DS21374D-page 2
 2002-2012 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
Input Voltage .........................................................6.5V
Output Voltage................ (GND – 0.3V) to (VIN + 0.3V)
Power Dissipation................Internally Limited (Note 7)
Voltage (max.) on Any Pin: (GND – 0.3V) to (VIN + 0.3V)
Operating Temperature Range.... -40°C < TJ < +125°C
Storage Temperature..........................-65°C to +150°C
† Notice: Stresses above those listed under "Maximum
Ratings" may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operation listings of this specification is not implied. Exposure
to maximum rating conditions for extended periods may affect
device reliability.
DC CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, VIN = VR + 1.0V, (Note 1), IL = 100 µA, CL = 3.3 µF,
SHDN > VIH, TA = +25°C. Boldface type specifications apply for junction temperatures of -40°C to +125°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input Operating Voltage
VIN
2.7
6.0
V
Note 2
Maximum Output Current
IOUTMAX
500
——
mA
Output Voltage
VOUT
VR – 2.5% VR ± 0.5% VR + 2.5%
V
Note 1
VOUT Temperature Coefficient
V
OUT/T
40
ppm/°C Note 3
Line Regulation
V
OUT/VIN
—0.05
0.35
%(VR + 1V) VIN6V
Load Regulation (Note 4)
V
OUT/VOUT
–0.01
0.002
+0.01
%/mA
IL = 0.1 mA to IOUTMAX
Dropout Voltage (Note 5)
VIN-VOUT
—20
30
mV
IL = 100 µA
—60
130
IL = 100 mA
200
390
IL = 300 mA
350
650
IL = 500 mA
Supply Current
IDD
—80
130
µA
SHDN = VIH, IL = 0
Shutdown Supply Current
ISHDN
—0.05
1
µA
SHDN = 0V
Power Supply Rejection Ratio
PSRR
64
db
F
1kHz
Output Short Circuit Current
IOUTSC
1200
1400
mA
VOUT = 0V
Thermal Regulation
V
OUT/PD
—0.04
V/W
Note 6
Output Noise
eN
260
nV/
Hz I
L = IOUTMAX, F = 10 kHZ
Note
1:
VR is the regulator output voltage setting.
2:
The minimum VIN has to justify the conditions: VIN  VR + VDROPOUT and VIN  2.7V for IL = 0.1 mA to IOUTMAX.
3:
4:
Regulation is measured at a constant junction temperature using low duty-cycle pulse testing. Load regulation is tested
over a load range from 0.1 mA to the maximum specified output current. Changes in output voltage due to heating
effects are covered by the thermal regulation specification.
5:
Dropout voltage is defined as the input-to-output differential at which the output voltage drops 2% below its nominal
value measured at a 1.0V differential.
6:
Thermal regulation is defined as the change in output voltage at a time T after a change in power dissipation is applied,
excluding load or line regulation effects. Specifications are for a current pulse equal to ILMAX at VIN = 6V for T = 10 ms.
7:
The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable junction
temperature and the thermal resistance from junction-to-air (i.e., TA, TJ, JA). Exceeding the maximum allowable power
dissipation causes the device to initiate thermal shutdown. Please see Section 5.0 “Thermal Considerations” for
more details.
TCV
OUT
V
OUTMAX
V
OUTMIN
 10
6
V
OUT
T
-------------------------------------------------------------------------
=


Số phần tương tự - TC1263-2.8VOA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
TC1263-2.8VOA MICROCHIP-TC1263-2.8VOA Datasheet
285Kb / 18P
   500 mA, Fixed-Output, CMOS LDO with Shutdown
2005
TC1263-2.8VOATR MICROCHIP-TC1263-2.8VOATR Datasheet
285Kb / 18P
   500 mA, Fixed-Output, CMOS LDO with Shutdown
2005
More results

Mô tả tương tự - TC1263-2.8VOA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
TC1263 MICROCHIP-TC1263_05 Datasheet
285Kb / 18P
   500 mA, Fixed-Output, CMOS LDO with Shutdown
2005
TC1265 MICROCHIP-TC1265 Datasheet
262Kb / 16P
   800 mA Fixed-Output CMOS LDO with Shutdown
2004
TC1265 MICROCHIP-TC1265_06 Datasheet
860Kb / 18P
   800 mA Fixed-Output CMOS LDO with Shutdown
2006
TC1264 MICROCHIP-TC1264_06 Datasheet
839Kb / 18P
   800 mA Fixed-Output CMOS LDO with Shutdown
2006
TC1263 MICROCHIP-TC1263 Datasheet
486Kb / 14P
   500mA Fixed Output CMOS LDO with Shutdown
2002
TC1268 MICROCHIP-TC1268 Datasheet
448Kb / 12P
   500mA Fixed Output, Fast Response CMOS LDO with Shutdown
2002
TC1017 MICROCHIP-TC1017 Datasheet
450Kb / 22P
   150 mA, Tiny CMOS LDO With Shutdown
2003
TC1016 MICROCHIP-TC1016_05 Datasheet
294Kb / 22P
   80 mA, Tiny CMOS LDO With Shutdown
2005
TC1017 MICROCHIP-TC1017_13 Datasheet
595Kb / 26P
   150 mA, Tiny CMOS LDO With Shutdown
11/29/12
TC1017R-3VLTTR MICROCHIP-TC1017R-3VLTTR Datasheet
299Kb / 22P
   150 mA, Tiny CMOS LDO With Shutdown
03/01/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com