công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD630JCHIPS bảng dữ liệu(PDF) 11 Page - Analog Devices |
|
AD630JCHIPS bảng dữ liệu(HTML) 11 Page - Analog Devices |
11 / 12 page REV. E AD630 –11– OUTLINE DIMENSIONS 20-Lead Side-Brazed Ceramic Dual In-Line Package [SBDIP] (D-20) Dimensions shown in inches and (millimeters) 20 1 10 11 0.300 (7.62) 0.280 (7.11) PIN 1 0.080 (2.03) MAX 0.005 (0.13) MIN SEATING PLANE 0.023 (0.58) 0.014 (0.36) 0.060 (1.52) 0.015 (0.38) 0.200 (5.08) MAX 0.200 (5.08) 0.125 (3.18) 0.070 (1.78) 0.030 (0.76) 0.100 (2.54) BSC 0.150 (3.81) MIN 0.320 (8.13) 0.300 (7.62) 0.015 (0.38) 0.008 (0.20) CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN 1.060 (28.92) 0.990 (25.15) 20-Lead Plastic Dual In-Line Package [PDIP] (N-20) Dimensions shown in inches and (millimeters) 20 1 10 11 0.985 (25.02) 0.965 (24.51) 0.945 (24.00) 0.295 (7.49) 0.285 (7.24) 0.275 (6.99) 0.150 (3.81) 0.135 (3.43) 0.120 (3.05) 0.015 (0.38) 0.010 (0.25) 0.008 (0.20) 0.325 (8.26) 0.310 (7.87) 0.300 (7.62) SEATING PLANE 0.015 (0.38) MIN 0.180 (4.57) MAX 0.022 (0.56) 0.018 (0.46) 0.014 (0.36) 0.150 (3.81) 0.130 (3.30) 0.110 (2.79) 0.100 (2.54) BSC 0.060 (1.52) 0.050 (1.27) 0.045 (1.14) CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN COMPLIANT TO JEDEC STANDARDS MO-095-AE 20-Terminal Ceramic Leadless Chip Carrier [LCC] (E-20A) Dimensions shown in inches and (millimeters) 1 20 4 9 8 13 19 14 3 18 BOTTOM VIEW 0.028 (0.71) 0.022 (0.56) 45 TYP 0.015 (0.38) MIN 0.055 (1.40) 0.045 (1.14) 0.050 (1.27) BSC 0.075 (1.91) REF 0.011 (0.28) 0.007 (0.18) R TYP 0.095 (2.41) 0.075 (1.90) 0.100 (2.54) REF 0.200 (5.08) REF 0.150 (3.81) BSC 0.075 (1.91) REF 0.358 (9.09) 0.342 (8.69) SQ 0.358 (9.09) MAX SQ 0.100 (2.54) 0.064 (1.63) 0.088 (2.24) 0.054 (1.37) CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETERS DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN |
Số phần tương tự - AD630JCHIPS |
|
Mô tả tương tự - AD630JCHIPS |