công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP73826 bảng dữ liệu(PDF) 9 Page - Microchip Technology

tên linh kiện MCP73826
Giải thích chi tiết về linh kiện  Single Cell Lithium-Ion Charge Management Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73826 bảng dữ liệu(HTML) 9 Page - Microchip Technology

Back Button MCP73826_13 Datasheet HTML 5Page - Microchip Technology MCP73826_13 Datasheet HTML 6Page - Microchip Technology MCP73826_13 Datasheet HTML 7Page - Microchip Technology MCP73826_13 Datasheet HTML 8Page - Microchip Technology MCP73826_13 Datasheet HTML 9Page - Microchip Technology MCP73826_13 Datasheet HTML 10Page - Microchip Technology MCP73826_13 Datasheet HTML 11Page - Microchip Technology MCP73826_13 Datasheet HTML 12Page - Microchip Technology MCP73826_13 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
 2002-2013 Microchip Technology Inc.
DS21705B-page 9
MCP73826
4.0
DEVICE OVERVIEW
The MCP73826 is a linear charge management con-
troller. Refer to the functional block diagram on page 2
and the typical application circuit, Figure 6-1.
4.1
Charge Qualification and
Preconditioning
Upon insertion of a battery or application of an external
supply, the MCP73826 verifies the state of the SHDN
pin. The SHDN pin must be above the logic high level.
If the SHDN pin is above the logic high level, the
MCP73826 initiates a charge cycle. If the cell is below
the preconditioning threshold, 2.4V typically, the
MCP73826 preconditions the cell with a scaled back
current. The preconditioning current is set to approxi-
mately 43% of the fast charge peak current. The pre-
conditioning safely replenishes deeply depleted cells
and minimizes heat dissipation in the external pass
transistor during the initial charge cycle.
4.2
Controlled Current Regulation - Fast
Charge
Preconditioning ends and fast charging begins when
the cell voltage exceeds the preconditioning threshold.
Fast charge utilizes a foldback current scheme based
on the voltage at the VSNS input developed by the drop
across an external sense resistor, RSENSE, and the out-
put voltage, VBAT. Fast charge continues until the cell
voltage reaches the regulation voltage, VREG.
4.3
Constant Voltage Regulation
When the cell voltage reaches the regulation voltage,
VREG, constant voltage regulation begins. The
MCP73826 monitors the cell voltage at the VBAT pin.
This input is tied directly to the positive terminal of the
battery. The MCP73826 is offered in two fixed-voltage
versions for battery packs with either coke or graphite
anodes:
4.1V
(MCP73826-4.1)
and
4.2V
(MCP73826-4.2).
4.4
Charge Cycle Completion
The charge cycle can be terminated by a host micro-
controller after an elapsed time from the start of the
charge cycle. The charge is terminated by pulling the
shutdown pin, SHDN, to a logic Low level.


Số phần tương tự - MCP73826_13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP73826-4.1VCHTR MICROCHIP-MCP73826-4.1VCHTR Datasheet
425Kb / 24P
   Single Cell Lithium-Ion Charge Management Controller
01/18/02
MCP73826-4.2VCHTR MICROCHIP-MCP73826-4.2VCHTR Datasheet
425Kb / 24P
   Single Cell Lithium-Ion Charge Management Controller
01/18/02
MCP73826-42VCHTR MICROCHIP-MCP73826-42VCHTR Datasheet
425Kb / 24P
   Single Cell Lithium-Ion Charge Management Controller
01/18/02
More results

Mô tả tương tự - MCP73826_13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP73826 MICROCHIP-MCP73826 Datasheet
422Kb / 24P
   Single Cell Lithium-Ion Charge Management Controller
2002-2013
MCP73826-42VCHTR MICROCHIP-MCP73826-42VCHTR Datasheet
425Kb / 24P
   Single Cell Lithium-Ion Charge Management Controller
01/18/02
logo
ON Semiconductor
NCP1800 ONSEMI-NCP1800_04 Datasheet
93Kb / 14P
   Single-Cell Lithium Ion Battery Charge Controller
November, 2004 ??Rev. 5
NCP1800 ONSEMI-NCP1800 Datasheet
87Kb / 14P
   Single-Cell Lithium Ion Battery Charge Controller
May, 2003 - Rev. 4
logo
Shenzhen Huazhimei Semi...
HM4088 HMSEMI-HM4088 Datasheet
489Kb / 12P
   Switched single-cell, two-cell lithium-ion/lithium polymer charge management chip
logo
Microchip Technology
MCP73827 MICROCHIP-MCP73827 Datasheet
283Kb / 20P
   Single Cell Lithium-Ion Charge Management Controller with Mode Indicator and Charge Current Monitor
2007
MCP73828 MICROCHIP-MCP73828 Datasheet
499Kb / 24P
   Single Cell Lithium-Ion Charge Management Controller with Charge Complete Indicator and Temperature Monitor
2002
MCP73841 MICROCHIP-MCP73841_13 Datasheet
416Kb / 26P
   Advanced Single or Dual Cell Lithium-Ion/ Lithium-Polymer Charge Management Controllers
1/29/12 2003-2013
logo
Shenzhen Huazhimei Semi...
HM4203 HMSEMI-HM4203 Datasheet
1Mb / 8P
   single-cell lithium-ion battery charge
logo
Microchip Technology
MCP73841 MICROCHIP-MCP73841 Datasheet
414Kb / 24P
   Advanced Single or Dual Cell Lithium-Ion/ Lithium-Polymer Charge Management Controllers
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com