công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP2150 bảng dữ liệu(PDF) 11 Page - Microchip Technology

tên linh kiện MCP2150
Giải thích chi tiết về linh kiện  IrDA짰 Standard Protocol Stack Controller Supporting DTE Applications
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2150 bảng dữ liệu(HTML) 11 Page - Microchip Technology

Back Button MCP2150_13 Datasheet HTML 7Page - Microchip Technology MCP2150_13 Datasheet HTML 8Page - Microchip Technology MCP2150_13 Datasheet HTML 9Page - Microchip Technology MCP2150_13 Datasheet HTML 10Page - Microchip Technology MCP2150_13 Datasheet HTML 11Page - Microchip Technology MCP2150_13 Datasheet HTML 12Page - Microchip Technology MCP2150_13 Datasheet HTML 13Page - Microchip Technology MCP2150_13 Datasheet HTML 14Page - Microchip Technology MCP2150_13 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
 2001-2012 Microchip Technology Inc.
Preliminary
DS21655C-page 11
MCP2150
The IrDA standard specifies the following protocols:
• Physical Signaling Layer (PHY)
• Link Access Protocol (IrLAP)
• Link Management Protocol/Information Access
Service (IrLMP/IAS)
The IrDA data lists optional protocols. They are:
•Tiny TP
• IrTran-P
• IrOBEX
•IrLAN
•IrCOMM
•IrMC
•IrDA Lite
Figure 2-6 shows the IrDA data protocol stack and
which components are implemented by the MCP2150.
FIGURE 2-6:
IRDA DATA - PROTOCOL
STACKS
2.9.1
IrDA DATA PROTOCOLS
SUPPORTED BY MCP2150
The MCP2150 supports these required IrDA standard
protocols:
• Physical Signaling Layer (PHY)
• Link Access Protocol (IrLAP)
• Link Management Protocol/Information Access
Service (IrLMP/IAS)
The MCP2150 also supports some of the optional pro-
tocols for IrDA data. The optional protocols that the
MCP2150 implements are:
•Tiny TP
•IrCOMM
2.9.1.1
Physical Signal Layer (PHY)
The MCP2150 provides the following Physical Signal
Layer specification support:
• Bidirectional communication
• Data Packets are protected by a CRC
- 16-bit CRC for speeds up to 115.2 kbaud
• Data Communication Rate
- 9600 baud minimum data rate
The following Physical Layer Specification is depen-
dant on the optical transceiver logic used in the
application. The specification states:
• Communication Range, which sets the end user
expectation for discovery, recognition and perfor-
mance.
- Continuous operation from contact to at least
1 meter (typically 2 meters can be reached)
- A low power specification reduces the objec-
tive for operation from contact to at least
20 cm (low power and low power) or 30 cm
(low power and standard power).
IrComm (1)
IR Link Management - Mux (IrLMP)
IR Link Access Protocol (IrLAP)
Optional IrDA data
protocols not
Supported by
the MCP2150
supported by
the MCP2150
IrTran-P
IrObex
IrLan
IrMC
LM-IAS
Tiny Transport Protocol (Tiny TP)
Synchronous
4PPM
(4 Mb/s)
Synchronous
Serial IR
(1.152 Mb/s)
Asynchronous
Serial IR (2)
(9600 -115200 b/s)
Note 1: The MCP2155 implements the 9-wire
“cooked" service class serial replicator.
2: An optical transceiver is required.
21655C.book Page 11 Thursday, January 10, 2013 12:57 PM


Số phần tương tự - MCP2150_13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP2150-I/P MICROCHIP-MCP2150-I/P Datasheet
687Kb / 52P
   IrDA짰 Standard Protocol Stack Controller Supporting DTE Applications
2002
MCP2150-I/SO MICROCHIP-MCP2150-I/SO Datasheet
687Kb / 52P
   IrDA짰 Standard Protocol Stack Controller Supporting DTE Applications
2002
MCP2150-I/SS MICROCHIP-MCP2150-I/SS Datasheet
687Kb / 52P
   IrDA짰 Standard Protocol Stack Controller Supporting DTE Applications
2002
MCP2150T-I/P MICROCHIP-MCP2150T-I/P Datasheet
687Kb / 52P
   IrDA짰 Standard Protocol Stack Controller Supporting DTE Applications
2002
MCP2150T-I/SO MICROCHIP-MCP2150T-I/SO Datasheet
687Kb / 52P
   IrDA짰 Standard Protocol Stack Controller Supporting DTE Applications
2002
More results

Mô tả tương tự - MCP2150_13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP2150 MICROCHIP-MCP2150 Datasheet
687Kb / 52P
   IrDA짰 Standard Protocol Stack Controller Supporting DTE Applications
2002
MCP2155 MICROCHIP-MCP2155_13 Datasheet
852Kb / 52P
   IrDA짰 Standard Protocol Stack Controller
11/29/12
MCP2155 MICROCHIP-MCP2155 Datasheet
608Kb / 52P
   ItDA Standard Protocol Stack Controller Supporting DCE Applications
2001
MCP2155-I MICROCHIP-MCP2155-I Datasheet
512Kb / 52P
   IrDA Standard Protocol Stack Controller Supporting DCE Applicaations
10/01/01
MCP2140 MICROCHIP-MCP2140_03 Datasheet
936Kb / 58P
   IrDA짰 Standard Protocol Stack Controller With Fixed 9600 Baud Communication Rate
2003
MCP2140 MICROCHIP-MCP2140_13 Datasheet
1Mb / 58P
   IrDA짰 Standard Protocol Stack Controller With Fixed 9600 Baud Communication Rate
10/26/12
MCP2140A MICROCHIP-MCP2140A Datasheet
747Kb / 60P
   IrDA짰 Standard Protocol Stack Controller With Fixed 9600 Baud Communication Rate
2007
logo
Nanjing Qinheng Microel...
CH395 WCH-CH395 Datasheet
348Kb / 32P
   Ethernet protocol stack chip
logo
Shenzhen Tianyuan Semic...
TP1001 TPOWER-TP1001 Datasheet
518Kb / 6P
   Interface control chip supporting QC2.0 fast charging protocol
logo
Sony Corporation
CXD1185CQ SONY-CXD1185CQ Datasheet
360Kb / 35P
   SCSI 1 Protocol Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com