công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADG1613BRUZ-REEL7 bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện ADG1613BRUZ-REEL7
Giải thích chi tiết về linh kiện  1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Quad SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADG1613BRUZ-REEL7 bảng dữ liệu(HTML) 1 Page - Analog Devices

  ADG1613BRUZ-REEL7 Datasheet HTML 1Page - Analog Devices ADG1613BRUZ-REEL7 Datasheet HTML 2Page - Analog Devices ADG1613BRUZ-REEL7 Datasheet HTML 3Page - Analog Devices ADG1613BRUZ-REEL7 Datasheet HTML 4Page - Analog Devices ADG1613BRUZ-REEL7 Datasheet HTML 5Page - Analog Devices ADG1613BRUZ-REEL7 Datasheet HTML 6Page - Analog Devices ADG1613BRUZ-REEL7 Datasheet HTML 7Page - Analog Devices ADG1613BRUZ-REEL7 Datasheet HTML 8Page - Analog Devices ADG1613BRUZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1 Ω Typical On Resistance, ±5 V, +12 V,
+5 V, and +3.3 V Quad SPST Switches
Data Sheet
ADG1611/ADG1612/ADG1613
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009-2012 Analog Devices, Inc. All rights reserved.
FEATURES
1 Ω typical on resistance
0.2 Ω on resistance flatness
±3.3 V to ±8 V dual-supply operation
3.3 V to 16 V single-supply operation
No VL supply required
3 V logic-compatible inputs
Rail-to-rail operation
Continuous current per channel
LFCSP package: 280 mA
TSSOP package: 175 mA
16-lead TSSOP and 16-lead, 4 mm × 4 mm LFCSP
APPLICATIONS
Communication systems
Medical systems
Audio signal routing
Video signal routing
Automatic test equipment
Data acquisition systems
Battery-powered systems
Sample-and-hold systems
Relay replacements
GENERAL DESCRIPTION
The ADG1611/ADG1612/ADG1613 contain four independent
single-pole/single-throw (SPST) switches. The ADG1611 and
ADG1612 differ only in that the digital control logic is inverted.
The ADG1611 switches are turned on with Logic 0 on the
appropriate control input, while Logic 1 is required for the
ADG1612 switches. The ADG1613 has two switches with
digital control logic similar to that of the ADG1611; the logic is
inverted on the other two switches. Each switch conducts equally
well in both directions when on and has an input signal range that
extends to the supplies. In the off condition, signal levels up to
the supplies are blocked.
The ADG1613 exhibits break-before-make switching action for use
in multiplexer applications. Inherent in the design is the low charge
injection for minimum transients when switching the digital inputs.
The ultralow on resistance of these switches make them ideal
solutions for data acquisition and gain switching applications
where low on resistance and distortion is critical. The on resistance
profile is very flat over the full analog input range, ensuring
excellent linearity and low distortion when switching audio signals.
The CMOS construction ensures ultralow power dissipation, making
them ideally suited for portable and battery-powered instruments.
FUNCTIONAL BLOCK DIAGRAMS
IN1
IN2
IN3
IN4
S1
D1
S2
D2
S3
D3
S4
D4
ADG1611
NOTES
1. SWITCHES SHOWN FOR A LOGIC 1 INPUT.
Figure 1.
IN1
IN2
IN3
IN4
S1
D1
S2
D2
S3
D3
S4
D4
ADG1612
NOTES
1. SWITCHES SHOWN FOR A LOGIC 1 INPUT.
Figure 2.
NOTES
1. SWITCHES SHOWN FOR A LOGIC 1 INPUT.
IN1
IN2
IN3
IN4
S1
D1
S2
D2
S3
D3
S4
D4
ADG1613
Figure 3.
PRODUCT HIGHLIGHTS
1.
1.6 Ω maximum on resistance over temperature.
2.
Minimum distortion: THD + N = 0.007%.
3.
3 V logic-compatible digital inputs: VINH = 2.0 V, VINL = 0.8 V.
4.
No VL logic power supply required.
5.
Ultralow power dissipation: <16 nW.
6.
16-lead TSSOP and 16-lead, 4 mm × 4 mm LFCSP.


Số phần tương tự - ADG1613BRUZ-REEL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG1604 AD-ADG1604 Datasheet
500Kb / 20P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V, 4:1 Multiplexer
REV. 0
ADG1604BCPZ-REEL AD-ADG1604BCPZ-REEL Datasheet
500Kb / 20P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V, 4:1 Multiplexer
REV. 0
ADG1604BCPZ-REEL7 AD-ADG1604BCPZ-REEL7 Datasheet
500Kb / 20P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V, 4:1 Multiplexer
REV. 0
ADG1604BRUZ AD-ADG1604BRUZ Datasheet
500Kb / 20P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V, 4:1 Multiplexer
REV. 0
ADG1604BRUZ-REEL AD-ADG1604BRUZ-REEL Datasheet
500Kb / 20P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V, 4:1 Multiplexer
REV. 0
More results

Mô tả tương tự - ADG1613BRUZ-REEL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG1636 AD-ADG1636 Datasheet
526Kb / 16P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Dual SPDT Switches
REV. A
ADG1604 AD-ADG1604 Datasheet
500Kb / 20P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V, 4:1 Multiplexer
REV. 0
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG4612 AD-ADG4612 Datasheet
393Kb / 24P
   Power-Off Protection 짹5 V, 12 V, Quad SPST Switches with 5 廓 On Resistance
REV. 0
logo
Vishay Siliconix
DG9424E VISHAY-DG9424E Datasheet
262Kb / 13P
   On Resistance, 5 V, 12 V, and 3 V Quad SPST Switches
Rev. A, 29-Feb-16
logo
Analog Devices
ADG1421 AD-ADG1421 Datasheet
476Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS Dual SPST Switches
REV. 0
ADG1633 AD-ADG1633 Datasheet
539Kb / 20P
   4.5 廓 RON, Triple/Quad SPDT 짹5 V, 12 V, 5 V, and 3.3 V Switches
REV. 0
ADGS1612 AD-ADGS1612 Datasheet
380Kb / 29P
   SPI Interface, 1 廓 RON, 짹5 V, 12 V, 5 V, 3.3 V, Mux Configurable, Quad SPST Switch
logo
Vishay Siliconix
DG9426E VISHAY-DG9426E_V01 Datasheet
302Kb / 14P
   1.6 ??On Resistance, 짹 5 V, 12 V, and 3 V Quad SPST Switches
01-Jan-2022
logo
Analog Devices
ADG1411 AD-ADG1411_15 Datasheet
295Kb / 16P
   1.5 On Resistance, 15 V/12 V/5 V, iCMOS, Quad SPST Switches
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com