công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADG1613BRUZ-REEL7 bảng dữ liệu(PDF) 4 Page - Analog Devices

tên linh kiện ADG1613BRUZ-REEL7
Giải thích chi tiết về linh kiện  1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Quad SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADG1613BRUZ-REEL7 bảng dữ liệu(HTML) 4 Page - Analog Devices

  ADG1613BRUZ-REEL7 Datasheet HTML 1Page - Analog Devices ADG1613BRUZ-REEL7 Datasheet HTML 2Page - Analog Devices ADG1613BRUZ-REEL7 Datasheet HTML 3Page - Analog Devices ADG1613BRUZ-REEL7 Datasheet HTML 4Page - Analog Devices ADG1613BRUZ-REEL7 Datasheet HTML 5Page - Analog Devices ADG1613BRUZ-REEL7 Datasheet HTML 6Page - Analog Devices ADG1613BRUZ-REEL7 Datasheet HTML 7Page - Analog Devices ADG1613BRUZ-REEL7 Datasheet HTML 8Page - Analog Devices ADG1613BRUZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADG1611/ADG1612/ADG1613
Data Sheet
Rev. B | Page 4 of 16
12 V SINGLE SUPPLY
VDD = 12 V ± 10%, VSS = 0 V, GND = 0 V, unless otherwise noted.
Table 2.
Parameter
25°C
−40°C to
+85°C
−40°C to
+125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD
V
On Resistance (RON)
0.95
Ω typ
VS = 0 V to 10 V, IS = −10 mA; see Figure 24
1.1
1.25
1.45
Ω max
VDD = 10.8 V, VSS = 0 V
On Resistance Match Between Channels (∆RON)
0.03
Ω typ
VS = 0 V to 10 V, IS = −10 mA
0.06
0.7
0.08
Ω max
On Resistance Flatness (RFLAT(ON))
0.2
Ω typ
VS = 0 V to 10 V, IS = −10 mA
0.23
0.27
0.32
Ω max
LEAKAGE CURRENTS
VDD = 13.2 V, VSS = 0 V
Source Off Leakage, IS (Off )
±0.1
nA typ
VS = 1 V/10 V, VS = 10 V/1 V, see Figure 25
±0.3
±1
±6
nA max
Drain Off Leakage, ID (Off )
±0.1
nA typ
VS = 1 V/10 V, VS = 10 V/1 V see Figure 25
±0.3
±1
±6
nA max
Channel On Leakage, ID, IS (On)
±0.2
nA typ
VS = VD = 1 V or 10 V; see Figure 26
±0.4
±1.5
±10
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINL or IINH
0.001
μA typ
VIN = VGND or VDD
±0.1
μA max
Digital Input Capacitance, CIN
5
pF typ
DYNAMIC CHARACTERISTICS1
tON
125
ns typ
RL = 300 Ω, CL = 35 pF
156
190
215
ns max
VS = 8 V; see Figure 31
tOFF
75
ns typ
RL = 300 Ω, CL = 35 pF
87
93
99
ns max
VS = 8 V; see Figure 31
Break-Before-Make Time Delay, tD (ADG1613 Only)
35
ns typ
RL = 300 Ω, CL = 35 pF
30
ns min
VS1 = VS2 = 8 V; see Figure 32
Charge Injection
170
pC typ
VS = 6 V, RS = 0 Ω, CL = 1 nF; see Figure 33
Off Isolation
70
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure 27
Channel-to-Channel Crosstalk
110
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure 28
Total Harmonic Distortion + Noise
0.012
% typ
RL = 110 Ω, 5 V p-p, f = 20 Hz to 20 kHz;
see Figure 30
−3 dB Bandwidth
38
MHz typ
RL = 50 Ω, CL = 5 pF; see Figure 29
CS (Off )
60
pF typ
VS = 6 V, f = 1 MHz
CD (Off )
60
pF typ
VS = 6 V, f = 1 MHz
CD, CS (On)
154
pF typ
VS = 6 V, f = 1 MHz
POWER REQUIREMENTS
VDD = 12 V
IDD
0.001
μA typ
Digital inputs = 0 V or VDD
1
μA max
IDD
320
μA typ
Digital inputs = 5 V
480
μA max
VDD
3.3/16
V min/max
1 Guaranteed by design, not subject to production test.


Số phần tương tự - ADG1613BRUZ-REEL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG1604 AD-ADG1604 Datasheet
500Kb / 20P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V, 4:1 Multiplexer
REV. 0
ADG1604BCPZ-REEL AD-ADG1604BCPZ-REEL Datasheet
500Kb / 20P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V, 4:1 Multiplexer
REV. 0
ADG1604BCPZ-REEL7 AD-ADG1604BCPZ-REEL7 Datasheet
500Kb / 20P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V, 4:1 Multiplexer
REV. 0
ADG1604BRUZ AD-ADG1604BRUZ Datasheet
500Kb / 20P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V, 4:1 Multiplexer
REV. 0
ADG1604BRUZ-REEL AD-ADG1604BRUZ-REEL Datasheet
500Kb / 20P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V, 4:1 Multiplexer
REV. 0
More results

Mô tả tương tự - ADG1613BRUZ-REEL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG1636 AD-ADG1636 Datasheet
526Kb / 16P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Dual SPDT Switches
REV. A
ADG1604 AD-ADG1604 Datasheet
500Kb / 20P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V, 4:1 Multiplexer
REV. 0
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG4612 AD-ADG4612 Datasheet
393Kb / 24P
   Power-Off Protection 짹5 V, 12 V, Quad SPST Switches with 5 廓 On Resistance
REV. 0
logo
Vishay Siliconix
DG9424E VISHAY-DG9424E Datasheet
262Kb / 13P
   On Resistance, 5 V, 12 V, and 3 V Quad SPST Switches
Rev. A, 29-Feb-16
logo
Analog Devices
ADG1421 AD-ADG1421 Datasheet
476Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS Dual SPST Switches
REV. 0
ADG1633 AD-ADG1633 Datasheet
539Kb / 20P
   4.5 廓 RON, Triple/Quad SPDT 짹5 V, 12 V, 5 V, and 3.3 V Switches
REV. 0
ADGS1612 AD-ADGS1612 Datasheet
380Kb / 29P
   SPI Interface, 1 廓 RON, 짹5 V, 12 V, 5 V, 3.3 V, Mux Configurable, Quad SPST Switch
logo
Vishay Siliconix
DG9426E VISHAY-DG9426E_V01 Datasheet
302Kb / 14P
   1.6 ??On Resistance, 짹 5 V, 12 V, and 3 V Quad SPST Switches
01-Jan-2022
logo
Analog Devices
ADG1411 AD-ADG1411_15 Datasheet
295Kb / 16P
   1.5 On Resistance, 15 V/12 V/5 V, iCMOS, Quad SPST Switches
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com