công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP73223 bảng dữ liệu(PDF) 9 Page - Microchip Technology

tên linh kiện MCP73223
Giải thích chi tiết về linh kiện  Lithium Iron Phosphate (LiFePO4) Battery Charge Management Controller with Input Overvoltage Protection
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73223 bảng dữ liệu(HTML) 9 Page - Microchip Technology

Back Button MCP73223 Datasheet HTML 5Page - Microchip Technology MCP73223 Datasheet HTML 6Page - Microchip Technology MCP73223 Datasheet HTML 7Page - Microchip Technology MCP73223 Datasheet HTML 8Page - Microchip Technology MCP73223 Datasheet HTML 9Page - Microchip Technology MCP73223 Datasheet HTML 10Page - Microchip Technology MCP73223 Datasheet HTML 11Page - Microchip Technology MCP73223 Datasheet HTML 12Page - Microchip Technology MCP73223 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
 2009-2013 Microchip Technology Inc.
DS22191E-page 9
MCP73123/223
TYPICAL PERFORMANCE CURVES (CONTINUED)
Note: Unless otherwise indicated, V
DD = [VREG (Typical) + 1V], IOUT = 10 mA and TA= +25°C, Constant Voltage mode.
FIGURE 2-13:
Overvoltage Protection Start
(50 ms/Div).
FIGURE 2-14:
Overvoltage Protection Stop
(50 ms/Div).
FIGURE 2-15:
Load Transient Response
(ILOAD = 50 mA, Output Ripple: 100 mV/Div,
Output Current: 50 mA/Div, Time: 100 µs/Div).
FIGURE 2-16:
Complete Charge Cycle
(1100 mAh LiFePO4 Battery).
FIGURE 2-17:
Line Transient Response
(ILOAD = 10 mA, Source Voltage: 2V/Div, Output
Ripple: 100 mV/Div, Time: 100 µs/Div).
FIGURE 2-18:
Line Transient Response
(ILOAD = 100 mA, Source Voltage: 2V/Div, Output
Ripple: 100 mV/Div, Time: 100 µs/Div).
Charge Current
Input Voltage
Battery Voltage
Charge Current
Input Voltage
Battery Voltage
Output Ripple (mV)
Output Current (mA)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
0
1020
30
4050
60
70
Time (Minutes)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
VDD = 5V
RPROG = 1 kΩ
1100 mAh LiFePO4 Battery
Thermal Regulation
Source Voltage (V)
Output Ripple (mV)
Source Voltage (V)
Output Ripple (mV)


Số phần tương tự - MCP73223

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP73223 MICROCHIP-MCP73223 Datasheet
584Kb / 34P
   Lithium Iron Phosphate (LiFePO4) Battery Charge Management Controller with Input Overvoltage Protection
2009
MCP73223 MICROCHIP-MCP73223 Datasheet
568Kb / 34P
   Lithium Iron Phosphate (LiFePO4) Battery Charge Management Controller with Input Overvoltage Protection
2011
MCP73223-22SI/MF MICROCHIP-MCP73223-22SI/MF Datasheet
584Kb / 34P
   Lithium Iron Phosphate (LiFePO4) Battery Charge Management Controller with Input Overvoltage Protection
2009
MCP73223-C2MF MICROCHIP-MCP73223-C2MF Datasheet
591Kb / 34P
   Lithium Iron Phosphate (LiFePO4) Battery Charge Management Controller with Input Overvoltage Protection
2010
MCP73223-C2SI MICROCHIP-MCP73223-C2SI Datasheet
591Kb / 34P
   Lithium Iron Phosphate (LiFePO4) Battery Charge Management Controller with Input Overvoltage Protection
2010
More results

Mô tả tương tự - MCP73223

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP73123 MICROCHIP-MCP73123_11 Datasheet
568Kb / 34P
   Lithium Iron Phosphate (LiFePO4) Battery Charge Management Controller with Input Overvoltage Protection
2011
MCP73123 MICROCHIP-MCP73123 Datasheet
584Kb / 34P
   Lithium Iron Phosphate (LiFePO4) Battery Charge Management Controller with Input Overvoltage Protection
2009
MCP73123 MICROCHIP-MCP73123_10 Datasheet
591Kb / 34P
   Lithium Iron Phosphate (LiFePO4) Battery Charge Management Controller with Input Overvoltage Protection
2010
logo
Power Sonic Corporation
PAL7ZSHY POWER-SONIC-PAL7ZSHY Datasheet
665Kb / 2P
   Lithium Iron Phosphate (LiFePO4) Battery
PAL7AHY POWER-SONIC-PAL7AHY Datasheet
606Kb / 2P
   Lithium Iron Phosphate (LiFePO4) Battery
PAL14-AHY POWER-SONIC-PAL14-AHY Datasheet
575Kb / 2P
   Lithium Iron Phosphate (LiFePO4) Battery
PAL14HY POWER-SONIC-PAL14HY Datasheet
637Kb / 2P
   Lithium Iron Phosphate (LiFePO4) Battery
PAL12HY POWER-SONIC-PAL12HY Datasheet
617Kb / 2P
   Lithium Iron Phosphate (LiFePO4) Battery
PAL5LHY POWER-SONIC-PAL5LHY Datasheet
877Kb / 2P
   Lithium Iron Phosphate (LiFePO4) Battery
PAL30LHY-H POWER-SONIC-PAL30LHY-H Datasheet
594Kb / 2P
   Lithium Iron Phosphate (LiFePO4) Battery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com