công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

U1230 bảng dữ liệu(PDF) 8 Page - Agilent(Hewlett-Packard)

tên linh kiện U1230
Giải thích chi tiết về linh kiện  Handheld Digital Multimeter (DMM)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HP [Agilent(Hewlett-Packard)]
Trang chủ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

U1230 bảng dữ liệu(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button U1230 Datasheet HTML 2Page - Agilent(Hewlett-Packard) U1230 Datasheet HTML 3Page - Agilent(Hewlett-Packard) U1230 Datasheet HTML 4Page - Agilent(Hewlett-Packard) U1230 Datasheet HTML 5Page - Agilent(Hewlett-Packard) U1230 Datasheet HTML 6Page - Agilent(Hewlett-Packard) U1230 Datasheet HTML 7Page - Agilent(Hewlett-Packard) U1230 Datasheet HTML 8Page - Agilent(Hewlett-Packard) U1230 Datasheet HTML 9Page - Agilent(Hewlett-Packard) U1230 Datasheet HTML 10Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
General Specifications
Parameter
U1231A/U1232A/U1233A
Power supply
Battery type
• 4 × 1.5 V AAA Alkaline battery (ANSI/NEDA 24A or IEC LR03), or
• 4 × 1.5 V AAA Zinc Chloride battery (ANSI/NEDA 24D or IEC R03)
Battery life
• 500 hours typical (based on new Alkaline batteries) with backlight
and flashlight disabled
Low battery indication
• Low battery indicator will flash when the battery voltage drops
below approximately 4.4 V
Power consumption
450 mVA maximum (with backlight and flashlight enabled)
Fuse
10 × 38 mm 11 A/1000 V fast-acting fuse
Display
Liquid crystal display (LCD) (with maximum reading of 6600 counts)
Operating environment
• Operating temperature from –10 °C to 55 °C, 0% to 80% RH
• Full accuracy up to 80% RH for temperatures up to 30 °C, decreasing linearly to 50% RH at 55 °C
• Altitude up to 2000 meters
• Pollution degree II
Storage compliance
–40 °C to 60 °C, 0% to 80% RH without batteries
Safety compliance
EN/IEC 61010-1:2001, ANSI/UL 61010-1:2004, and CAN/CSA-C22.2 No. 61010-1-04
Measurement category
CAT III 600 V
Electromagnetic compatibility
(EMC)
Commercial limits compliance with EN61326-1
Temperature coefficient
0.1 × (specified accuracy) / °C (from –10 °C to 18 °C, or 28 °C to 55 °C)
Common Mode Rejection Ratio
(CMRR)
> 100 dB at DC, 50/60 Hz (1 kΩ unbalanced)
Normal Model Rejection Ration
(NMRR)
> 60 dB at 50/60 Hz
Dimensions (H x W x D)
169 mm × 86 mm × 52 mm
Weight
U1232A and U1233A: 371 grams (with batteries and holster)
U1231A: 365 grams (with batteries and holster)
Warranty
• Three years for product1
• Three months for product’s accessories
Calibration cycle
One year
Notes:
1. Please take note that for the product, the warranty does not cover:
• Damage from contamination
• Normal wear and tear of mechanical components
• Manuals, fuses, and batteries
Specification assumptions
• Accuracy is given as ±(% of reading + counts of least significant digit) at 23 °C ± 5 °C, with relative humidity less than 80% RH.
• AC V and AC A specifications are AC coupled, true RMS and are valid from 5% of range to 100% of range.
• The crest factor may be up to 3.0 at full- scale (4000 counts)
• For non- sinusoidal waveforms, add (2% reading + 2% full scale) typical.
• After VZ
LOW (low input impedance) voltage measurements, wait at least 20 minutes for thermal impact to cool before
proceeding with any other measurement.


Số phần tương tự - U1230

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Keysight Technologies
U1230 KEYSIGHT-U1230 Datasheet
2Mb / 13P
   Digital Multimeters (DMMs)
More results

Mô tả tương tự - U1230

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Agilent(Hewlett-Packard...
U1241A HP-U1241A Datasheet
371Kb / 6P
   U1241A/U1242A Handheld Digital Multimeter
logo
Extech Instruments Corp...
MS400 EXTECH-MS400 Datasheet
841Kb / 51P
   Handheld Digital Storage Oscilloscope & Multimeter
DM100 EXTECH-DM100 Datasheet
159Kb / 2P
   Pocket Multimeter 4000 Count Autoranging DMM
DM110 EXTECH-DM110 Datasheet
148Kb / 2P
   Pocket Multimeter 4000 Count Autoranging DMM
logo
TEKTRONIX, INC.
DMM4040 TEKTRONIX-DMM4040 Datasheet
2Mb / 112P
   Digital Multimeter
DMM7510 TEKTRONIX-DMM7510 Datasheet
1Mb / 27P
   DMM 7510 7쩍-Digit Graphical Sampling Multimeter
logo
List of Unclassifed Man...
D35 ETC-D35 Datasheet
215Kb / 2P
   Bluetooth Digital Multimeter
logo
Keysight Technologies
34450A KEYSIGHT-34450A Datasheet
2Mb / 12P
   34450A Multimeter 5.5 Digit Dual Display, Benchtop DMM
34401A KEYSIGHT-34401A Datasheet
863Kb / 6P
   34401A Digital Multimeter
logo
Extech Instruments Corp...
MN15A EXTECH-MN15A Datasheet
321Kb / 12P
   Mini Digital Multimeter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com