công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

U.FL-LP-062 bảng dữ liệu(PDF) 2 Page - Hirose Electric

tên linh kiện U.FL-LP-062
Giải thích chi tiết về linh kiện  Ultra Small Surface Mount Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HIROSE [Hirose Electric]
Trang chủ  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

U.FL-LP-062 bảng dữ liệu(HTML) 2 Page - Hirose Electric

  U.FL-LP-062 Datasheet HTML 1Page - Hirose Electric U.FL-LP-062 Datasheet HTML 2Page - Hirose Electric U.FL-LP-062 Datasheet HTML 3Page - Hirose Electric U.FL-LP-062 Datasheet HTML 4Page - Hirose Electric U.FL-LP-062 Datasheet HTML 5Page - Hirose Electric U.FL-LP-062 Datasheet HTML 6Page - Hirose Electric U.FL-LP-062 Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
s Product Specifications
*V.S.W.R. Measurement System
The above V.S.W.R. standard values were measured using the measurement connection shown below.
Note 1: Cable type connectors were measured with SMA conversion adapters
attached to both ends of the harness product of a suitable 100cm cable.
Note 2: Board type connectors were mounted to a 50
Ω glass epoxy board and
measurements were conducted with SMA conversion adapters attached.
Ratings
Nominal characteristic impedance
Voltage rating
Frequency range
50 ohms
60 V AC (rms)
DC to 6 GHz
Operating temperature range
Operating humidity
-40˚C to +90˚C
90% max.
Part
Material
Finish
Remarks
Shell
Phosphor bronze
Silver plated
—————
Male center contact
Brass
Gold plated
—————
Female center contact
Phosphor bronze
Gold plated
—————
Insulator
Plug
Color: Black
UL94V-0
Receptacle
Color: Beige
UL94V-0
LCP
PBT
sMaterial/Finishes
1. Contact resistance
2. Insulation resistance
3. Withstanding voltage
4. V.S.W.R.*
5. Center contact holding force
6. Durability
(mating/un-mating,
with corresponding plug)
7. Vibration
8. Shock
9. Humidity
(Steady state)
10. Temperature cycle
11. Salt spray test
Item
Specification
Conditions
Center: 20 m ohms max.
Outside: 10 m ohms max.
500 M ohms min.
No flashover or insulation breakdown.
0.15 N min.
Contact resistance
Center: 25 m ohms max.
Outside: 15 m ohms max.
No electrical discontinuity of 1µs min.
No damage, cracks or parts dislocation.
No damage, cracks or parts dislocation.
Insulation resistance 100 M ohms min.(when humidity high)
Insulation resistance 500 M ohms min.(when dry)
No damage, cracks or parts dislocation.
Contact resistance:25 m ohms max. (Center)
15 m ohms max. (Outside)
No excessive corrosion
10 mA max.
100 V DC
200 V AC / 1 minute
Measured with a Ø 0.475 pin gauge
30 cycles
Frequency: 10 to 100 Hz, single amplitude of 1.5mm, acceleration
of 59m/s2, for 5 cycles in the direction of each of the 3 axis.
Acceleration of 735 m/s2, 11ms duration, sine half-wave
waveform, 6 cycles in each of 3 axes.
96 hours at temperature of 40ç and humidity of 95%.
Temperature:-40˚C/+5 to +35˚C/+90˚C/+5 to +35˚C
Time:
30
/ 5 max.
/30
/5 max.(Minutes)
5 cycles
5% salt water solution, 48 hours
Part No.
Up to 3GHz
3 to 6GHz
U.FL-LP-040 dia.0.81mm Coaxial Cable Assembly
1.3 Max
1.35 Max
U.FL-LP(V)-040 dia.0.81mm Coaxial Cable Assembly
1.3 Max
1.3 Max
U.FL-LP-068 dia.1.13mm Coaxial Cable Assembly
1.3 Max
1.4 Max
U.FL-LP-066 dia.1.32mm Coaxial Cable Assembly
1.3 Max
1.5 Max
U.FL-LP-062 dia.1mm Coaxial Cable Assembly
1.3 Max
1.3 Max
U.FL-LP-088 dia.1.37mm Coaxial Cable Assembly
1.3 Max
1.4 Max
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Số phần tương tự - U.FL-LP-062

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Hirose Electric
U.FL-LP-062 HIROSE-U.FL-LP-062 Datasheet
258Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
U.FL-LP-062N1D-A-L HIROSE-U.FL-LP-062N1D-A-L Datasheet
198Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.4mm Mated Height
U.FL-LP-062N2D-A-L HIROSE-U.FL-LP-062N2D-A-L Datasheet
198Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.4mm Mated Height
More results

Mô tả tương tự - U.FL-LP-062

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Hirose Electric
U-FL HIROSE-U-FL Datasheet
258Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
U.FL-R-SMT-1 HIROSE-U.FL-R-SMT-1 Datasheet
198Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.4mm Mated Height
U.FL-R-SMT HIROSE-U.FL-R-SMT Datasheet
177Kb / 8P
   Ultra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
logo
List of Unclassifed Man...
UFL-LP-040 ETC-UFL-LP-040 Datasheet
190Kb / 8P
   Ultra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
logo
Hirose Electric
W.FL HIROSE-W.FL_17 Datasheet
296Kb / 8P
   Ultra Small Surface Mount Coaxial Connectors 1.4mm or 1.65mm Mated Height
WFL2 HIROSE-WFL2 Datasheet
291Kb / 8P
   Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
W.FL-R-SMT-1 HIROSE-W.FL-R-SMT-1_09 Datasheet
187Kb / 6P
   Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
W.FL2 HIROSE-W.FL2_17 Datasheet
347Kb / 8P
   Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
W-FL2 HIROSE-W-FL2 Datasheet
190Kb / 6P
   Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
W.FL-R-SMT-1 HIROSE-W.FL-R-SMT-1 Datasheet
386Kb / 6P
   Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com