công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
U.FL-LP-068 bảng dữ liệu(PDF) 5 Page - Hirose Electric |
|
U.FL-LP-068 bảng dữ liệu(HTML) 5 Page - Hirose Electric |
5 / 7 page 5 sHow to Specify Plug Cable Assembly Dimensions of U.FL Series assembly products should be made as indicated below. Double-Ended Cable Assembly Single-Ended Cable Assembly U.FL - [] LP - [] - A - (L) qOrdering Information Series name U.FL Total Length(mm) 00350< =L < =00200 02000<L< =00500 05000<L < < =01000 10000<0L < =1000 Standard Tolerance (mm) ±04 ±08 ±12 ±1.5% qTotal Standard Tolerance for Total Length of Cable Assembly Note: Shortest length L is 35 mm. L L 3 1 2 4 1 Assembly type LP: Single ended 2LP: Double ended 2 Cable type 04 : Dia.0.81mm Coaxial Cable 068 : Dia.1.13mm Coaxial Cable 066 : Dia.1.32mm Coaxial Cable 062 : Dia.1 mm Coaxial Cable 088 : Dia.1.37mm Coaxial Cable 3 Total Length(mm) Length is expressed in mm units. Please contact Hirose Sales Representative for cable length and cable end treatment. 4 Part No. of Plug Part No. of Cable Assembly Description U.FL-LP-040 U.FL-LP-068 U.FL-LP-066 U.FL-LP(V)-040 U.FL-LP-062 U.FL-LP-088 U.FL-2LP-04N1-A-(L) U.FL-2LP-04N2-A-(L) U.FL-LP-04N1-A-(L) U.FL-LP-04N2-A-(L) U.FL-2LP-068N1-A-(L) U.FL-2LP-068N2-A-(L) U.FL-LP-068N1-A-(L) U.FL-LP-068N2-A-(L) U.FL-2LP-066J1-A-(L) U.FL-2LP-066J2-A-(L) U.FL-LP-066J1-A-(L) U.FL-LP-066J2-A-(L) U.FL-2LP(V)-04N1-A-(L) U.FL-2LP(V)-04N2-A-(L) U.FL-LP(V)-04N1-A-(L) U.FL-LP(V)-04N2-A-(L) U.FL-2LP-062N1D-A-(L) U.FL-2LP-062N2D-A-(L) U.FL-LP-062N1D-A-(L) U.FL-LP-062N2D-A-(L) U.FL-2LP-088K1T-A-(L) U.FL-2LP-088K2T-A-(L) U.FL-LP-088K1T-A-(L) U.FL-LP-088K2T-A-(L) Dia. 0.81mm double ended coaxial cable, color: white Dia. 0.81mm double ended coaxial cable, color: black Dia. 0.81mm single ended coaxial cable, color: white Dia. 0.81mm single ended coaxial cable, color: black Dia. 1.13mm double ended coaxial cable, color: gray Dia. 1.13mm double ended coaxial cable, color: black Dia. 1.13mm single ended coaxial cable, color: gray Dia. 1.13mm single ended coaxial cable, color: black Dia. 1.32mm double ended coaxial cable, color: gray Dia. 1.32mm double ended coaxial cable, color: black Dia. 1.32mm single ended coaxial cable, color: gray Dia. 1.32mm single ended coaxial cable, color: black Dia. 0.81mm double ended coaxial cable, color: white Dia. 0.81mm double ended coaxial cable, color: black Dia. 0.81mm single ended coaxial cable, color: white Dia. 0.81mm single ended coaxial cable, color: black Dia. 1mm double ended coaxial cable, color: gray Dia. 1mm double ended coaxial cable, color: black Dia. 1mm single ended coaxial cable, color: gray Dia. 1mm single ended coaxial cable, color: black Dia. 1.37mm double ended coaxial cable, color: gray Dia. 1.37mm double ended coaxial cable, color: black Dia. 1.37mm single ended coaxial cable, color: gray Dia. 1.37mm single ended coaxial cable, color: black The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative. |
Số phần tương tự - U.FL-LP-068 |
|
Mô tả tương tự - U.FL-LP-068 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |