công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ES2000-No.3 bảng dữ liệu(PDF) 1 Page - Tyco Electronics

tên linh kiện ES2000-No.3
Giải thích chi tiết về linh kiện  Flame-retardant, adhesive-lined heat-shrinkable tubing (extended temperature range)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MACOM [Tyco Electronics]
Trang chủ  http://www.macom.com
Logo MACOM - Tyco Electronics

ES2000-No.3 bảng dữ liệu(HTML) 1 Page - Tyco Electronics

  ES2000-No.3 Datasheet HTML 1Page - Tyco Electronics ES2000-No.3 Datasheet HTML 2Page - Tyco Electronics ES2000-No.3 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ES2000
Flame-retardant, adhesive-lined heat-shrinkable
tubing (extended temperature range)
Adhesive-lined ES2000 heat-
shrinkable tubing is specifically
designed to meet automotive industry
requirements for environmental
sealing and electrical insulation of
automotive wire splices, terminations,
and components.
ES2000 tubing has an outer jacket
of radiation-crosslinked, semirigid
polyolefin. Flame-retardant and
mechanically tough, the jacket
provides strain relief and abrasion
protection of wire splices and
mechanically sensitive components.
The inner layer of the tubing is a
unique hot-melt adhesive, specially
formulated to adhere to all major
types of automotive wire insulation
and to perform well at an extended
temperature range. The adhesive
forms an effective barrier against
automotive fluids and moisture,
helping to protect the harness
from the effects of corrosion and
water wicking.
Because ES2000 tubing has a high
shrink ratio, only a few sizes are
needed to cover a wide range of
splice and component diameters.
ES2000 tubing dimensions have been
engineered to provide low-cost
sealing solutions on multiple-wire
splices (up to seven wires per side),
using standard Tyco Electronics
application equipment.
Temperature rating
Full recovery temperature:
135°C
Continuous operating temperature:
–40°C to 130°C
Specifications*
Type
Raychem
UL
ES2000
RT-1112
E85381
*When ordering, always specify latest issue.
Dimensions (millimeters/inches)
Inside diameter (including core)
Recovered wall thickness**
D (min.)
d (max.)
W
W1
W2
Expanded
Recovered after
Minimum
Minimum
Minimum
Part number
as supplied
heating
total wall
jacket wall
adhesive wall
ES2000-No.1
5.72
0.225
1.27
0.050
1.20
0.047
0.64
0.025
0.56
0.022
ES2000-No.2
7.44
0.293
1.65
0.065
1.52
0.060
0.76
0.030
0.76
0.030
ES2000-No.3
10.85
0.427
2.41
0.095
1.91
0.075
0.89
0.035
1.02
0.040
ES2000-No.4
17.78
0.700
4.45
0.175
2.41
0.095
1.04
0.041
1.37
0.054
**Wall thickness will be less if tubing recovery is restricted during shrinkage.
Ordering information
Color
Black
Size selection
Consult manufacturer’s recommended size selection guidelines.
Standard packaging
Cut pieces. See reverse for information on standard cut lengths.
Marking
Tubing will be marked with the number size (for example, ES-1, ES-2, ES-3, or ES-4).
Ordering description
Specify product name, size, color, and cut length; for example, ES2000-No.2-0-50MM (0=Black).
D
W
d
W2
W1
Expanded as supplied
Fully recovered
after heating


Số phần tương tự - ES2000-No.3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TT Electronics.
ES2000 TTELEC-ES2000 Datasheet
336Kb / 3P
   Stainless Steel housing
More results

Mô tả tương tự - ES2000-No.3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
DWP-125 MACOM-DWP-125 Datasheet
74Kb / 2P
   Flexible, flame-retardant, adhesive-lined, polyolefin heat-shrinkable tubing
2005
CGAT MACOM-CGAT Datasheet
48Kb / 2P
   Adhesive lined polyolefin heat-shrinkable tubing
logo
Adam Technologies, Inc.
HST-A-XXX-XX-X-SR41 ADAM-TECH-HST-A-XXX-XX-X-SR41 Datasheet
292Kb / 2P
   DUAL WALL ADHESIVE LINED HEAT SHRINK TUBING, FLAME RETARDANT POLYOLEFIN
Rev. C
HST-A-XXX-XX-X-SR31 ADAM-TECH-HST-A-XXX-XX-X-SR31 Datasheet
317Kb / 2P
   DUAL WALL ADHESIVE LINED HEAT SHRINK TUBING, FLAME RETARDANT POLYOLEFIN
Rev C
logo
Tyco Electronics
018307-000 MACOM-018307-000 Datasheet
31Kb / 2P
   Very-thin-wall, highly flame-retardant, metric-sized heat-shrinkable tubing
0070832002 MACOM-0070832002 Datasheet
31Kb / 2P
   Semirigid, encapsulant-lined, heat-shrinkable tubing
logo
List of Unclassifed Man...
13633 ETC1-13633 Datasheet
219Kb / 5P
   Normal Wall Flame Retardant Heat Shrink Tubing
logo
Adam Technologies, Inc.
HST-XX-XX-X ADAM-TECH-HST-XX-XX-X Datasheet
867Kb / 2P
   HEAT SHRINK TUBING, SINGLE WALL, FLAME RETARDANT POLYOLEFIN
Rev. B
logo
Qualtek Electronics Cor...
QR3 QUALTEK-QR3 Datasheet
769Kb / 1P
   HEAT SHRINK MEDIUM / HEAVY WALL TUBING - ADHESIVE LINED
Q5-4X QUALTEK-Q5-4X Datasheet
742Kb / 1P
   HEAT SHRINK MEDIUM / HEAVY WALL TUBING - ADHESIVE LINED
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com