công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BUK7631-100E bảng dữ liệu(PDF) 1 Page - NXP Semiconductors

tên linh kiện BUK7631-100E
Giải thích chi tiết về linh kiện  N-channel TrenchMOS standard level FET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUK7631-100E bảng dữ liệu(HTML) 1 Page - NXP Semiconductors

  BUK7631-100E Datasheet HTML 1Page - NXP Semiconductors BUK7631-100E Datasheet HTML 2Page - NXP Semiconductors BUK7631-100E Datasheet HTML 3Page - NXP Semiconductors BUK7631-100E Datasheet HTML 4Page - NXP Semiconductors BUK7631-100E Datasheet HTML 5Page - NXP Semiconductors BUK7631-100E Datasheet HTML 6Page - NXP Semiconductors BUK7631-100E Datasheet HTML 7Page - NXP Semiconductors BUK7631-100E Datasheet HTML 8Page - NXP Semiconductors BUK7631-100E Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
BUK7631-100E
N-channel TrenchMOS standard level FET
5 October 2012
Product data sheet
Scan or click this QR code to view the latest information for this product
1. Product profile
1.1 General description
Standard level N-channel MOSFET in a SOT404 package using TrenchMOS technology.
This product has been designed and qualified to AEC Q101 standard for use in high
performance automotive applications.
1.2 Features and benefits
AEC Q101 compliant
Repetitive avalanche rated
Suitable for thermally demanding environments due to 175 °C rating
True standard level gate with VGS(th) rating of greater than 1V at 175 °C
1.3 Applications
12V, 24V and 48V Automotive systems
Motors, lamps and solenoid control
Start-Stop micro-hybrid applications
Transmission control
Ultra high performance power switching
1.4 Quick reference data
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDS
drain-source voltage
Tj ≥ 25 °C; Tj ≤ 175 °C
-
-
100
V
ID
drain current
VGS = 10 V; Tmb = 25 °C; Fig. 1
-
-
34
A
Ptot
total power dissipation Tmb = 25 °C; Fig. 2
-
-
96
W
Static characteristics
RDSon
drain-source on-state
resistance
VGS = 10 V; ID = 10 A; Tj = 25 °C;
Fig. 11
-
24.3
31
Dynamic characteristics
QGD
gate-drain charge
VGS = 10 V; ID = 10 A; VDS = 80 V;
Tj = 25 °C; Fig. 13; Fig. 14
-
10.7
-
nC


Số phần tương tự - BUK7631-100E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nexperia B.V. All right...
BUK7631-100E NEXPERIA-BUK7631-100E Datasheet
723Kb / 13P
   N-channel TrenchMOS standard level FET
5 October 2012
logo
NXP Semiconductors
BUK7631-100E PHILIPS-BUK7631-100E_15 Datasheet
217Kb / 13P
   N-channel TrenchMOS standard level FET
5 October 2012
More results

Mô tả tương tự - BUK7631-100E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
BUK7675-55A PHILIPS-BUK7675-55A_15 Datasheet
272Kb / 12P
   N-channel TrenchMOS standard level FETN-channel TrenchMOS standard level FET
25 August 2014
PHP34NQ11T PHILIPS-PHP34NQ11T Datasheet
91Kb / 12P
   N-channel TrenchMOS??standard level FET
Rev. 01-17 May 2004
BUK7C06-40AITE PHILIPS-BUK7C06-40AITE Datasheet
109Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 04-23 June 2005
PH20100S NXP-PH20100S Datasheet
183Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-2 February 2009
PHB29N08T NXP-PHB29N08T Datasheet
189Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-13 October 2009
PHB47NQ10T NXP-PHB47NQ10T Datasheet
205Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHB119NQ06T NXP-PHB119NQ06T Datasheet
191Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-15 April 2010
PHD20N06T NXP-PHD20N06T Datasheet
379Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 02-1 December 2009
PMZ350XN NXP-PMZ350XN Datasheet
91Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 01-21 February 2008
PHP23NQ11T NXP-PHP23NQ11T Datasheet
220Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHP3055E NXP-PHP3055E Datasheet
248Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 07-26 February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com