công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FDG6320C bảng dữ liệu(PDF) 2 Page - Fairchild Semiconductor

tên linh kiện FDG6320C
Giải thích chi tiết về linh kiện  Dual N & P Channel Digital FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDG6320C bảng dữ liệu(HTML) 2 Page - Fairchild Semiconductor

  FDG6320C Datasheet HTML 1Page - Fairchild Semiconductor FDG6320C Datasheet HTML 2Page - Fairchild Semiconductor FDG6320C Datasheet HTML 3Page - Fairchild Semiconductor FDG6320C Datasheet HTML 4Page - Fairchild Semiconductor FDG6320C Datasheet HTML 5Page - Fairchild Semiconductor FDG6320C Datasheet HTML 6Page - Fairchild Semiconductor FDG6320C Datasheet HTML 7Page - Fairchild Semiconductor FDG6320C Datasheet HTML 8Page - Fairchild Semiconductor FDG6320C Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Electrical Characteristics (T
A = 25
OC unless otherwise noted )
Symbol
Parameter
Conditions
Type Min
Typ
Max
Units
OFF CHARACTERISTICS
BV
DSS
Drain-Source Breakdown Voltage
V
GS = 0 V, ID = 250 µA
N-Ch
25
V
V
GS = 0 V, ID = -250 µA
P-Ch
-25
BV
DSS/TJ
Breakdown Voltage Temp. Coefficient
I
D = 250 µA, Referenced to 25
oC
N-Ch
25
mV/
oC
I
D = -250 µA, Referenced to 25
oC
P-Ch
-19
I
DSS
Zero Gate Voltage Drain Current
V
DS = 20 V, VGS = 0 V,
N-Ch
1
µA
T
J = 55°C
10
I
DSS
Zero Gate Voltage Drain Current
V
DS =-20 V, VGS = 0 V,
P-Ch
-1
µA
T
J = 55°C
-10
I
GSS
Gate - Body Leakage Current
V
GS = 8 V, VDS = 0 V
N-Ch
100
nA
V
GS = -8 V, VDS = 0 V
P-Ch
-100
nA
ON CHARACTERISTICS (Note 2)
V
GS(th)
Gate Threshold Voltage
V
DS = VGS, ID = 250 µA
N-Ch
0.65
0.85
1.5
V
V
DS = VGS, ID = -250 µA
P-Ch
-0.65
-0.82
-1.5
V
GS(th)/TJ
Gate Threshold Voltage Temp. Coefficient
I
D = 250 µA, Referenced to 25
oC
N-Ch
-2.1
mV/
oC
I
D = -250 µA, Referenced to 25
oC
P-Ch
2.1
R
DS(ON)
Static Drain-Source On-Resistance
V
GS = 4.5 V, ID = 0.22 A
N-Ch
2.6
4
T
J =125°C
5.3
7
V
GS = 2.7 V, ID = 0.19 A
3.7
5
V
GS = -4.5 V, ID = -0.14 A
P-Ch
7.3
10
T
J =125°C
11
17
V
GS = -2.7 V, ID = -0.05 A
10.4
13
I
D(ON)
On-State Drain Current
V
GS = 4.5 V, VDS = 5 V
N-Ch
0.22
A
V
GS = -4.5 V, VDS = -5 V
P-Ch
-0.14
g
FS
Forward Transconductance
V
DS = 5 V, ID = 0.22 A
N-Ch
0.2
S
V
DS = -5 V, ID = -0.14 A
P-Ch
0.12
DYNAMIC CHARACTERISTICS
C
iss
Input Capacitance
N-Channel
N-Ch
9.5
pF
V
DS = 10 V, VGS = 0 V,
P-Ch
12
C
oss
Output Capacitance
f = 1.0 MHz
N-Ch
6
P-Channel
P-Ch
7
C
rss
Reverse Transfer Capacitance
V
DS = -10 V, VGS = 0 V,
N-Ch
1.3
f = 1.0 MHz
P-Ch
1.5
FDG6320C Rev. D


Số phần tương tự - FDG6320C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FDG6321 FAIRCHILD-FDG6321 Datasheet
196Kb / 12P
   Dual N & P Channel Digital FET
FDG6321C FAIRCHILD-FDG6321C Datasheet
196Kb / 12P
   Dual N & P Channel Digital FET
logo
VBsemi Electronics Co.,...
FDG6321C VBSEMI-FDG6321C Datasheet
1Mb / 9P
   N- and P- Channel 20 V (D-S) MOSFET
logo
Fairchild Semiconductor
FDG6322C FAIRCHILD-FDG6322C Datasheet
247Kb / 12P
   Dual N & P Channel Digital FET
FDG6322C FAIRCHILD-FDG6322C Datasheet
674Kb / 9P
   Dual N & P Channel Digital FET
More results

Mô tả tương tự - FDG6320C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FDC6322C FAIRCHILD-FDC6322C Datasheet
96Kb / 7P
   Dual N & P Channel , Digital FET
FDG6322C FAIRCHILD-FDG6322C_08 Datasheet
674Kb / 9P
   Dual N & P Channel Digital FET
FDG6321C FAIRCHILD-FDG6321C Datasheet
196Kb / 12P
   Dual N & P Channel Digital FET
FDC6320C FAIRCHILD-FDC6320C Datasheet
100Kb / 7P
   Dual N & P Channel , Digital FET
FDG6322C FAIRCHILD-FDG6322C Datasheet
247Kb / 12P
   Dual N & P Channel Digital FET
FDC6321C FAIRCHILD-FDC6321C Datasheet
273Kb / 11P
   Dual N & P Channel , Digital FET
FDG6302P FAIRCHILD-FDG6302P Datasheet
302Kb / 8P
   Dual P-Channel, Digital FET
FDC6304P FAIRCHILD-FDC6304P Datasheet
74Kb / 4P
   Digital FET, Dual P-Channel
FDG6318P FAIRCHILD-FDG6318P Datasheet
123Kb / 5P
   Dual P-Channel, Digital FET
FDG6318PZ FAIRCHILD-FDG6318PZ Datasheet
217Kb / 9P
   Dual P-Channel, Digital FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com