công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FDG6303N bảng dữ liệu(PDF) 2 Page - Fairchild Semiconductor

tên linh kiện FDG6303N
Giải thích chi tiết về linh kiện  Dual N-Channel, Digital FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDG6303N bảng dữ liệu(HTML) 2 Page - Fairchild Semiconductor

  FDG6303N Datasheet HTML 1Page - Fairchild Semiconductor FDG6303N Datasheet HTML 2Page - Fairchild Semiconductor FDG6303N Datasheet HTML 3Page - Fairchild Semiconductor FDG6303N Datasheet HTML 4Page - Fairchild Semiconductor FDG6303N Datasheet HTML 5Page - Fairchild Semiconductor FDG6303N Datasheet HTML 6Page - Fairchild Semiconductor FDG6303N Datasheet HTML 7Page - Fairchild Semiconductor FDG6303N Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Electrical Characteristics (T
A = 25
OC unless otherwise noted )
Symbol
Parameter
Conditions
Min
Typ
Max
Units
OFF CHARACTERISTICS
BV
DSS
Drain-Source Breakdown Voltage
V
GS = 0 V, ID = 250 µA
25
V
BV
DSS/TJ
Breakdown Voltage Temp. Coefficient
I
D = 250 µA, Referenced to 25
oC
26
mV/
oC
I
DSS
Zero Gate Voltage Drain Current
V
DS = 20 V, VGS = 0 V
1
µA
T
J = 55°C
10
µA
I
GSS
Gate - Body Leakage Current
V
GS = 8 V, VDS = 0 V
100
nA
ON CHARACTERISTICS (Note 2)
V
GS(th)
Gate Threshold Voltage
V
DS = VGS, ID = 250 µA
0.65
0.8
1.5
V
V
GS(th)/TJ
Gate Threshold Voltage Temp.Coefficient
I
D = 250 µA, Referenced to 25
oC
-2.6
mV/
oC
R
DS(ON)
Static Drain-Source On-Resistance
V
GS = 4.5 V, ID = 0.5 A
0.34
0.45
T
J =125°C
0.55
0.77
V
GS = 2.7 V, ID = 0.2 A
0.44
0.6
I
D(ON)
On-State Drain Current
V
GS = 2.7 V, VDS = 5 V
0.5
A
g
FS
Forward Transconductance
V
DS = 5 V, ID = 0.5 A
1.45
S
DYNAMIC CHARACTERISTICS
C
iss
Input Capacitance
V
DS = 10 V, VGS = 0 V,
f = 1.0 MHz
50
pF
C
oss
Output Capacitance
28
pF
C
rss
Reverse Transfer Capacitance
9
pF
SWITCHING CHARACTERISTICS (Note 2)
t
D(on)
Turn - On Delay Time
V
DD = 5 V, ID = 0.5 A,
V
GS = 4.5 V, RGEN = 50
3
6
ns
t
r
Turn - On Rise Time
8.5
18
ns
t
D(off)
Turn - Off Delay Time
17
30
ns
t
f
Turn - Off Fall Time
13
25
ns
Q
g
Total Gate Charge
V
DS = 5 V, ID = 0.5 A,
V
GS = 4.5 V
1.64
2.3
nC
Q
gs
Gate-Source Charge
0.38
nC
Q
gd
Gate-Drain Charge
0.45
nC
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
I
S
Maximum Continuous Source Current
0.25
A
V
SD
Drain-Source Diode Forward Voltage
V
GS = 0 V, IS = 0.25 A (Note 2)
0.8
1.2
V
Notes:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins. RθJC is guaranteed
by design while RθCA is determined by the user's board design. RθJA = 415
OC/W on minimum pad mounting on FR-4 board in still air.
2. Pulse Test: Pulse Width < 300µs, Duty Cycle < 2.0%.
FDG6303N Rev.E
1


Số phần tương tự - FDG6303N

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FDG6303N FAIRCHILD-FDG6303N Datasheet
413Kb / 5P
   Dual N-Channel, Digital FET
logo
VBsemi Electronics Co.,...
FDG6303N VBSEMI-FDG6303N Datasheet
931Kb / 7P
   Dual N-Channel 20 V (D-S) MOSFET
logo
Fairchild Semiconductor
FDG6303N FAIRCHILD-FDG6303N_01 Datasheet
413Kb / 5P
   Dual N-Channel, Digital FET
More results

Mô tả tương tự - FDG6303N

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FDG6301N FAIRCHILD-FDG6301N Datasheet
226Kb / 8P
   Dual N-Channel, Digital FET
FDG6313N FAIRCHILD-FDG6313N Datasheet
58Kb / 5P
   Dual N-Channel, Digital FET
FDC6301N FAIRCHILD-FDC6301N_01 Datasheet
374Kb / 5P
   Dual N-Channel , Digital FET
FDG6301N_F085 FAIRCHILD-FDG6301N_F085 Datasheet
351Kb / 5P
   Dual N-Channel, Digital FET
logo
ON Semiconductor
FDG6301N-F085 ONSEMI-FDG6301N-F085 Datasheet
640Kb / 6P
   Dual N-Channel, Digital FET
September, 2019 - Rev. 3
logo
Shenzhen Huazhimei Semi...
HM2302BWSR HMSEMI-HM2302BWSR Datasheet
199Kb / 5P
   Dual N-Channel Digital FET
logo
Fairchild Semiconductor
FDG6303N FAIRCHILD-FDG6303N_01 Datasheet
413Kb / 5P
   Dual N-Channel, Digital FET
FDC6301N FAIRCHILD-FDC6301N Datasheet
73Kb / 4P
   Dual N-Channel , Digital FET
FDC6303N FAIRCHILD-FDC6303N Datasheet
72Kb / 4P
   Digital FET, Dual N-Channel
FDG6301N FAIRCHILD-FDG6301N_09 Datasheet
351Kb / 5P
   Dual N-Channel, Digital FET
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com