công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UC1903J883B bảng dữ liệu(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện UC1903J883B
Giải thích chi tiết về linh kiện  Quad Supply and Line Monitor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

UC1903J883B bảng dữ liệu(HTML) 3 Page - Texas Instruments

  UC1903J883B Datasheet HTML 1Page - Texas Instruments UC1903J883B Datasheet HTML 2Page - Texas Instruments UC1903J883B Datasheet HTML 3Page - Texas Instruments UC1903J883B Datasheet HTML 4Page - Texas Instruments UC1903J883B Datasheet HTML 5Page - Texas Instruments UC1903J883B Datasheet HTML 6Page - Texas Instruments UC1903J883B Datasheet HTML 7Page - Texas Instruments UC1903J883B Datasheet HTML 8Page - Texas Instruments UC1903J883B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ELECTRICAL CHARACTERISTICS
UC1903
UC2903
UC3903
www.ti.com ........................................................................................................................................ SLUS233A – OCTOBER 1999 – REVISED SEPTEMBER 2008
Unless otherwise stated, these specifications apply for TA = –55°C to +125°C for the UC1903; –40°C to +85°C for the
UC2903; and 0°C to +70°C for the UC3903; +VIN = 15V; Sense Inputs (Pins 6–9 and Pin 15) = 2.5V; VPIN 4 = 1.0V, TA = TJ.
UC1903 / UC2903
UC3903
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
SUPPLY
Input Supply Current
No Faults
7
9
7
11
mA
UV, OV and Line Fault
10
15
10
18
mA
Supply Under Voltage Threshold
Fault Outputs Enabled
6.0
7.0
7.5
5.5
7.0
8.0
V
(VSUV)
Minimum Supply to Enable Power
3.0
4.0
3.0
4.0
V
OK Output
REFERENCE
Output Voltage (VREF)
TJ = 25°C
2.485
2.5
2.515
2.470
2.5
2.530
V
Over Temperature
2.465
2.535
2.465
2.535
V
Load Regulation
IL = 0 to 10mA
1
10
1
15
mV
Line Regulation
+VIN = 8 to 40V
1
4
1
8
mV
Short Circuit Current
TJ = 25°C
40
40
mA
FAULT THRESHOLDS(1)
OV Threshold Adj.
Offset from VREF as a function of VPIN
0.230
0.25
0.270
0.230
0.25
0.270
V/V
4 Input = Low to High, 0.5V
≤ VPIN 4 ≤ 2.5V
UV Threshold Adj.
Offset from VREF as a function of VPIN
–0.270
–0.25
–0.230
–0.270
–0.25
–0.270
V/V
4 Input = High to Low, 0.5V
≤ VPIN 4 ≤ 2.5V
OV & UV Threshold Hyst.
0.5V
≤ VPIN 4 ≤ 2.5V
10
20
30
10
20
30
mV/V
OV & UV Threshold Supply
+VIN = 8V to 40V
0.002
0.01
0.002
0.02
%/V
Sensitivity
Adjust Pin (Pin 4) Input Bias Current
0.5V
≤ VPIN 4 ≤ 2.5V
±1
±10
±1
±12
µA/V
Line Sense Threshold
Input = High to Low
1.94
2.0
2.06
1.9
2.0
2.1
V
Line Sense Threshold Hyst.
125
175
225
100
175
250
mV
SENSE INPUTS
Input = 2.8V(2)
1
3
1
6
µA
Sense 1-4 Input Bias Current
Input = 2.2(2)
–1
–3
–1
-6
µA
Line Sense Input Bias Current
Input = 2.3V(2)
1
3
1
6
µA
OV AND UV FAULT DELAY
Charging Current
60
60
µA
Threshold Voltage
Delay Pin = Low to High
1.8
1.8
V
Threshold Hysteresis
TJ = 25°C
250
250
mV
Delay
Ratio of Threshold Voltage to Charging
20
30
50
20
30
50
ms/
µF
Current
(1)
Reference to pin numbers in this specification pertain to 18 pin DIL N and J packages and 18 pin SOIC DW package.
(2)
These currents represent maximum input bias currents required as the sense inputs cross appropriate thresholds.
Copyright © 1999–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): UC1903 UC2903 UC3903


Số phần tương tự - UC1903J883B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
UC1903J883B TI1-UC1903J883B Datasheet
807Kb / 16P
[Old version datasheet]   Quad Supply and Line Monitor
More results

Mô tả tương tự - UC1903J883B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
UC1903 TI-UC1903 Datasheet
477Kb / 8P
[Old version datasheet]   Quad Supply and Line Monitor
UC1903 TI1-UC1903_16 Datasheet
807Kb / 16P
[Old version datasheet]   Quad Supply and Line Monitor
UC1904 TI-UC1904 Datasheet
308Kb / 6P
[Old version datasheet]   Precision Quad Supply and Line Monitor
UC1904 TI1-UC1904_08 Datasheet
335Kb / 7P
[Old version datasheet]   Precision Quad Supply and Line Monitor
logo
Linear Technology
LTC2902 LINER-LTC2902 Datasheet
179Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
logo
Linear Integrated Syste...
LTC2902 LINEAR-LTC2902 Datasheet
176Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
logo
Linear Technology
LTC2902 LINER-LTC2902_15 Datasheet
184Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
LTC2901 LINER-LTC2901 Datasheet
210Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset and Watchdog Timers
LTC2901 LINER-LTC2901_15 Datasheet
197Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset and Watchdog Timers
logo
Analog Devices
ADM9264 AD-ADM9264 Datasheet
181Kb / 12P
   Quad Power Supply Monitor for Desktop PCs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com