công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM741J bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM741J
Giải thích chi tiết về linh kiện  LM741 Operational Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM741J bảng dữ liệu(HTML) 1 Page - Texas Instruments

  LM741J Datasheet HTML 1Page - Texas Instruments LM741J Datasheet HTML 2Page - Texas Instruments LM741J Datasheet HTML 3Page - Texas Instruments LM741J Datasheet HTML 4Page - Texas Instruments LM741J Datasheet HTML 5Page - Texas Instruments LM741J Datasheet HTML 6Page - Texas Instruments LM741J Datasheet HTML 7Page - Texas Instruments LM741J Datasheet HTML 8Page - Texas Instruments LM741J Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LM741
www.ti.com
SNOSC25C – MAY 1998 – REVISED MARCH 2013
LM741 Operational Amplifier
Check for Samples: LM741
1
FEATURES
DESCRIPTION
The LM741 series are general purpose operational
2
Overload Protection on the Input and Output
amplifiers which feature improved performance over
No Latch-Up When the Common Mode Range
industry standards like the LM709. They are direct,
is Exceeded
plug-in replacements for the 709C, LM201, MC1439
and 748 in most applications.
The amplifiers offer many features which make their
application nearly foolproof: overload protection on
the input and output, no latch-up when the common
mode range is exceeded, as well as freedom from
oscillations.
The LM741C is identical to the LM741/LM741A
except that the LM741C has their performance
ensured over a 0°C to +70°C temperature range,
instead of
−55°C to +125°C.
Connection Diagrams
LM741H is available per JM38510/10101
Figure 1. TO-99 Package
Figure 2. CDIP or PDIP Package
See Package Number LMC0008C
See Package Number NAB0008A, P0008E
Figure 3. CLGA Package
See Package Number NAD0010A
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1998–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - LM741J

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM741J NSC-LM741J Datasheet
213Kb / 8P
   Operational Amplifier
May 1998
logo
Texas Instruments
LM741J TI1-LM741J Datasheet
815Kb / 18P
[Old version datasheet]   Operational Amplifier
LM741J TI1-LM741J Datasheet
746Kb / 15P
[Old version datasheet]   Operational Amplifier
logo
National Semiconductor ...
LM741J-14 NSC-LM741J-14 Datasheet
213Kb / 8P
   Operational Amplifier
May 1998
logo
Texas Instruments
LM741J/883 TI1-LM741J/883 Datasheet
651Kb / 11P
[Old version datasheet]   LM741QML Operational Amplifier
More results

Mô tả tương tự - LM741J

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
   Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
   Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
   Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
   Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
   Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
   Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
   Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
[Old version datasheet]   Operational Amplifier
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA622 TI1-OPA622 Datasheet
361Kb / 19P
[Old version datasheet]   OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com