công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM741H bảng dữ liệu(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM741H
Giải thích chi tiết về linh kiện  LM741 Operational Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM741H bảng dữ liệu(HTML) 3 Page - Texas Instruments

  LM741H Datasheet HTML 1Page - Texas Instruments LM741H Datasheet HTML 2Page - Texas Instruments LM741H Datasheet HTML 3Page - Texas Instruments LM741H Datasheet HTML 4Page - Texas Instruments LM741H Datasheet HTML 5Page - Texas Instruments LM741H Datasheet HTML 6Page - Texas Instruments LM741H Datasheet HTML 7Page - Texas Instruments LM741H Datasheet HTML 8Page - Texas Instruments LM741H Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
LM741
www.ti.com
SNOSC25C – MAY 1998 – REVISED MARCH 2013
Electrical Characteristics
(1) (continued)
LM741A
LM741
LM741C
Parameter
Test Conditions
Units
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Input Offset Voltage
TA = 25°C, VS = ±20V
±10
±15
±15
mV
Adjustment Range
Input Offset Current
TA = 25°C
3.0
30
20
200
20
200
nA
TAMIN ≤ TA ≤ TAMAX
70
85
500
300
Average Input Offset
0.5
nA/°C
Current Drift
Input Bias Current
TA = 25°C
30
80
80
500
80
500
nA
TAMIN ≤ TA ≤ TAMAX
0.210
1.5
0.8
μA
Input Resistance
TA = 25°C, VS = ±20V
1.0
6.0
0.3
2.0
0.3
2.0
M
Ω
TAMIN ≤ TA ≤ TAMAX,
0.5
VS = ±20V
Input Voltage Range
TA = 25°C
±12
±13
V
TAMIN ≤ TA ≤ TAMAX
±12
±13
Large Signal Voltage Gain
TA = 25°C, RL ≥ 2 kΩ
VS = ±20V, VO = ±15V
50
V/mV
VS = ±15V, VO = ±10V
50
200
20
200
TAMIN ≤ TA ≤ TAMAX,
RL ≥ 2 kΩ,
VS = ±20V, VO = ±15V
32
V/mV
VS = ±15V, VO = ±10V
25
15
VS = ±5V, VO = ±2V
10
Output Voltage Swing
VS = ±20V
RL ≥ 10 kΩ
±16
V
RL ≥ 2 kΩ
±15
VS = ±15V
RL ≥ 10 kΩ
±12
±14
±12
±14
V
RL ≥ 2 kΩ
±10
±13
±10
±13
Output Short Circuit
TA = 25°C
10
25
35
25
25
mA
Current
TAMIN ≤ TA ≤ TAMAX
10
40
Common-Mode
TAMIN ≤ TA ≤ TAMAX
Rejection Ratio
RS ≤ 10 kΩ, VCM = ±12V
70
90
70
90
dB
RS ≤ 50Ω, VCM = ±12V
80
95
Supply Voltage Rejection
TAMIN ≤ TA ≤ TAMAX,
Ratio
VS = ±20V to VS = ±5V
dB
RS ≤ 50Ω
86
96
RS ≤ 10 kΩ
77
96
77
96
Transient Response
TA = 25°C, Unity Gain
Rise Time
0.25
0.8
0.3
0.3
μs
Overshoot
6.0
20
5
5
%
Bandwidth (2)
TA = 25°C
0.437
1.5
MHz
Slew Rate
TA = 25°C, Unity Gain
0.3
0.7
0.5
0.5
V/
μs
Supply Current
TA = 25°C
1.7
2.8
1.7
2.8
mA
Power Consumption
TA = 25°C
VS = ±20V
80
150
mW
VS = ±15V
50
85
50
85
(2)
Calculated value from: BW (MHz) = 0.35/Rise Time (
μs).
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM741


Số phần tương tự - LM741H

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM741H NSC-LM741H Datasheet
213Kb / 8P
   Operational Amplifier
May 1998
logo
Texas Instruments
LM741H TI1-LM741H Datasheet
300Kb / 11P
[Old version datasheet]   LM741QML Operational Amplifier
LM741H TI1-LM741H Datasheet
815Kb / 18P
[Old version datasheet]   Operational Amplifier
LM741H TI1-LM741H Datasheet
746Kb / 15P
[Old version datasheet]   Operational Amplifier
LM741H/883 TI1-LM741H/883 Datasheet
651Kb / 11P
[Old version datasheet]   LM741QML Operational Amplifier
More results

Mô tả tương tự - LM741H

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
   Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
   Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
   Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
   Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
   Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
   Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
   Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
[Old version datasheet]   Operational Amplifier
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA622 TI1-OPA622 Datasheet
361Kb / 19P
[Old version datasheet]   OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com