công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UC1709J883B bảng dữ liệu(PDF) 5 Page - Texas Instruments |
|
|
UC1709J883B bảng dữ liệu(HTML) 5 Page - Texas Instruments |
5 / 6 page EMI/RFI Y1-VY1 Ceramic Disc Capacitors Safety Standard Approved Disc AC Capacitors Vishay BCcomponents Document Number: 28537 For technical questions, contact: CDC@vishay.com www.vishay.com Revision: 15-Oct-09 86 Notes • See ordering information table • Cumulative pitch error: ± 1 mm/20 pitches • Obliquity maximum 3° REEL AND TAPE DATA in millimeters W1 position of sprocket hole 9.0 + 0.75 - 0.5 W2 distance of hold-down tape 3.0 max. H1 maximum component height 40.0 H0 height to seating plane (for kinked leads) 16.0 ± 0.5 H0 height to seating plane (for straight leads) 20.0 ± 0.5 L length of cut leads 11.0 max. I length of lead protrusion 1.0 max. D0 diameter of sprocket hole 4.0 ± 0.2 t total tape thickness 0.9 max. DIMENSIONS OF TAPE SYMBOL PARAMETER DIMENSIONS (mm) Fig. 2 Reel with capacitors on tape Ammopack with capacitors on tape 51 max. 355.6 ± 2.0 45 max. 28 ± 1.5 8.0 330 360 55 |
Số phần tương tự - UC1709J883B |
|
Mô tả tương tự - UC1709J883B |