công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UA7805CKCS bảng dữ liệu(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện UA7805CKCS
Giải thích chi tiết về linh kiện  FIXED POSITIVE VOLTAGE REGULATORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

UA7805CKCS bảng dữ liệu(HTML) 2 Page - Texas Instruments

  UA7805CKCS Datasheet HTML 1Page - Texas Instruments UA7805CKCS Datasheet HTML 2Page - Texas Instruments UA7805CKCS Datasheet HTML 3Page - Texas Instruments UA7805CKCS Datasheet HTML 4Page - Texas Instruments UA7805CKCS Datasheet HTML 5Page - Texas Instruments UA7805CKCS Datasheet HTML 6Page - Texas Instruments UA7805CKCS Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
VY2 Series
www.vishay.com
Vishay BCcomponents
Revision: 08-Mar-12
2
Document Number: 28535
For technical questions, contact: CDC@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS
ORDERING INFORMATION
C (pF)
TOL.
(%)
TEMP.
COEFFICIENT
BODY
DIAMETER
DMAX.
(mm)
BODY
THICKNESS
TMAX.
(mm)
LEAD
SPACING
F
(mm)
COATING
EXTENSION
DRMAX. (2)
(mm)
CLEAR TEXT CODE
15TH DIGIT:
T = REEL; U = AMMO; 3 = BULK (1)
RoHS COMPLIANT
RoHS AND
HALOGEN-FREE
VY2 for leadspacing 5.0 mm
2200 VAC, 50 Hz, 2 s
10
± 10
U2J (N750)
7.5
5.0
5.0
3.0
VY2100K29U2JS6*V5
VY2100K29U2JG6*V5
15
VY2150K29U2JS6*V5
VY2150K29U2JG6*V5
22
VY2220K29U2JS6*V5
VY2220K29U2JG6*V5
33
VY2330K29U2JS6*V5
VY2330K29U2JG6*V5
47
VY2470K29U2JS6*V5
VY2470K29U2JG6*V5
68
Y5S (2C3)
VY2680K29Y5SS6*V5
VY2680K29Y5SG6*V5
100
VY2101K29Y5SS6*V5
VY2101K29Y5SG6*V5
150
VY2151K29Y5SS6*V5
VY2151K29Y5SG6*V5
220
VY2221K29Y5SS6*V5
VY2221K29Y5SG6*V5
330
VY2331K29Y5SS6*V5
VY2331K29Y5SG6*V5
470
VY2471K29Y5SS6*V5
VY2471K29Y5SG6*V5
680
± 20
Y5U (2E3)
VY2681M29Y5US6*V5
VY2681M29Y5UG6*V5
1000
VY2102M29Y5US6*V5
VY2102M29Y5UG6*V5
1500
8.0
VY2152M31Y5US6*V5
VY2152M31Y5UG6*V5
2200
9.0
VY2222M35Y5US6*V5
VY2222M35Y5UG6*V5
3300
10.5
VY2332M41Y5US6*V5
VY2332M41Y5UG6*V5
3900
11.0
VY2392M43Y5US6*V5
VY2392M43Y5UG6*V5
ORDERING INFORMATION
C (pF)
TOL.
(%)
TEMP.
COEFFICIENT
BODY
DIAMETER
DMAX.
(mm)
BODY
THICKNESS
TMAX.
(mm)
LEAD
SPACING
F
(mm)
COATING
EXTENSION
DRMAX. (2)
(mm)
CLEAR TEXT CODE
15TH DIGIT:
T = REEL; U = AMMO; 3 = BULK (1)
RoHS COMPLIANT
RoHS AND
HALOGEN-FREE
VY2 for leadspacing 7.5 mm
2600 VAC, 50 Hz, 2 s
10
± 10
U2J (N750)
7.5
5.0
7.5
3.0
VY2100K29U2JS6*V7
VY2100K29U2JG6*V7
15
VY2150K29U2JS6*V7
VY2150K29U2JG6*V7
22
VY2220K29U2JS6*V7
VY2220K29U2JG6*V7
33
VY2330K29U2JS6*V7
VY2330K29U2JG6*V7
47
VY2470K29U2JS6*V7
VY2470K29U2JG6*V7
68
± 10
Y5S (2C3)
VY2680K29Y5SS6*V7
VY2680K29Y5SG6*V7
100
VY2101K29Y5SS6*V7
VY2101K29Y5SG6*V7
150
VY2151K29Y5SS6*V7
VY2151K29Y5SG6*V7
220
VY2221K29Y5SS6*V7
VY2221K29Y5SG6*V7
330
VY2331K29Y5SS6*V7
VY2331K29Y5SG6*V7
470
VY2471K29Y5SS6*V7
VY2471K29Y5SG6*V7
680
± 20
Y5U (2E3)
VY2681M29Y5US6*V7
VY2681M29Y5UG6*V7
1000
VY2102M29Y5US6*V7
VY2102M29Y5UG6*V7
1500
8.0
VY2152M31Y5US6*V7
VY2152M31Y5UG6*V7
2200
9.0
VY2222M35Y5US6*V7
VY2222M35Y5UG6*V7
3300
10.5
VY2332M41Y5US6*V7
VY2332M41Y5UG6*V7
3900
11.0
VY2392M43Y5US6*V7
VY2392M43Y5UG6*V7
4700
12.5
VY2472M49Y5US6*V7
VY2472M49Y5UG6*V7
6800
14.5
VY2682M59Y5US63V7
VY2682M59Y5UG63V7
0.01 μF
16.0
VY2103M63Y5US63V7
VY2103M63Y5UG63V7
SH = 4.0 mm
max.
L = 30.0 mm
± 5.0 mm
T
D
F
Ø d 0.6 mm
DR = 3.0 mm
max.
Capacitors with 5.0 mm, 7.5 mm and 10 mm lead spacing


Số phần tương tự - UA7805CKCS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
UA7805CKCS TI-UA7805CKCS Datasheet
697Kb / 19P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA7805CKCS TI-UA7805CKCS Datasheet
697Kb / 19P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA7805CKCS TI1-UA7805CKCS Datasheet
122Kb / 12P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
UA7805CKCS TI1-UA7805CKCS Datasheet
807Kb / 23P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
UA7805CKCS TI1-UA7805CKCS Datasheet
1Mb / 29P
[Old version datasheet]   Fixed Positive Voltage Regulators
More results

Mô tả tương tự - UA7805CKCS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
UA7812CKCSE3 TI-UA7812CKCSE3 Datasheet
807Kb / 23P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
UA7805CKCSE3 TI1-UA7805CKCSE3 Datasheet
807Kb / 23P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
UA7808 TI1-UA7808_16 Datasheet
1Mb / 29P
[Old version datasheet]   Fixed Positive Voltage Regulators
UA7805 TI1-UA7805 Datasheet
1Mb / 26P
[Old version datasheet]   Fixed Positive Voltage Regulators
UA7800 TI1-UA7800_12 Datasheet
122Kb / 12P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
logo
Diotec Semiconductor
DI78M05UAB DIOTEC-DI78M05UAB Datasheet
721Kb / 3P
   Positive Fixed Voltage Regulators Positive Festspannungs-Regler
Version 2021-09-30
logo
Motorola, Inc
MC7800 MOTOROLA-MC7800 Datasheet
278Kb / 16P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC78T00 ONSEMI-MC78T00 Datasheet
162Kb / 12P
   THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS
REV 1
logo
Motorola, Inc
LM340 MOTOROLA-LM340 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
MCT7800 MOTOROLA-MCT7800 Datasheet
224Kb / 12P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com