công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FDD6630A bảng dữ liệu(PDF) 3 Page - Fairchild Semiconductor

tên linh kiện FDD6630A
Giải thích chi tiết về linh kiện  N-Channel PowerTrench??MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD6630A bảng dữ liệu(HTML) 3 Page - Fairchild Semiconductor

  FDD6630A Datasheet HTML 1Page - Fairchild Semiconductor FDD6630A Datasheet HTML 2Page - Fairchild Semiconductor FDD6630A Datasheet HTML 3Page - Fairchild Semiconductor FDD6630A Datasheet HTML 4Page - Fairchild Semiconductor FDD6630A Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FDD6680
D-PAK (TO-252) Packaging
Configuration: Figure 1.0
Components
TO-252 (D-PAK) Tape Leader and
Trailer Configuration: Figure 2.0
Cover Tape
Carrier Tape
Note/Comments
Packaging Option
D-PAK (TO-252) Packaging Information
Standard
(no flow code)
Packaging type
Reel Size
TNR
13” Dia
Qty per Reel/Tube/Bag
2,500
Box Dimension (mm)
359x359x57
Max qty per Box
5,000
Weight per unit (gm)
0.300
Weight per Reel(kg)
1.200
ESD Label
F63TNR Label
359mm x 359mm x 57mm
Standard Intermediate box
D-PAK (TO-252) Unit Orientation
F63TNR Label sample
Static Dissipative
Embossed Carrier Tape
F63TNR
Label
Antistatic Cover Tape
ESD Label
N
EL ECTRO STATIC
SEN SIT IVE DEVI CES
DO NO T SHI P OR STO RE N EAR ST RO NG EL ECT ROST AT IC
EL ECT RO M AGN ETI C, M AG NET IC O R R ADIO ACT IVE FI ELD S
TNR DATE
PT NUMB ER
PEEL STREN GTH MIN ___ __ ____ __ ___gms
MAX ___ ___ ___ ___ _ gms
3000
LOT: CBVK741B019
FSID: FDD6680
D/C1: Z9942
QTY1:
SPEC REV:
SPEC:
QTY: 2500
D/C2:
QTY2:
CPN:
CBVK741B019
N/F: F
(F63TNR)3
Packaging Description:
TO-252 parts are shipped in tape. The carrier tape is
made from a dissipative (carbon filled) polycarbonate
resin. The cover tape is a multilayer film (Heat Activated
Adhesive in nature) primarily composed of polyester film,
adhesive layer, sealant, and anti-static sprayed agent.
These reeled parts in standard option are shipped with
2500 units per 13” or 330cm diameter reel. The reels are
dark blue in color and is made of polystyrene plastic (anti-
static coated). This and some other options are further
described in the Packaging Information table.
These full reels are individually barcode labeled and
placed inside a standard intermediate box (illustrated in
figure 1.0) made of recyclable corrugated brown paper.
One box contains two reels maximum. And these boxes
are placed inside a barcode labeled shipping box which
comes in different sizes depending on the number of parts
shipped.
Leader Tape
1680mm minimum or
210 empty pockets
Trailer Tape
640mm minimum or
80 empty pockets


Số phần tương tự - FDD6630A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Inchange Semiconductor ...
FDD6630A ISC-FDD6630A Datasheet
347Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDD6630A FAIRCHILD-FDD6630A_11 Datasheet
115Kb / 5P
   30V N-Channel PowerTrench횘 MOSFET
More results

Mô tả tương tự - FDD6630A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FDD8896 FAIRCHILD-FDD8896 Datasheet
130Kb / 11P
   N-Channel PowerTrench MOSFET
FDD5680 FAIRCHILD-FDD5680 Datasheet
83Kb / 4P
   N-Channel, PowerTrench??MOSFET
FDD20AN06_F085 FAIRCHILD-FDD20AN06_F085 Datasheet
325Kb / 11P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDD86369 ONSEMI-FDD86369 Datasheet
1Mb / 8P
   N-Channel PowerTrench MOSFET
January, 2017, Rev. 1.0
logo
Fairchild Semiconductor
FDMS86152 FAIRCHILD-FDMS86152 Datasheet
258Kb / 7P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDWS86380_F085 ONSEMI-FDWS86380_F085 Datasheet
528Kb / 8P
   N-Channel PowerTrench MOSFET
December, 2016, Rev. 1.0
logo
Fairchild Semiconductor
FDP8876 FAIRCHILD-FDP8876 Datasheet
303Kb / 6P
   N-Channel PowerTrench MOSFET
FDB8441 FAIRCHILD-FDB8441 Datasheet
307Kb / 7P
   N-Channel PowerTrench MOSFET
FDD13AN06A0 FAIRCHILD-FDD13AN06A0 Datasheet
281Kb / 11P
   N-Channel PowerTrench MOSFET
FDP8874 FAIRCHILD-FDP8874 Datasheet
264Kb / 10P
   N-Channel PowerTrench MOSFET
FDS8984 FAIRCHILD-FDS8984_10 Datasheet
446Kb / 6P
   N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com