công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FDD6530A bảng dữ liệu(PDF) 2 Page - Fairchild Semiconductor

tên linh kiện FDD6530A
Giải thích chi tiết về linh kiện  20V N-Channel PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD6530A bảng dữ liệu(HTML) 2 Page - Fairchild Semiconductor

  FDD6530A Datasheet HTML 1Page - Fairchild Semiconductor FDD6530A Datasheet HTML 2Page - Fairchild Semiconductor FDD6530A Datasheet HTML 3Page - Fairchild Semiconductor FDD6530A Datasheet HTML 4Page - Fairchild Semiconductor FDD6530A Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FDD6530A Rev. C (W)
)
ON
(
DS
D
R
P
Electrical Characteristics
T
A = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max Units
Drain-Source Avalanche Ratings (Note 2)
WDSS
Drain-Source Avalanche Energy
Single Pulse,
VDD = 10 V
55
mJ
IAR
Drain-Source Avalanche Current
8
A
Off Characteristics
BVDSS
Drain–Source Breakdown Voltage
VGS = 0 V,
ID = 250
µA
20
V
∆BVDSS
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 250
µA, Referenced to 25°C
15
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = 16 V,
VGS = 0 V
1
µA
IGSSF
Gate–Body Leakage, Forward
VGS = 8 V,
VDS = 0 V
100
nA
IGSSR
Gate–Body Leakage, Reverse
VGS = –8 V,
VDS = 0 V
–100
nA
On Characteristics
(Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS,
ID = 250
µA
0.4
0.9
1.2
V
∆VGS(th)
∆T
J
Gate Threshold Voltage
Temperature Coefficient
ID = 250
µA, Referenced to 25°C
–3
mV/
°C
RDS(on)
Static Drain–Source
On–Resistance
VGS = 4.5 V,
ID = 8 A
VGS = 2.5 V,
ID = 6.6 A
VGS = 4.5 V, ID = 8 A, TJ = 125
°C
26
36
36
32
47
48
m
ID(on)
On–State Drain Current
VGS = 4.5 V,
VDS = 5 V
20
A
gFS
Forward Transconductance
VDS = 5 V,
ID = 8 A
21
S
Dynamic Characteristics
Ciss
Input Capacitance
710
pF
Coss
Output Capacitance
173
pF
Crss
Reverse Transfer Capacitance
VDS = 10 V,
V GS = 0 V,
f = 1.0 MHz
84
pF
Switching Characteristics (Note 2)
td(on)
Turn–On Delay Time
8
16
ns
tr
Turn–On Rise Time
7
14
ns
td(off)
Turn–Off Delay Time
18
32
ns
tf
Turn–Off Fall Time
VDD = 10 V,
ID = 1 A,
VGS = 4.5 V,
RGEN = 6
4
8
ns
Qg
Total Gate Charge
6.5
9
nC
Qgs
Gate–Source Charge
1.3
nC
Qgd
Gate–Drain Charge
VDS = 10 V,
ID = 8 A,
VGS = 4.5 V
1.9
nC
Drain–Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain–Source Diode Forward Current
2.7
A
VSD
Drain–Source Diode Forward
Voltage
VGS = 0 V,
IS = 2.7 A
(Note 2)
0.8
1.2
V
Notes:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of
the drain pins. RθJC is guaranteed by design while RθCA is determined by the user's board design.
a) RθJA = 45°C/W when mounted on a
1in
2 pad of 2 oz copper
Scale 1 : 1 on letter size paper
b) RθJA = 96°C/W when mounted
on a minimum pad.
2. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%
3. Maximum current is calculated as:
where PD is maximum power dissipation at TC = 25°C and RDS(on) is at TJ(max) and VGS = 10V. Package current limitation is 21A


Số phần tương tự - FDD6530A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Inchange Semiconductor ...
FDD6530A ISC-FDD6530A Datasheet
351Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Mô tả tương tự - FDD6530A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FDD3706 FAIRCHILD-FDD3706 Datasheet
113Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDS6574A FAIRCHILD-FDS6574A Datasheet
90Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDN371N FAIRCHILD-FDN371N Datasheet
84Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDG327N FAIRCHILD-FDG327N Datasheet
79Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDS6162N3 FAIRCHILD-FDS6162N3 Datasheet
189Kb / 6P
   20V N-Channel PowerTrench MOSFET
FDS6572A FAIRCHILD-FDS6572A Datasheet
75Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDV305N FAIRCHILD-FDV305N Datasheet
172Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDG329N FAIRCHILD-FDG329N Datasheet
79Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDS6064N3 FAIRCHILD-FDS6064N3 Datasheet
189Kb / 6P
   20V N-Channel PowerTrench MOSFET
FDS6064N7 FAIRCHILD-FDS6064N7 Datasheet
198Kb / 6P
   20V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com