công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FDD5690 bảng dữ liệu(PDF) 2 Page - Fairchild Semiconductor

tên linh kiện FDD5690
Giải thích chi tiết về linh kiện  60V N-Channel PowerTrench??MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD5690 bảng dữ liệu(HTML) 2 Page - Fairchild Semiconductor

  FDD5690 Datasheet HTML 1Page - Fairchild Semiconductor FDD5690 Datasheet HTML 2Page - Fairchild Semiconductor FDD5690 Datasheet HTML 3Page - Fairchild Semiconductor FDD5690 Datasheet HTML 4Page - Fairchild Semiconductor FDD5690 Datasheet HTML 5Page - Fairchild Semiconductor FDD5690 Datasheet HTML 6Page - Fairchild Semiconductor FDD5690 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
FDD5690,Rev.B
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max Units
Off Characteristics
WDSS
Single Pulse Drain-Source
Avalanche Energy
VDD = 30 V, ID = 30 A
90
mJ
IAR
Maximum Drain-Source Avalanche Current
30
A
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = 250
µA
60
V
∆BVDSS
∆TJ
Breakdown Voltage Temperature
Coefficient
ID = 250
µA, Referenced to 25°C
57
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = 48 V, VGS = 0 V
1
µA
IGSSF
Gate-Body Leakage Current,
Forward
VGS = 20V, VDS = 0 V
100
nA
IGSSR
Gate-Body Leakage Current,
Reverse
VGS = -20 V, VDS = 0 V
-100
nA
On Characteristics (Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250
µA
22.5
4
V
∆VGS(th)
∆TJ
Gate Threshold Voltage
Temperature Coefficient
ID = 250
µA,Referenced to 25°C
-6
mV/
°C
RDS(on)
Static Drain-Source
On-Resistance
VGS = 10 V, ID = 9 A
VGS = 10 V, ID = 9 A, TJ = 125
°C
VGS = 6 V, ID = 8 A
0.023
0.032
0.026
0.027
0.048
0.032
ID(on)
On-State Drain Current
VGS = 10 V, VDS = 5 V
25
A
gFS
Forward Transconductance
VDS = 5 V, ID = 9 A
24
S
Dynamic Characteristics
Ciss
Input Capacitance
1110
pF
Coss
Output Capacitance
150
pF
Crss
Reverse Transfer Capacitance
VDS = 25 V, VGS = 0 V
f = 1.0 MHz
75
pF
Switching Characteristics (Note 2)
td(on)
Turn-On Delay Time
10
18
ns
tr
Turn-On Rise Time
9
18
ns
td(off)
Turn-Off Delay Time
24
39
ns
tf
Turn-Off Fall Time
VDD = 30 V, ID = 1 A
VGS = 10 V, RGEN = 6
10
18
ns
Qg
Total Gate Charge
23
32
nC
Qgs
Gate-Source Charge
4
nC
Qgd
Gate-Drain Charge
VDS = 30 V, ID = 9 A
VGS = 10 V,
6.8
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
2.3
A
VSD
Drain-Source Diode Forward
Voltage
VGS = 0 V, IS = 2.3 A
(Note 2)
0.75
1.2
V
Notes:
1. RθJAis the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the drain tab.
RθJC is guaranteed by design while RθCA is determined by the user's board design.
Scale 1 : 1 on letter size paper
2. Pulse Test: Pulse Width ≤ 300 µs, Duty Cycle ≤ 2.0%
a) RθJA= 40oC/W when mounted
on a 1in2 pad of 2oz copper.
b) RθJA= 96oC/W on a minimum
mounting pad.


Số phần tương tự - FDD5690

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FDD5690 FAIRCHILD-FDD5690 Datasheet
167Kb / 5P
   60V N-Channel PowerTrench짰 MOSFET
logo
Inchange Semiconductor ...
FDD5690 ISC-FDD5690 Datasheet
299Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDD5690 FAIRCHILD-FDD5690_02 Datasheet
167Kb / 5P
   60V N-Channel PowerTrench짰 MOSFET
More results

Mô tả tương tự - FDD5690

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FDS5680 FAIRCHILD-FDS5680 Datasheet
261Kb / 8P
   60V N-Channel PowerTrench??MOSFET
FDS9945 FAIRCHILD-FDS9945 Datasheet
73Kb / 5P
   60V N-Channel PowerTrench MOSFET
FDP5680 FAIRCHILD-FDP5680 Datasheet
440Kb / 16P
   60V N-Channel PowerTrench??MOSFET
FDS5670 FAIRCHILD-FDS5670 Datasheet
250Kb / 8P
   60V N-Channel PowerTrench??MOSFET
FDS5690 FAIRCHILD-FDS5690 Datasheet
236Kb / 8P
   60V N-Channel PowerTrench MOSFET
FDS5170N7 FAIRCHILD-FDS5170N7 Datasheet
201Kb / 6P
   60V N-Channel PowerTrench MOSFET
FDP5645 FAIRCHILD-FDP5645 Datasheet
422Kb / 10P
   60V N-Channel PowerTrench MOSFET
FDD5612 FAIRCHILD-FDD5612 Datasheet
147Kb / 5P
   60V N-Channel PowerTrench??MOSFET
SI4450DY FAIRCHILD-SI4450DY Datasheet
98Kb / 5P
   60V N-Channel PowerTrench MOSFET
FDN5630 FAIRCHILD-FDN5630 Datasheet
254Kb / 8P
   60V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com