công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FDD2572 bảng dữ liệu(PDF) 2 Page - Fairchild Semiconductor

tên linh kiện FDD2572
Giải thích chi tiết về linh kiện  N-Channel PowerTrench MOSFET 150V, 29A, 54m?
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD2572 bảng dữ liệu(HTML) 2 Page - Fairchild Semiconductor

  FDD2572 Datasheet HTML 1Page - Fairchild Semiconductor FDD2572 Datasheet HTML 2Page - Fairchild Semiconductor FDD2572 Datasheet HTML 3Page - Fairchild Semiconductor FDD2572 Datasheet HTML 4Page - Fairchild Semiconductor FDD2572 Datasheet HTML 5Page - Fairchild Semiconductor FDD2572 Datasheet HTML 6Page - Fairchild Semiconductor FDD2572 Datasheet HTML 7Page - Fairchild Semiconductor FDD2572 Datasheet HTML 8Page - Fairchild Semiconductor FDD2572 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
©2002 Fairchild Semiconductor Corporation
FDD2572 / FDU2572 Rev. B
Package Marking and Ordering Information
Electrical Characteristics T
C = 25°C unless otherwise noted
Off Characteristics
On Characteristics
Dynamic Characteristics
Resistive Switching Characteristics (VGS = 10V)
Drain-Source Diode Characteristics
Notes:
1: Starting TJ = 25°C, L = 0.2mH, IAS = 19A.
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDD2572
FDD2572
TO-252AA
330mm
16mm
2500 units
FDU2572
FDU2572
TO-251AA
Tube
N/A
75 units
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
BVDSS
Drain to Source Breakdown Voltage
ID = 250µA, VGS = 0V
150
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS = 120V
-
-
1
µA
VGS = 0V
TC = 150
o
--
250
IGSS
Gate to Source Leakage Current
VGS = ±20V
-
-
±100
nA
VGS(TH)
Gate to Source Threshold Voltage
VGS = VDS, ID = 250µA2
-
4
V
rDS(ON)
Drain to Source On Resistance
ID=9A, VGS=10V
-
0.045
0.054
ID = 4A, VGS = 6V,
-
0.050
0.075
ID=9A, VGS=10V, TC=175
oC
-
0.126
0.146
CISS
Input Capacitance
VDS = 25V, VGS = 0V,
f = 1MHz
-1770
-
pF
COSS
Output Capacitance
-
183
-
pF
CRSS
Reverse Transfer Capacitance
-
40
-
pF
Qg(TOT)
Total Gate Charge at 10V
VGS = 0V to 10V
VDD = 75V
ID = 9A
Ig = 1.0mA
-26
34
nC
Qg(TH)
Threshold Gate Charge
VGS = 0V to 2V
-
3.3
4.3
nC
Qgs
Gate to Source Gate Charge
-
8
-
nC
Qgs2
Gate Charge Threshold to Plateau
-
5
-
nC
Qgd
Gate to Drain “Miller” Charge
-
6
-
nC
tON
Turn-On Time
VDD = 75V, ID = 9A
VGS = 10V, RGS = 11.0Ω
--
36
ns
td(ON)
Turn-On Delay Time
-
11
-
ns
tr
Rise Time
-
14
-
ns
td(OFF)
Turn-Off Delay Time
-
31
-
ns
tf
Fall Time
-
14
-
ns
tOFF
Turn-Off Time
-
-
66
ns
VSD
Source to Drain Diode Voltage
ISD = 9A
-
-
1.25
V
ISD = 4A
-
-
1.0
V
trr
Reverse Recovery Time
ISD = 9A, dISD/dt =100A/µs-
-
74
ns
QRR
Reverse Recovered Charge
ISD = 9A, dISD/dt =100A/µs
-
-
169
nC


Số phần tương tự - FDD2572

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Inchange Semiconductor ...
FDD2572 ISC-FDD2572 Datasheet
298Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ON Semiconductor
FDD2572-F085 ONSEMI-FDD2572-F085 Datasheet
477Kb / 12P
   N-Channel PowerTrench짰 MOSFET 150V, 29A, 54m廓
September-2017, Rev.1
logo
VBsemi Electronics Co.,...
FDD2572-NL VBSEMI-FDD2572-NL Datasheet
1,004Kb / 9P
   N-Channel 150 V (D-S) MOSFET
logo
Fairchild Semiconductor
FDD2572_F085 FAIRCHILD-FDD2572_F085_08 Datasheet
578Kb / 11P
   N-Channel PowerTrench짰 MOSFET 150V, 29A, 54m廓
More results

Mô tả tương tự - FDD2572

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FDB2572 FAIRCHILD-FDB2572 Datasheet
269Kb / 11P
   N-Channel PowerTrench MOSFET 150V, 29A, 54m?
FDP2572 FAIRCHILD-FDP2572_12 Datasheet
368Kb / 11P
   N-Channel PowerTrench짰 MOSFET 150V, 29A, 54m廓
logo
ON Semiconductor
FDD2572-F085 ONSEMI-FDD2572-F085 Datasheet
477Kb / 12P
   N-Channel PowerTrench짰 MOSFET 150V, 29A, 54m廓
September-2017, Rev.1
logo
Fairchild Semiconductor
FDD2572_F085 FAIRCHILD-FDD2572_F085_08 Datasheet
578Kb / 11P
   N-Channel PowerTrench짰 MOSFET 150V, 29A, 54m廓
logo
Guangdong Kexin Industr...
KDB2570 KEXIN-KDB2570 Datasheet
51Kb / 2P
   150V N-Channel PowerTrench MOSFET
logo
Fairchild Semiconductor
FDS2570 FAIRCHILD-FDS2570_01 Datasheet
106Kb / 6P
   150V N-Channel PowerTrench MOSFET
FDP2570 FAIRCHILD-FDP2570 Datasheet
81Kb / 5P
   150V N-Channel PowerTrench MOSFET
FDC2512 FAIRCHILD-FDC2512 Datasheet
176Kb / 5P
   150V N-Channel PowerTrench MOSFET
FDS2070N7 FAIRCHILD-FDS2070N7 Datasheet
200Kb / 6P
   150V N-Channel PowerTrench MOSFET
FDD2512 FAIRCHILD-FDD2512 Datasheet
86Kb / 5P
   150V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com