công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FDD2570 bảng dữ liệu(PDF) 5 Page - Fairchild Semiconductor

tên linh kiện FDD2570
Giải thích chi tiết về linh kiện  150V N-Channel PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD2570 bảng dữ liệu(HTML) 5 Page - Fairchild Semiconductor

  FDD2570 Datasheet HTML 1Page - Fairchild Semiconductor FDD2570 Datasheet HTML 2Page - Fairchild Semiconductor FDD2570 Datasheet HTML 3Page - Fairchild Semiconductor FDD2570 Datasheet HTML 4Page - Fairchild Semiconductor FDD2570 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is
not intended to be an exhaustive list of all such trademarks.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTENAPPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION.
As used herein:
1. Life support devices or systems are devices or
systems which, (a) are intended for surgical implant into
the body, or (b) support or sustain life, or (c) whose
failure to perform when properly used in accordance
with instructions for use provided in the labeling, can be
reasonably expected to result in significant injury to the
user.
2. A critical component is any component of a life
support device or system whose failure to perform can
be reasonably expected to cause the failure of the life
support device or system, or to affect its safety or
effectiveness.
PRODUCT STATUS DEFINITIONS
Definition of Terms
Datasheet Identification
Product Status
Definition
Advance Information
Preliminary
No Identification Needed
Obsolete
This datasheet contains the design specifications for
product development. Specifications may change in
any manner without notice.
This datasheet contains preliminary data, and
supplementary data will be published at a later date.
Fairchild Semiconductor reserves the right to make
changes at any time without notice in order to improve
design.
This datasheet contains final specifications. Fairchild
Semiconductor reserves the right to make changes at
any time without notice in order to improve design.
This datasheet contains specifications on a product
that has been discontinued by Fairchild semiconductor.
The datasheet is printed for reference information only.
Formative or
In Design
First Production
Full Production
Not In Production
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER
NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD
DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT
OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT
RIGHTS, NOR THE RIGHTS OF OTHERS.
PowerTrench
QFET™
QS™
QT Optoelectronics™
Quiet Series™
SILENT SWITCHER
SMART START™
SuperSOT™-3
SuperSOT™-6
SuperSOT™-8
FASTr™
GlobalOptoisolator™
GTO™
HiSeC™
ISOPLANAR™
MICROWIRE™
OPTOLOGIC™
OPTOPLANAR™
PACMAN™
POP™
Rev. G
ACEx™
Bottomless™
CoolFET™
CROSSVOLT™
DOME™
E2CMOSTM
EnSignaTM
FACT™
FACT Quiet Series™
FAST
SyncFET™
TinyLogic™
UHC™
VCX™


Số phần tương tự - FDD2570

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Inchange Semiconductor ...
FDD2570 ISC-FDD2570 Datasheet
299Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Mô tả tương tự - FDD2570

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Guangdong Kexin Industr...
KDB2570 KEXIN-KDB2570 Datasheet
51Kb / 2P
   150V N-Channel PowerTrench MOSFET
logo
Fairchild Semiconductor
FDS2570 FAIRCHILD-FDS2570_01 Datasheet
106Kb / 6P
   150V N-Channel PowerTrench MOSFET
FDP2570 FAIRCHILD-FDP2570 Datasheet
81Kb / 5P
   150V N-Channel PowerTrench MOSFET
FDC2512 FAIRCHILD-FDC2512 Datasheet
176Kb / 5P
   150V N-Channel PowerTrench MOSFET
FDS2070N7 FAIRCHILD-FDS2070N7 Datasheet
200Kb / 6P
   150V N-Channel PowerTrench MOSFET
FDD2512 FAIRCHILD-FDD2512 Datasheet
86Kb / 5P
   150V N-Channel PowerTrench MOSFET
FDS2070N3 FAIRCHILD-FDS2070N3 Datasheet
192Kb / 6P
   150V N-Channel PowerTrench MOSFET
FDS2570 FAIRCHILD-FDS2570 Datasheet
232Kb / 8P
   150V N-Channel PowerTrench MOSFET
FDD2572 FAIRCHILD-FDD2572 Datasheet
247Kb / 11P
   N-Channel PowerTrench MOSFET 150V, 29A, 54m?
FDB2532 FAIRCHILD-FDB2532 Datasheet
275Kb / 11P
   N-Channel PowerTrench MOSFET 150V, 79A, 16m?
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com