công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FDC6561AN bảng dữ liệu(PDF) 2 Page - Fairchild Semiconductor

tên linh kiện FDC6561AN
Giải thích chi tiết về linh kiện  Dual N-Channel Logic Level PowerTrenchTM MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC6561AN bảng dữ liệu(HTML) 2 Page - Fairchild Semiconductor

  FDC6561AN Datasheet HTML 1Page - Fairchild Semiconductor FDC6561AN Datasheet HTML 2Page - Fairchild Semiconductor FDC6561AN Datasheet HTML 3Page - Fairchild Semiconductor FDC6561AN Datasheet HTML 4Page - Fairchild Semiconductor FDC6561AN Datasheet HTML 5Page - Fairchild Semiconductor FDC6561AN Datasheet HTML 6Page - Fairchild Semiconductor FDC6561AN Datasheet HTML 7Page - Fairchild Semiconductor FDC6561AN Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
OFF CHARACTERISTICS
BV
DSS
Drain-Source Breakdown Voltage
V
GS = 0 V, ID = 250 µA
30
V
BV
DSS/TJ
Breakdown Voltage Temp. Coefficient
I
D = 250 µA, Referenced to 25
oC
23.6
mV/
oC
I
DSS
Zero Gate Voltage Drain Current
V
DS = 24 V, VGS = 0 V
1
µA
T
J = 55
oC
10
µA
I
GSSF
Gate - Body Leakage, Forward
V
GS = 20 V, VDS = 0 V
100
nA
I
GSSR
Gate - Body Leakage, Reverse
V
GS = -20 V, VDS = 0 V
-100
nA
ON CHARACTERISTICS (Note 2)
V
GS(th)
Gate Threshold Voltage
V
DS = VGS, ID = 250 µA
1
1.8
3
V
V
GS(th)/TJ
Gate Threshold VoltageTemp.Coefficient
I
D = 250 µA, Referenced to 25
oC
-4
mV/
oC
R
DS(ON)
Static Drain-Source On-Resistance
V
GS = 10 V, ID = 2.5 A
0.082
0.095
T
J = 125
oC
0.122
0.152
V
GS = 4.5 V, ID = 2.0 A
0.113
0.145
I
D(on)
On-State Drain Current
V
GS = 10 V, VDS = 5 V
10
A
g
FS
Forward Transconductance
V
DS = 5 V, ID = 2.5 A
5
S
DYNAMIC CHARACTERISTICS
C
iss
Input Capacitance
V
DS = 15 V, VGS = 0 V,
220
pF
C
oss
Output Capacitance
f = 1.0 MHz
50
pF
C
rss
Reverse Transfer Capacitance
25
pF
SWITCHING CHARACTERISTICS (Note 2)
t
D(on)
Turn - On Delay Time
V
DD = 5 V, ID = 1 A,
6
12
ns
t
r
Turn - On Rise Time
V
GS = 10 V, RGEN = 6
10
18
ns
t
D(off)
Turn - Off Delay Time
12
22
ns
t
f
Turn - Off Fall Time
2
6
ns
Q
g
Total Gate Charge
V
DS = 15 V, ID = 2.5 A
2.3
3.2
nC
Q
gs
Gate-Source Charge
V
GS = 5 V
0.7
1
nC
Q
gd
Gate-Drain Charge
0.9
1.3
nC
DRAIN-SOURCE DIODE CHARACTERISTICS
I
S
Continuous Source Diode Current
0.75
A
V
SD
Drain-Source Diode Forward Voltage
V
GS = 0 V, IS = 0.75 A
(Note 2)
0.78
1.2
V
Notes:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins. RθJC is guaranteed
by design while RθCA is determined by the user's board design.
2. Pulse Test: Pulse Width < 300µs, Duty Cycle < 2.0%.
FDC6561AN Rev.C
c. 180
OC/W on a minimum pad.
b. 140
OC/W on a 0.005 in2 pad of
2oz copper.
a. 130
OC/W on a 0.125 in2 pad of
2oz copper.


Số phần tương tự - FDC6561AN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FDC6506 FAIRCHILD-FDC6506 Datasheet
204Kb / 8P
   Dual P-Channel Logic Level PowerTrench??MOSFET
FDC6506P FAIRCHILD-FDC6506P Datasheet
204Kb / 8P
   Dual P-Channel Logic Level PowerTrench??MOSFET
logo
VBsemi Electronics Co.,...
FDC6506P VBSEMI-FDC6506P Datasheet
1Mb / 9P
   Dual P-Channel 20 V (D-S) MOSFET
logo
Fairchild Semiconductor
FDC653 FAIRCHILD-FDC653 Datasheet
70Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
FDC653N FAIRCHILD-FDC653N Datasheet
70Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results

Mô tả tương tự - FDC6561AN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FDS6912A FAIRCHILD-FDS6912A Datasheet
222Kb / 4P
   Dual N-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6990A FAIRCHILD-FDS6990A Datasheet
119Kb / 5P
   Dual N-Channel Logic Level PowerTrenchTM MOSFET
FDS6930A FAIRCHILD-FDS6930A Datasheet
195Kb / 8P
   Dual N-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6961A FAIRCHILD-FDS6961A Datasheet
241Kb / 8P
   Dual N-Channel Logic Level PowerTrenchTM MOSFET
FDP6035AL FAIRCHILD-FDP6035AL Datasheet
93Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDN359AN FAIRCHILD-FDN359AN Datasheet
264Kb / 8P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDP6670AL FAIRCHILD-FDP6670AL Datasheet
413Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDP7030BL FAIRCHILD-FDP7030BL Datasheet
112Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDS6630A FAIRCHILD-FDS6630A Datasheet
197Kb / 8P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDD6690A FAIRCHILD-FDD6690A Datasheet
61Kb / 5P
   N-Channel, Logic Level, PowerTrenchTM MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com