công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FDC638P bảng dữ liệu(PDF) 2 Page - Fairchild Semiconductor

tên linh kiện FDC638P
Giải thích chi tiết về linh kiện  P-Channel 2.5V Specified PowerTrenchTM MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC638P bảng dữ liệu(HTML) 2 Page - Fairchild Semiconductor

  FDC638P Datasheet HTML 1Page - Fairchild Semiconductor FDC638P Datasheet HTML 2Page - Fairchild Semiconductor FDC638P Datasheet HTML 3Page - Fairchild Semiconductor FDC638P Datasheet HTML 4Page - Fairchild Semiconductor FDC638P Datasheet HTML 5Page - Fairchild Semiconductor FDC638P Datasheet HTML 6Page - Fairchild Semiconductor FDC638P Datasheet HTML 7Page - Fairchild Semiconductor FDC638P Datasheet HTML 8Page - Fairchild Semiconductor FDC638P Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
OFF CHARACTERISTICS
BV
DSS
Drain-Source Breakdown Voltage
V
GS = 0 V, ID = -250 µA
-20
V
BV
DSS/TJ
Breakdown Voltage Temp. Coefficient
I
D = -250 µA, Referenced to 25
o
C
-18
mV/
o
C
I
DSS
Zero Gate Voltage Drain Current
V
DS = -16 V,
V
GS = 0 V
-1
µA
T
J = 55
o
C
-10
µA
I
GSSF
Gate - Body Leakage, Forward
V
GS = 8 V, VDS = 0 V
100
nA
I
GSSR
Gate - Body Leakage, Reverse
V
GS = -8 V, VDS = 0 V
-100
nA
ON CHARACTERISTICS (Note 2)
V
GS(th)
Gate Threshold Voltage
V
DS = VGS,
I
D = -250 µA
-0.4
-0.9
-1.5
V
V
GS(th)/TJ
Gate Threshold VoltageTemp.Coefficient
I
D = -250 µA, Referenced to 25
o
C
3
mV/
o
C
R
DS(ON)
Static Drain-Source On-Resistance
V
GS = -4.5 V, ID = -4.5 A
0.039
0.045
T
J = 125
o
C
0.054
0.072
V
GS = -2.5 V, ID = -3.8 A
0.057
0.065
I
D(on)
On-State Drain Current
V
GS = -4.5 V, VDS = -5 V
-20
A
g
FS
Forward Transconductance
V
DS = -10 V, ID = -4.5 A
6.5
S
DYNAMIC CHARACTERISTICS
C
iss
Input Capacitance
V
DS = -10 V,
V
GS = 0 V,
1240
pF
C
oss
Output Capacitance
f = 1.0 MHz
270
pF
C
rss
Reverse Transfer Capacitance
100
pF
SWITCHING CHARACTERISTICS (Note 2)
t
D(on)
Turn - On Delay Time
V
DD = -5 V, ID = -1 A,
8
16
ns
t
r
Turn - On Rise Time
V
GS = -4.5 V, RGEN = 6
15
27
ns
t
D(off)
Turn - Off Delay Time
45
65
ns
t
f
Turn - Off Fall Time
30
50
ns
Q
g
Total Gate Charge
V
DS = -10 V, ID = -4.5 A,
13
19
nC
Q
gs
Gate-Source Charge
V
GS = -5 V
1.8
nC
Q
gd
Gate-Drain Charge
3
nC
DRAIN-SOURCE DIODE CHARACTERISTICS
I
S
Continuous Source Diode Current
-1.3
A
V
SD
Drain-Source Diode Forward Voltage
V
GS = 0 V, IS = -1.3 A
(Note 2)
-0.75
-1.2
V
Notes:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins. RθJC is
guaranteed by design while RθCA is determined by the user's board design.
a. 78
oC/W when mounted on a 1 in2 pad of 2oz Cu on FR-4 board.
b. 156
oC/W when mounted on a minimum pad.
2. Pulse Test: Pulse Width < 300µs, Duty Cycle< 2.0%.
FDC638P Rev.D


Số phần tương tự - FDC638P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FDC638P FAIRCHILD-FDC638P Datasheet
156Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
logo
VBsemi Electronics Co.,...
FDC638P VBSEMI-FDC638P Datasheet
1,006Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Fairchild Semiconductor
FDC638P FAIRCHILD-FDC638P_01 Datasheet
156Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
More results

Mô tả tương tự - FDC638P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FDC640P FAIRCHILD-FDC640P Datasheet
261Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDS6576 FAIRCHILD-FDS6576 Datasheet
607Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
USB10P FAIRCHILD-USB10P Datasheet
279Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDR838P FAIRCHILD-FDR838P Datasheet
204Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDN336P FAIRCHILD-FDN336P Datasheet
64Kb / 5P
   Single P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDS6375 FAIRCHILD-FDS6375 Datasheet
194Kb / 8P
   Single P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDS6875 FAIRCHILD-FDS6875 Datasheet
194Kb / 8P
   Dual P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDZ202P FAIRCHILD-FDZ202P Datasheet
35Kb / 4P
   P-Channel 2.5V Specified PowerTrenchTM BGA MOSFET
FDC6327C FAIRCHILD-FDC6327C Datasheet
323Kb / 12P
   Dual N & P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDZ2552P FAIRCHILD-FDZ2552P Datasheet
52Kb / 4P
   Dual P-Channel 2.5V Specified PowerTrenchTM BGA MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com