công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FDC6327C bảng dữ liệu(PDF) 3 Page - Fairchild Semiconductor

tên linh kiện FDC6327C
Giải thích chi tiết về linh kiện  Dual N & P-Channel 2.5V Specified PowerTrenchTM MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC6327C bảng dữ liệu(HTML) 3 Page - Fairchild Semiconductor

  FDC6327C Datasheet HTML 1Page - Fairchild Semiconductor FDC6327C Datasheet HTML 2Page - Fairchild Semiconductor FDC6327C Datasheet HTML 3Page - Fairchild Semiconductor FDC6327C Datasheet HTML 4Page - Fairchild Semiconductor FDC6327C Datasheet HTML 5Page - Fairchild Semiconductor FDC6327C Datasheet HTML 6Page - Fairchild Semiconductor FDC6327C Datasheet HTML 7Page - Fairchild Semiconductor FDC6327C Datasheet HTML 8Page - Fairchild Semiconductor FDC6327C Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
FDC6327C, Rev. E
Electrical Characteristics (continued)
T
A = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Type Min
Typ
Max Units
Switching Characteristics (Note 2)
td(on)
Turn-On Delay Time
N-Ch
P-Ch
5
7
15
14
ns
tr
Turn-On Rise Time
N-Ch
P-Ch
9
14
18
25
ns
td(off)
Turn-Off Delay Time
N-Ch
P-Ch
12
14
22
25
ns
tf
Turn-Off Fall Time
N-Channel
VDD = 10 V, ID = 1 A,
VGS = 4.5V, RGEN = 6
P-Channel
VDD = -10 V, ID = -1 A,
VGS = -4.5 V, RGEN = 6
N-Ch
P-Ch
3
3
9
9
ns
Qg
Total Gate Charge
N-Ch
P-Ch
3.25
2.85
4.5
4.0
nC
Qgs
Gate-Source Charge
N-Ch
P-Ch
0.65
0.68
nC
Qgd
Gate-Drain Charge
N-Channel
VDS = 10 V, ID = 2.7 A, VGS = 4.5V
P-Channel
VDS = -10 V, ID = -1.9 A,VGS = -4.5V
N-Ch
P-Ch
0.90
0.65
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
N-Ch
P-Ch
0.8
-0.8
A
VSD
Drain-Source Diode Forward
Voltage
VGS = 0 V, IS = 0.8 A (Note 2)
VGS = 0 V, IS = - 0.8 A (Note 2)
N-Ch
P-Ch
0.76
-0.79
1.2
-1.2
V
Notes:
1: RθJA is the sum of the junction-to-case and case-to-ambient resistance where the case thermal reference is defined as the solder mounting surface of the drain pins.
RθJC is guaranteed by design while RθJA is determined by the user's board design. Both devices are assumed to be operating and sharing the dissipated heat energy
equally.
Scale 1 : 1 on letter size paper
2: Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2.0%
a) 130
°C/W when
mounted on a 0.125 in2
pad of 2 oz. copper.
b) 140
°C/W when
mounted on a 0.005 in2
pad of 2 oz. copper.
c) 180
°C/W when
mounted on a 0.0015 in2
pad of 2 oz. copper.


Số phần tương tự - FDC6327C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
VBsemi Electronics Co.,...
FDC6327C VBSEMI-FDC6327C Datasheet
1Mb / 10P
   N- and P-Channel V (D-S) MOSFET
More results

Mô tả tương tự - FDC6327C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FDS6875 FAIRCHILD-FDS6875 Datasheet
194Kb / 8P
   Dual P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDC640P FAIRCHILD-FDC640P Datasheet
261Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDC6305N FAIRCHILD-FDC6305N Datasheet
246Kb / 8P
   Dual N-Channel 2.5V Specified PowerTrenchTM MOSFET
FDS6890A FAIRCHILD-FDS6890A Datasheet
241Kb / 8P
   Dual N-Channel 2.5V Specified PowerTrenchTM MOSFET
FDC638P FAIRCHILD-FDC638P Datasheet
240Kb / 9P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDS6576 FAIRCHILD-FDS6576 Datasheet
607Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
USB10P FAIRCHILD-USB10P Datasheet
279Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDR838P FAIRCHILD-FDR838P Datasheet
204Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDZ2552P FAIRCHILD-FDZ2552P Datasheet
52Kb / 4P
   Dual P-Channel 2.5V Specified PowerTrenchTM BGA MOSFET
FDN335N FAIRCHILD-FDN335N Datasheet
210Kb / 8P
   N-Channel 2.5V Specified PowerTrenchTM MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com