công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FDC6320 bảng dữ liệu(PDF) 3 Page - Fairchild Semiconductor

tên linh kiện FDC6320
Giải thích chi tiết về linh kiện  Dual N & P Channel , Digital FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC6320 bảng dữ liệu(HTML) 3 Page - Fairchild Semiconductor

  FDC6320 Datasheet HTML 1Page - Fairchild Semiconductor FDC6320 Datasheet HTML 2Page - Fairchild Semiconductor FDC6320 Datasheet HTML 3Page - Fairchild Semiconductor FDC6320 Datasheet HTML 4Page - Fairchild Semiconductor FDC6320 Datasheet HTML 5Page - Fairchild Semiconductor FDC6320 Datasheet HTML 6Page - Fairchild Semiconductor FDC6320 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DMOS Electrical Characteristics (T
A = 25
O
C unless otherwise noted )
Symbol
Parameter
Conditions
Type
Min
Typ
Max
Units
SWITCHING CHARACTERISTICS (Note 2)
t
D(on)
Turn - On Delay Time
N-Channel
N-Ch
5
11
nS
V
DD = 6 V, ID = 0.5 A,
P-Ch
6
12
t
r
Turn - On Rise Time
V
GS = 4.5 V, RGEN = 50
N-Ch
4.5
10
nS
P-Ch
6
12
t
D(off)
Turn - Off Delay Time
P-Channel
N-Ch
4
10
nS
V
DD = -6 V, ID = -0.5 A,
P-Ch
7.4
15
t
f
Turn - Off Fall Time
V
GEN= -4.5 V, RGEN = 50
N-Ch
3.2
8
nS
P-Ch
4
10
Q
g
Total Gate Charge
N-Channel
V
DS = 5 V,
I
D = 0.2 A, VGS = 4.5 V
P-Channel
V
DS = -5 V,
I
D = -0.2A, VGS = -4.5 V
N-Ch
0.29
0.4
nC
P-Ch
0.23
0.32
Q
gs
Gate-Source Charge
N-Ch
0.105
nC
P-Ch
0.12
Q
gd
Gate-Drain Charge
N-Ch
0.045
nC
P-Ch
0.03
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
I
S
Maximum Continuous Drain-Source Diode Forward Current
N-Ch
0.5
A
P-Ch
-0.5
V
SD
Drain-Source Diode Forward Voltage
V
GS = 0 V, IS = 0.5 A
(Note 2)
N-Ch
0.97
1.3
V
V
GS = 0 V, IS = -0.5 A
(Note 2)
P-Ch
-1
-1.3
Notes:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins. RθJC is guaranteed by
design while RθCA is determined by the user's board design.
Typical RθJA using the board layouts shown below on FR-4 PCB in a still air environment:
Scale 1 : 1 on letter size paper
2. Pulse Test: Pulse Width < 300µs, Duty Cycle < 2.0%.
FDC6320C.Rev C
b. 180
OC/W on a 0.005 in2 of pad
of 2oz copper.
a. 140
OC/W on a 0.125 in2 pad of
2oz copper.


Số phần tương tự - FDC6320

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FDC6321C FAIRCHILD-FDC6321C Datasheet
273Kb / 11P
   Dual N & P Channel , Digital FET
logo
VBsemi Electronics Co.,...
FDC6321C VBSEMI-FDC6321C Datasheet
1Mb / 10P
   N- and P-Channel V (D-S) MOSFET
logo
TECH PUBLIC Electronics...
FDC6321C-TP TECHPUBLIC-FDC6321C-TP Datasheet
1Mb / 3P
   N-Channel P-Channel Enhancement Mode MOSFET
logo
Fairchild Semiconductor
FDC6322 FAIRCHILD-FDC6322 Datasheet
96Kb / 7P
   Dual N & P Channel , Digital FET
FDC6322C FAIRCHILD-FDC6322C Datasheet
96Kb / 7P
   Dual N & P Channel , Digital FET
More results

Mô tả tương tự - FDC6320

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FDC6322C FAIRCHILD-FDC6322C Datasheet
96Kb / 7P
   Dual N & P Channel , Digital FET
FDG6322C FAIRCHILD-FDG6322C_08 Datasheet
674Kb / 9P
   Dual N & P Channel Digital FET
FDG6321C FAIRCHILD-FDG6321C Datasheet
196Kb / 12P
   Dual N & P Channel Digital FET
FDG6322C FAIRCHILD-FDG6322C Datasheet
247Kb / 12P
   Dual N & P Channel Digital FET
FDG6320C FAIRCHILD-FDG6320C Datasheet
196Kb / 12P
   Dual N & P Channel Digital FET
FDC6321C FAIRCHILD-FDC6321C Datasheet
273Kb / 11P
   Dual N & P Channel , Digital FET
FDG6302P FAIRCHILD-FDG6302P Datasheet
302Kb / 8P
   Dual P-Channel, Digital FET
FDC6304P FAIRCHILD-FDC6304P Datasheet
74Kb / 4P
   Digital FET, Dual P-Channel
FDG6318P FAIRCHILD-FDG6318P Datasheet
123Kb / 5P
   Dual P-Channel, Digital FET
FDG6318PZ FAIRCHILD-FDG6318PZ Datasheet
217Kb / 9P
   Dual P-Channel, Digital FET
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com