công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FDC6301N bảng dữ liệu(PDF) 1 Page - Fairchild Semiconductor

tên linh kiện FDC6301N
Giải thích chi tiết về linh kiện  Dual N-Channel , Digital FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC6301N bảng dữ liệu(HTML) 1 Page - Fairchild Semiconductor

  FDC6301N Datasheet HTML 1Page - Fairchild Semiconductor FDC6301N Datasheet HTML 2Page - Fairchild Semiconductor FDC6301N Datasheet HTML 3Page - Fairchild Semiconductor FDC6301N Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
July 1997
FDC6301N
Dual N-Channel , Digital FET
General Description
Features
Absolute Maximum Ratings T
A = 25
oC unless other wise noted
Symbol
Parameter
FDC6301N
Units
V
DSS, VCC
Drain-Source Voltage, Power Supply Voltage
25
V
V
GSS, VIN
Gate-Source Voltage, V
IN
8
V
I
D, IOUT
Drain/Output Current
- Continuous
0.22
A
- Pulsed
0.5
P
D
Maximum Power Dissipation
(Note 1a)
(Note 1b)
0.9
W
0.7
T
J,TSTG
Operating and Storage Temperature Range
-55 to 150
°C
ESD
Electrostatic Discharge Rating MIL-STD-883D
Human Body Model (100pf / 1500 Ohm)
6.0
kV
THERMAL CHARACTERISTICS
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
140
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
60
°C/W
FDC6301N Rev.C
25 V, 0.22 A continuous, 0.5 A Peak.
R
DS(ON) = 5 @ VGS= 2.7 V
R
DS(ON) = 4 @ VGS= 4.5 V.
Very low level gate drive requirements allowing direct
operation in 3V circuits. V
GS(th) < 1.5V.
Gate-Source Zener for ESD ruggedness.
>6kV Human Body Model.
These dual N-Channel logic level enhancement mode field
effect transistors are produced using Fairchild 's proprietary,
high cell density, DMOS technology. This very high density
process is especially tailored to minimize on-state resistance.
This
device has been designed especially for low voltage
applications as a replacement for digital transistors. Since bias
resistors are not required, these N-Channel FET's can replace
several digital transistors, with a variety of bias resistors.
D
S
G
IN
GND
Vcc
INVERTER APPLICATION
OUT
Mark: .301
1
5
4
2
3
6
SOT-23
SuperSOT
TM-8
SOIC-16
SO-8
SOT-223
SuperSOT
TM-6
© 1997 Fairchild Semiconductor Corporation


Số phần tương tự - FDC6301N

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FDC6301N FAIRCHILD-FDC6301N Datasheet
374Kb / 5P
   Dual N-Channel , Digital FET
logo
TECH PUBLIC Electronics...
FDC6301N-TP TECHPUBLIC-FDC6301N-TP Datasheet
870Kb / 3P
   Dual N-Channel Enhancement Mode MOSFET
logo
Fairchild Semiconductor
FDC6301N FAIRCHILD-FDC6301N_01 Datasheet
374Kb / 5P
   Dual N-Channel , Digital FET
More results

Mô tả tương tự - FDC6301N

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FDG6301N FAIRCHILD-FDG6301N Datasheet
226Kb / 8P
   Dual N-Channel, Digital FET
FDG6313N FAIRCHILD-FDG6313N Datasheet
58Kb / 5P
   Dual N-Channel, Digital FET
FDC6301N FAIRCHILD-FDC6301N_01 Datasheet
374Kb / 5P
   Dual N-Channel , Digital FET
FDG6301N_F085 FAIRCHILD-FDG6301N_F085 Datasheet
351Kb / 5P
   Dual N-Channel, Digital FET
logo
ON Semiconductor
FDG6301N-F085 ONSEMI-FDG6301N-F085 Datasheet
640Kb / 6P
   Dual N-Channel, Digital FET
September, 2019 - Rev. 3
logo
Shenzhen Huazhimei Semi...
HM2302BWSR HMSEMI-HM2302BWSR Datasheet
199Kb / 5P
   Dual N-Channel Digital FET
logo
Fairchild Semiconductor
FDG6303N FAIRCHILD-FDG6303N_01 Datasheet
413Kb / 5P
   Dual N-Channel, Digital FET
FDC6303N FAIRCHILD-FDC6303N Datasheet
72Kb / 4P
   Digital FET, Dual N-Channel
FDG6303N FAIRCHILD-FDG6303N Datasheet
226Kb / 8P
   Dual N-Channel, Digital FET
FDG6301N FAIRCHILD-FDG6301N_09 Datasheet
351Kb / 5P
   Dual N-Channel, Digital FET
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com