công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BA2901SF bảng dữ liệu(PDF) 3 Page - Rohm

tên linh kiện BA2901SF
Giải thích chi tiết về linh kiện  Ground Sense Comparators
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ROHM [Rohm]
Trang chủ  http://www.rohm.com
Logo ROHM - Rohm

BA2901SF bảng dữ liệu(HTML) 3 Page - Rohm

  BA2901SF Datasheet HTML 1Page - Rohm BA2901SF Datasheet HTML 2Page - Rohm BA2901SF Datasheet HTML 3Page - Rohm BA2901SF Datasheet HTML 4Page - Rohm BA2901SF Datasheet HTML 5Page - Rohm BA2901SF Datasheet HTML 6Page - Rohm BA2901SF Datasheet HTML 7Page - Rohm BA2901SF Datasheet HTML 8Page - Rohm BA2901SF Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Technical Note
3/24
BA10393F,BA10339F,BA10339FV,BA2903SF,BA2903SFV,BA2903SFVM,BA2903F,BA2903FV,
BA2903FVM,BA2901SF,BA2901SFV,BA2901SKN,BA2901F,BA2901FV,BA2901KN,BA8391G
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
○BA10393 family(Unless otherwise specified VCC=+5[V], VEE=0[V], Ta=25[℃])
Parameter
Symbol
Temperature
range
Limits
Unit
Condition
BA10393 family
Min.
Typ.
Max.
Input Offset Voltage
(*5)
Vio
25℃
-
1
5
mV
VOUT = 1.4[V]
Input Offset Current
(*5)
Iio
25℃
-
5
50
nA
VOUT = 1.4[V]
Input Bias Current
(*6)
Ib
25℃
-
50
250
nA
VOUT = 1.4[V]
Input Common-mode
Voltage Range
Vicm
25℃
0
-
VCC-1.5
V
-
Large Signal Voltage Gain
AV
25℃
93
106
-
dB
RL = 15[k
Ω], VCC = 15[V],
VRL = 15[V], VOUT = 1.4~11.4[V]
Supply Current
ICC
25℃
-
0.4
1
mA
RL = ∞ All Comparators
Output Sink Current
IOL
25℃
6
16
-
mA
VIN- = 1[V], VIN+ = 0[V],
VOL = 1.5[V]
Output Saturation Voltage
(Low level output voltage)
VOL
25℃
-
250
400
mV
VIN- = 1[V], VIN+ = 0[V],
IOL = 4[mA]
Output Leakage Current
(High level output voltage)
Ileak
25℃
-
0.1
-
μA
VIN- = 0[V], VIN+ = 1[V],
VOH = 5[V]
25℃
-
-
1
μA
VIN- = 0[V], VIN+ = 1[V],
VOH = 36[V]
Response Time
Tre
25℃
-
1.3
-
μs
RL = 5.1[k
Ω], VRL = 5[V]
VIN=100[mVp-p],overdrive=5[mV]
(*5)
Absolute value
(*6)
Current Direction: Since first input stage is composed with PNP transistor, input bias current flows out of IC.
○BA10339 family(Unless otherwise specified VCC=+5[V], VEE=0[V], Ta=25[℃])
Parameter
Symbol
Temperature
range
Limits
Unit
Condition
BA10339 family
Min.
Typ.
Max.
Input Offset Voltage
(*7)
Vio
25℃
-
±1
±5
mV
VOUT = 1.4[V]
Input Offset Current
(*7)
Iio
25℃
-
±5
±50
nA
VOUT = 1.4[V]
Input Bias Current
(*8)
Ib
25℃
-
50
250
nA
VOUT = 1.4[V]
Input Common-mode
Voltage Range
Vicm
25℃
0
-
VCC-1.5
V
-
Large Signal Voltage Gain
AV
25℃
93
106
-
dB
RL = 15[k
Ω],VCC = 15[V]
Supply Current
ICC
25℃
-
0.8
2
mA
RL = ∞ All Comparators
Output Sink Current
IOL
25℃
6
16
-
mA
VIN- = 1[V], VIN+ = 0[V],
VOUT = 1.5[V]
Output Saturation Voltage
(Low level output voltage)
VOL
25℃
-
250
400
mV
VIN- = 1[V], VIN+ = 0[V],
IOL = 4[mA]
Output Leakage Current
(High level output voltage)
Ileak
25℃
-
0.1
-
μA
VIN- = 0[V], VIN+ = 1[V],
VOUT = 5[V]
25℃
-
-
1
μA
VIN- = 0[V], VIN+ = 1[V],
VOUT = 36[V]
Response Time
Tre
25℃
-
1.3
-
μs
RL = 5.1[k
Ω], VRL = 5[V]
VIN=100[mVp-p],overdrive=5[mV]
(*7)
Absolute value
(*8)
Current Direction : Since first input stage is composed with PNP transistor, input bias current flows out of IC.


Số phần tương tự - BA2901SF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BA2901SF ROHM-BA2901SF Datasheet
574Kb / 20P
   Comparators: Ground Sense
BA2901SF ROHM-BA2901SF Datasheet
466Kb / 20P
   Comparators : Ground Sense
BA2901SF ROHM-BA2901SF Datasheet
551Kb / 25P
   Ground Sense Comparators
BA2901SF ROHM-BA2901SF Datasheet
533Kb / 25P
   Ground Sense Comparators
BA2901SF ROHM-BA2901SF Datasheet
958Kb / 56P
   Ground Sense Comparator
More results

Mô tả tương tự - BA2901SF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BA10393F-E2 ROHM-BA10393F-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_09 Datasheet
574Kb / 20P
   Comparators: Ground Sense
LM393XXX ROHM-LM393XXX Datasheet
4Mb / 40P
   Ground Sense Comparators
15.Jul.2016 Rev.002
BA2903YF-LB ROHM-BA2903YF-LB Datasheet
677Kb / 31P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_10 Datasheet
466Kb / 20P
   Comparators : Ground Sense
BA10393F ROHM-BA10393F_11 Datasheet
551Kb / 25P
   Ground Sense Comparators
BA2903YFC ROHM-BA2903YFC Datasheet
825Kb / 32P
   Automotive Ground Sense Comparators
BA2903YFV-C ROHM-BA2903YFV-C Datasheet
1Mb / 33P
   Automotive Ground Sense Comparators
29.Sep.2015 Rev.005
BA2901YF-M ROHM-BA2901YF-M Datasheet
531Kb / 27P
   Automotive Ground Sense Comparators
BA2903YF-CE2 ROHM-BA2903YF-CE2 Datasheet
1Mb / 34P
   Automotive Ground Sense Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com