công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AZV331 bảng dữ liệu(PDF) 10 Page - BCD Semiconductor Manufacturing Limited

tên linh kiện AZV331
Giải thích chi tiết về linh kiện  SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Trang chủ  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZV331 bảng dữ liệu(HTML) 10 Page - BCD Semiconductor Manufacturing Limited

Back Button AZV331_10 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZV331_10 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZV331_10 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZV331_10 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZV331_10 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AZV331_10 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AZV331_10 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AZV331_10 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AZV331_10 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
AZV321
10
Mar. 2010 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
10
BCD Semiconductor Manufacturing Limited
Data Sheet
SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
AZV331
Figure 22. 500kHz Response
Figure 20. 100kHz Response
V
CC=5V, RL=5.1KΩ
Input
Output
Input Overdrive Voltage=100mV
Figure 21. 100kHz Response
Typical Performance Characteristics (Continued)
TA=25oC, unless otherwise specified.
Input Overdrive Voltage=10mV
Input
Output
V
CC=5V, RL=5.1KΩ
Input Overdrive Voltage=100mV
Input
Output
V
CC=5V, RL=5.1KΩ


Số phần tương tự - AZV331_10

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
BCD Semiconductor Manuf...
AZV331KSTR-E1 BCDSEMI-AZV331KSTR-E1 Datasheet
384Kb / 14P
   SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
Diodes Incorporated
AZV331KSTR-E1 DIODES-AZV331KSTR-E1 Datasheet
461Kb / 15P
   SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
AZV331KSTR-G1 DIODES-AZV331KSTR-G1 Datasheet
461Kb / 15P
   SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
BCD Semiconductor Manuf...
AZV331KTR-E1 BCDSEMI-AZV331KTR-E1 Datasheet
384Kb / 14P
   SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
Diodes Incorporated
AZV331KTR-E1 DIODES-AZV331KTR-E1 Datasheet
461Kb / 15P
   SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
More results

Mô tả tương tự - AZV331_10

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
BCD Semiconductor Manuf...
AZV321 BCDSEMI-AZV321 Datasheet
331Kb / 13P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
AZV321 BCDSEMI-AZV321_01 Datasheet
66Kb / 2P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
AZV321 BCDSEMI-AZV321_10 Datasheet
893Kb / 13P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
logo
Diodes Incorporated
AZV321 DIODES-AZV321 Datasheet
391Kb / 13P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
September 2013 Rev. 2 - 0
logo
ON Semiconductor
NCS2003 ONSEMI-NCS2003 Datasheet
457Kb / 10P
   Low Voltage, Rail-to-Rail Output Operational Amplifier
January, 2014 ??Rev. 2
logo
Unisonic Technologies
LV321 UTC-LV321_11 Datasheet
520Kb / 11P
   SINGLE GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMV358A TI1-LMV358A Datasheet
1Mb / 29P
[Old version datasheet]   Dual Low-Voltage Rail-to-Rail Output Operational Amplifier
LMV358A TI1-LMV358A_17 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Low-Voltage Rail-to-Rail Output Operational Amplifier
logo
New Japan Radio
NJU7056 NJRC-NJU7056 Datasheet
242Kb / 8P
   Rail-to-Rail Output Single CMOS Operational Amplifier
NJM2730F-TE1 NJRC-NJM2730F-TE1 Datasheet
298Kb / 9P
   Rail-to-Rail Input/Output Single Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com