công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DM74S373WM bảng dữ liệu(PDF) 3 Page - Fairchild Semiconductor

tên linh kiện DM74S373WM
Giải thích chi tiết về linh kiện  3-STATE Octal D-Type Transparent Latches
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74S373WM bảng dữ liệu(HTML) 3 Page - Fairchild Semiconductor

  DM74S373WM Datasheet HTML 1Page - Fairchild Semiconductor DM74S373WM Datasheet HTML 2Page - Fairchild Semiconductor DM74S373WM Datasheet HTML 3Page - Fairchild Semiconductor DM74S373WM Datasheet HTML 4Page - Fairchild Semiconductor DM74S373WM Datasheet HTML 5Page - Fairchild Semiconductor DM74S373WM Datasheet HTML 6Page - Fairchild Semiconductor DM74S373WM Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
DM74S373 Recommended Operating Conditions
Note 2: CL = 15 pF, RL = 280Ω, TA = 25°C and VCC = 5V.
Note 3: CL = 50 pF and RL = 280Ω, TA = 25°C and VCC = 5V.
Note 4: The symbol (
↓) indicates the falling edge of the clock pulse is used for reference.
Note 5: TA = 25°C and VCC = 5V.
DM74S373 Electrical Characteristics
over recommended operating free air temperature (unless otherwise noted)
Note 6: All typicals are at VCC = 5V, TA = 25°C.
Note 7: Not more than one output should be shorted at a time, and the duration should not exceed one second.
Supply Voltage
7V
Input Voltage
5.5V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.75
5
5.25
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−6.5
mA
IOL
LOW Level Output Current
20
mA
tW
Pulse Width (Note 2)
Enable HIGH
6
ns
Enable LOW
7.3
tW
Pulse Width (Note 3)
Enable HIGH
15
ns
Enable LOW
15
ns
tSU
Data Setup Time (Note 4)(Note 5)
0
ns
tH
Data Hold Time (Note 4)(Note 5)
10
ns
TA
Free Air Operating Temperature
0
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 6)
VI
Input Clamp Voltage
VCC = Min, II = −18 mA
−1.2
V
VOH
HIGH Level
VCC = Min, IOH = Max
2.4
3.2
V
Output Voltage
VIL = Max, VIH = Min
VOL
LOW Level
VCC = Min, IOL = Max
0.5
V
Output Voltage
VIH = Min, VIL = Max
II
Input Current @ Max Input Voltage VCC = Max, VI = 5.5V
1
mA
IIH
HIGH Level Input Current
VCC = Max, VI = 2.7V
50
µA
IIL
LOW Level Input Current
VCC = Max, VI = 0.5V
−250
µA
IOZH
Off-State Output Current with
VCC = Max, VO = 2.4V
50
µA
HIGH Level Output Voltage Applied VIH = Min, VIL = Max
IOZL
Off-State Output Current with
VCC = Max, VO = 0.5V
−50
µA
LOW Level Output Voltage Applied VIH = Min, VIL = Max
IOS
Short Circuit Output Current
VCC = Max (Note 7)
−40
−100
mA
ICC
Supply Current
VCC = Max
Outputs HIGH or LOW
105
160
mA
Outputs Disabled
190


Số phần tương tự - DM74S373WM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
DM74S30 FAIRCHILD-DM74S30 Datasheet
33Kb / 3P
   8-Input NAND Gate
DM74S30N FAIRCHILD-DM74S30N Datasheet
33Kb / 3P
   8-Input NAND Gate
DM74S32 FAIRCHILD-DM74S32 Datasheet
33Kb / 3P
   Quad 2-Input OR Gate
logo
National Semiconductor ...
DM74S32 NSC-DM74S32 Datasheet
88Kb / 4P
   Quad 2-Input OR Gates
DM74S32N NSC-DM74S32N Datasheet
88Kb / 4P
   Quad 2-Input OR Gates
More results

Mô tả tương tự - DM74S373WM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
   Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
   Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Texas Instruments
SN54BCT573 TI-SN54BCT573 Datasheet
73Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54F373 TI-SN54F373 Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
CD54HCT373 TI-CD54HCT373 Datasheet
319Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALS563A TI-SN54ALS563A Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ALS573C TI-SN54ALS573C Datasheet
109Kb / 9P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ACT573 TI-SN54ACT573 Datasheet
520Kb / 16P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ABT533 TI-SN54ABT533 Datasheet
483Kb / 14P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LV573A HITACHI-HD74LV573A Datasheet
66Kb / 16P
   Octal D-type Transparent Latches with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com